Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5064 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD5064
Szczegółowy opis  2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5064 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD5064 Datasheet HTML 7Page - Analog Devices AD5064 Datasheet HTML 8Page - Analog Devices AD5064 Datasheet HTML 9Page - Analog Devices AD5064 Datasheet HTML 10Page - Analog Devices AD5064 Datasheet HTML 11Page - Analog Devices AD5064 Datasheet HTML 12Page - Analog Devices AD5064 Datasheet HTML 13Page - Analog Devices AD5064 Datasheet HTML 14Page - Analog Devices AD5064 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD5512A/AD5542A
Rev. A | Page 11 of 24
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
–0.8
–0.9
–40
25
85
TEMPERATURE (°C)
VDD = 5V
VREF = 2.5V
TA = 25°C
Figure 13. AD5512A/AD5542A Gain Error vs. Temperature
132
116
118
120
122
124
126
128
130
–40
25
85
TEMPERATURE (°C)
VDD = 5V
VREF = 2.5V
TA = 25°C
Figure 14. AD5512A/AD5542A Supply Current vs. Temperature
200
0
20
40
60
80
100
120
140
160
180
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21
DIGITAL INPUT VOLTAGE (V)
Figure 15. AD5512A/AD5542A Supply Current vs. Digital Input Voltage
0.15
–0.15
–0.10
–0.05
0
0.05
0.10
–40
25
85
TEMPERATURE (°C)
VDD = 5V
VREF = 2.5V
TA = 25°C
Figure 16. AD5512A/AD5542A Zero-Code Error vs. Temperature
0
0.5
1.0
1.5
2.0
0
1
2
3
4
5
6
VOLTAGE (V)
REFERENCE VOLTAGE
VDD = 5V
SUPPLY VOLTAGE
VREF = 2.5V
TA = 25°C
Figure 17. AD5512A/AD5542A Supply Current vs. Reference Voltage or
Supply Voltage
200
150
100
50
0
0
70,000
60,000
50,000
40,000
30,000
20,000
10,000
CODE (Decimal)
VDD = 5V
VREF = 2.5V
TA = 25°C
Figure 18. AD5512A/AD5542A Reference Current vs. Code


Podobny numer części - AD5064

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5064 AD-AD5064 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
REV. 0
AD5064 AD-AD5064 Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
AD5064 AD-AD5064 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5064 AD-AD5064 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad,SPI Interface
AD50641 AD-AD50641 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
More results

Podobny opis - AD5064

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7303BRZ AD-AD7303BRZ Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303 AD-AD7303 Datasheet
361Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BRZ AD-AD7303BRZ Datasheet
363Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BNZ AD-AD7303BNZ Datasheet
363Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303 AD-AD7303_15 Datasheet
363Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BNZ AD-AD7303BNZ Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD5542LRZ AD-AD5542LRZ Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5542 AD-AD5542_15 Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5542ARZ AD-AD5542ARZ Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5541 AD-AD5541_12 Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com