Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7940BRJZ-REEL7 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD7940BRJZ-REEL7
Szczegółowy opis  3 mW, 100 kSPS, 14-Bit ADC in 6-Lead SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7940BRJZ-REEL7 Arkusz danych(HTML) 3 Page - Analog Devices

  AD7940BRJZ-REEL7 Datasheet HTML 1Page - Analog Devices AD7940BRJZ-REEL7 Datasheet HTML 2Page - Analog Devices AD7940BRJZ-REEL7 Datasheet HTML 3Page - Analog Devices AD7940BRJZ-REEL7 Datasheet HTML 4Page - Analog Devices AD7940BRJZ-REEL7 Datasheet HTML 5Page - Analog Devices AD7940BRJZ-REEL7 Datasheet HTML 6Page - Analog Devices AD7940BRJZ-REEL7 Datasheet HTML 7Page - Analog Devices AD7940BRJZ-REEL7 Datasheet HTML 8Page - Analog Devices AD7940BRJZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD7940
Rev. A | Page 3 of 20
SPECIFICATIONS1
VDD = 2.50 V to 5.5 V, fSCLK = 2.5 MHz, fSAMPLE = 100 kSPS, unless otherwise noted; TA = TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
B Version1
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
f
IN = 10 kHz sine wave
Signal-to-Noise + Distortion (SINAD)2
81
dB min
Total Harmonic Distortion (THD)2
−98
dB typ
Peak Harmonic or Spurious Noise (SFDR)2
−95
dB typ
Intermodulation Distortion (IMD)2
Second-Order Terms
−94
dB typ
Third-Order Terms
−100
dB typ
Aperture Delay
20
ns max
Aperture Jitter
30
ps typ
Full Power Bandwidth
7
MHz typ
@ −3 dB
2
MHz typ
@ −0.1 dB
DC ACCURACY
Resolution
14
Bits min
V
DD = 2.5 V to 4.096 V
13
Bits min
V
DD > 4.096 V
Integral Nonlinearity2
±1
LSB max
V
DD = 2.5 V to 4.096 V
±2
LSB max
V
DD > 4.096 V
Offset Error2
±6
LSB max
Gain Error2
±8
LSB max
ANALOG INPUT
Input Voltage Ranges
0 to V
DD
V
DC Leakage Current
±0.3
µA max
Input Capacitance
30
pF typ
LOGIC INPUTS
Input High Voltage, V
INH
2.4
V min
Input Low Voltage, V
INL
0.4
V max
V
DD = 3 V
0.8
V max
V
DD = 5 V
Input Current, I
IN
±0.3
µA max
Typically 10 nA, V
IN = 0 V or VDD
Input Capacitance, C
IN
2, 3
10
pF max
LOGIC OUTPUTS
Output High Voltage, V
OH
V
DD – 0.2
V min
I
SOURCE = 200 µA; VDD = 2.50 V to 5.25 V
Output Low Voltage, V
OL
0.4
V max
I
SINK = 200 µA
Floating-State Leakage Current
±0.3
µA max
Floating-State Output Capacitance2, 3
10
pF max
Output Coding
Straight (Natural) Binary
CONVERSION RATE
Conversion Time
8
µs max
16 SCLK cycles
Track-and-Hold Acquisition Time
500
ns max
Full-scale step input
400
ns max
Sine wave input ≤ 10 kHz
Throughput Rate
100
kSPS max
See the Serial Interface section
POWER REQUIREMENTS
V
DD
2.50/5.5
V min/V max
I
DD
Digital I/P
S = 0 V or VDD
Normal Mode (Static)
5.2
mA max
V
DD = 5.5 V; SCLK on or off
2
mA max
V
DD = 3.6 V; SCLK on or off
Normal Mode (Operational)
4.8
mA max
V
DD = 5.5 V; fSAMPLE = 100 kSPS; 3.3 mA typ
1.9
mA max
V
DD = 3.6 V; fSAMPLE = 100 kSPS; 1.29 mA typ
Full Power-Down Mode
0.5
µA max
SCLK on or off. V
DD = 5.5 V
0.3
µA max
SCLK on or off. V
DD = 3.6 V


Podobny numer części - AD7940BRJZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7940BRJZ-REEL7 AD-AD7940BRJZ-REEL7 Datasheet
391Kb / 21P
   14-Bit ADC in 6-Lead SOT-23
More results

Podobny opis - AD7940BRJZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7940 AD-AD7940_15 Datasheet
354Kb / 20P
   3 mW, 100 kSPS, 14-Bit ADC in 6-Lead SOT-23
REV. A
AD7680ARMZ AD-AD7680ARMZ Datasheet
301Kb / 24P
   3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
REV. A
AD7680 AD-AD7680_11 Datasheet
301Kb / 24P
   3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
REV. A
AD7680 AD-AD7680_17 Datasheet
348Kb / 25P
   3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
AD7940 AD-AD7940_17 Datasheet
391Kb / 21P
   14-Bit ADC in 6-Lead SOT-23
AD7940 AD-AD7940 Datasheet
480Kb / 20P
   3mW, 100kSPS, 14-Bit ADC in 6-Lead SOT-23
REV. 0
AD7476-EP AD-AD7476-EP Datasheet
196Kb / 12P
   12-Bit ADC in 6-Lead SOT-23
Rev. 0
AD7680 AD-AD7680 Datasheet
200Kb / 11P
   3mW, 100kSPS,16-Bit ADC in 6 Lead SOT-23
REV. PrE 11/02
AD7457 AD-AD7457_15 Datasheet
524Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. A
AD7457BRT AD-AD7457BRT Datasheet
491Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com