Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8057AR Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD8057AR
Szczegółowy opis  Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8057AR Arkusz danych(HTML) 1 Page - Analog Devices

  AD8057AR Datasheet HTML 1Page - Analog Devices AD8057AR Datasheet HTML 2Page - Analog Devices AD8057AR Datasheet HTML 3Page - Analog Devices AD8057AR Datasheet HTML 4Page - Analog Devices AD8057AR Datasheet HTML 5Page - Analog Devices AD8057AR Datasheet HTML 6Page - Analog Devices AD8057AR Datasheet HTML 7Page - Analog Devices AD8057AR Datasheet HTML 8Page - Analog Devices AD8057AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Low Cost, High Performance
Voltage Feedback, 325 MHz Amplifier
Data Sheet
AD8057/AD8058
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2010–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low cost single (AD8057) and dual (AD8058)
High speed
325 MHz, −3 dB bandwidth (G = +1)
1000 V/μs slew rate
Gain flatness: 0.1 dB to 28 MHz
Low noise
7 nV/√Hz
Low power
5.4 mA/amplifier typical supply current @ 5 V
Low distortion
−85 dBc @ 5 MHz, RL = 1 kΩ
Wide supply range from 3 V to 12 V
Small packaging
AD8057 is available in an 8-lead SOIC and 5-lead SOT-23
AD8058 is available in an 8-lead SOIC and an 8-lead MSOP
APPLICATIONS
Imaging
DVD/CD
Photodiode preamp
Analog-to-digital driver
Professional cameras filters
CONNECTION DIAGRAMS
+IN
+VS
–VS
AD8057
1
2
3
5
4
–IN
VOUT
(Not to Scale)
Figure 1. RT-5 (SOT-23)
8
7
6
5
1
2
3
4
NC
–IN
+IN
NC
+VS
VOUT
NC
–VS
AD8057
(Not to Scale)
NC = NO CONNECT
Figure 2. R-8 (SOIC)
OUT1
–IN1
+IN1
–VS
+VS
OUT2
–IN2
+IN2
1
2
3
4
8
7
6
5
(Not to Scale)
AD8058
Figure 3. RM-8 (MSOP) and R-8 (SOIC)
GENERAL DESCRIPTION
The AD8057 (single) and AD8058 (dual) are very high perfor-
mance amplifiers with a very low cost. The balance between
cost and performance make them ideal for many applications.
The AD8057 and AD8058 reduce the need to qualify a variety
of specialty amplifiers. The AD8057 and AD8058 are voltage
feedback amplifiers with the bandwidth and slew rate normally
found in current feedback amplifiers. The AD8057 and AD8058
are low power amplifiers having low quiescent current and a wide
supply range from 3 V to 12 V. They have noise and distortion
performance required for high end video systems as well as dc
performance parameters rarely found in high speed amplifiers.
The AD8057 and AD8058 are available in standard SOIC
packaging as well as tiny 5-lead SOT-23 (AD8057) and 8-lead
MSOP (AD8058) packages. These amplifiers are available in the
industrial temperature range of −40°C to +85°C.
FREQUENCY (MHz)
1
1000
10
100
5
4
–5
3
2
1
0
–1
–2
–3
–4
G = +2
G = +10
G = +5
G = +1
Figure 4. Small Signal Frequency Response


Podobny numer części - AD8057AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8057AR AD-AD8057AR Datasheet
184Kb / 14P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. A
AD8057AR AD-AD8057AR Datasheet
260Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
AD8057AR-REEL AD-AD8057AR-REEL Datasheet
184Kb / 14P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. A
AD8057AR-REEL AD-AD8057AR-REEL Datasheet
260Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
AD8057AR-REEL7 AD-AD8057AR-REEL7 Datasheet
184Kb / 14P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. A
More results

Podobny opis - AD8057AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8058 AD-AD8058_15 Datasheet
352Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
Rev. E
AD8057 AD-AD8057_15 Datasheet
352Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
Rev. E
AD8057 AD-AD8057 Datasheet
184Kb / 14P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. A
AD8057 AD-AD8057_03 Datasheet
260Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055 Datasheet
207Kb / 11P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
REV. B
AD8055 AD-AD8055_06 Datasheet
302Kb / 16P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
logo
Texas Instruments
LM7121 TI1-LM7121 Datasheet
709Kb / 21P
[Old version datasheet]   235 MHz Tiny Low Power Voltage Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com