Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8638ARZ Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD8638ARZ
Szczegółowy opis  16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8638ARZ Arkusz danych(HTML) 5 Page - Analog Devices

  AD8638ARZ Datasheet HTML 1Page - Analog Devices AD8638ARZ Datasheet HTML 2Page - Analog Devices AD8638ARZ Datasheet HTML 3Page - Analog Devices AD8638ARZ Datasheet HTML 4Page - Analog Devices AD8638ARZ Datasheet HTML 5Page - Analog Devices AD8638ARZ Datasheet HTML 6Page - Analog Devices AD8638ARZ Datasheet HTML 7Page - Analog Devices AD8638ARZ Datasheet HTML 8Page - Analog Devices AD8638ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD8638/AD8639
Rev. F | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
THERMAL RESISTANCE
Table 4.
Parameter
Rating
Supply Voltage
16 V
Input Voltage
GND − 0.3 V to VSY+ + 0.3 V
Input Current1
±10 mA
Differential Input Voltage2
±VSY
Output Short-Circuit Duration to GND
Indefinite
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
Table 5. Thermal Resistance
Package Type
θJA1
θJC
Unit
5-Lead SOT-23 (RJ-5)
230
146
°C/W
8-Lead SOIC_N (R-8)
158
43
°C/W
8-Lead MSOP (RM-8)
206
44
°C/W
8-Lead LFCSP_WD (CP-8-5)2
75
18
°C/W
θJA is specified for the worst-case conditions, that is, a device soldered in a
he application board.
1
circuit board for surface-mount packages. This was measured using a
standard two-layer board.
2 Exposed pad is soldered to t
ESD CAUTION
1 Input pins have clamp diodes to the supply pins. Input current should be
limited to 10 mA or less whenever input signals exceed either power supply
rail by 0.3 V.
2 Inputs are protected against high differential voltages by internal 1 kΩ series
resistors and back-to-back diode-connected N-MOSFETs (with a typical VT of
1.25 V for VCM of 0 V).
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.


Podobny numer części - AD8638ARZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8638ARZ AD-AD8638ARZ Datasheet
92Kb / 4P
   16V Auto-Zero, Rail-to-Rail Output, Precision Amplifiers
Rev. PrA
AD8638ARZ AD-AD8638ARZ Datasheet
646Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
REV. C
AD8638ARZ AD-AD8638ARZ Datasheet
629Kb / 20P
   16V Auto-Zero, Rail-to-Rail Output tional Amplifiers
Rev. F
AD8638ARZ AD-AD8638ARZ Datasheet
629Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
AD8638ARZ-REEL AD-AD8638ARZ-REEL Datasheet
646Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
REV. C
More results

Podobny opis - AD8638ARZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8638 AD-AD8638_16 Datasheet
629Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
AD8638 AD-AD8638_07 Datasheet
646Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
REV. C
AD8639ARMZ AD-AD8639ARMZ Datasheet
629Kb / 20P
   16V Auto-Zero, Rail-to-Rail Output tional Amplifiers
Rev. F
AD8638 AD-AD8638 Datasheet
92Kb / 4P
   16V Auto-Zero, Rail-to-Rail Output, Precision Amplifiers
Rev. PrA
AD8566 AD-AD8566_15 Datasheet
293Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8565 AD-AD8565_06 Datasheet
346Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
REV. D
AD8565 AD-AD8565_15 Datasheet
293Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8567 AD-AD8567_15 Datasheet
293Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8565 AD-AD8565 Datasheet
152Kb / 12P
   16 V Rail-to-Rail Operational Amplifiers
REV. A
AD8565 AD-AD8565_17 Datasheet
334Kb / 13P
   16 V Rail-to-Rail Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com