Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG707 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części ADG707
Szczegółowy opis  CMOS, 1.8 V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG707 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button ADG707 Datasheet HTML 4Page - Analog Devices ADG707 Datasheet HTML 5Page - Analog Devices ADG707 Datasheet HTML 6Page - Analog Devices ADG707 Datasheet HTML 7Page - Analog Devices ADG707 Datasheet HTML 8Page - Analog Devices ADG707 Datasheet HTML 9Page - Analog Devices ADG707 Datasheet HTML 10Page - Analog Devices ADG707 Datasheet HTML 11Page - Analog Devices ADG707 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
–10–
REV. A
ADG706/ADG707
S1
VIN
VDD
VSS
GND
D
VDD
VSS
EN
A0
A1
A2
A3
50
VS
VOUT
RL
300
CL
35pF
ADG706*
S2 THRU S16
*SIMILAR CONNECTION FOR ADG707
50%
50%
tOFF(EN)
0.9VO
VO
0V
3V
OUTPUT
ENABLE
DRIVE (VIN)
0V
0.9VO
tON(EN)
Test Circuit 7. Enable Delay, tON (EN), tOFF (EN)
VIN
VDD
VSS
GND
D
VDD
VSS
EN
A0
A1
A2
A3
VOUT
CL
1nF
ADG706*
*SIMILAR CONNECTION FOR ADG707
VS
RS
S
0V
3V
VOUT
QINJ = CL
VOUT
VOUT
LOGIC
INPUT (VIN)
Test Circuit 8. Charge Injection
S1
VS
VDD
GND
D
VDD
VSS
EN**
A0
A1
A2
A3
VOUT
RL
50
ADG706*
S16
*SIMILAR CONNECTION FOR ADG707
**CONNECT TO 2.4V FOR BANDWIDTH MEASUREMENTS
OFF ISOLATION = 20LOG10(VOUT/VS)
INSERTION LOSS = 20LOG10
VOUT WITH SWITCH
VOUT WITHOUT SWITCH)
(
VSS
50
Test Circuit 9. OFF Isolation and Bandwidth
S2
VS
VDD
GND
D
VDD
VSS
A0
A1
A2
A3
VOUT
RL
50
ADG706*
S16
*SIMILAR CONNECTION FOR ADG707
CHANNEL-TO-CHANNEL CROSSTALK = 20LOG10(VOUT/VS)
VSS
EN
S1
2.4V
50
50
Test Circuit 10. Channel-to-Channel Crosstalk


Podobny numer części - ADG707

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG707 AD-ADG707 Datasheet
154Kb / 11P
   CMOS, 2.5ohm Low-Voltage, 8-/16-Channel Multiplexers
REV. 0
ADG707 AD-ADG707 Datasheet
222Kb / 12P
   CMOS,1.8V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
logo
Cirrus Logic
ADG707 CIRRUS-ADG707 Datasheet
339Kb / 10P
   Multiplexing the CS556x/7x/8x Delta-Sigma ADCs
REV1 AUG 2007
logo
Analog Devices
ADG707BRU AD-ADG707BRU Datasheet
154Kb / 11P
   CMOS, 2.5ohm Low-Voltage, 8-/16-Channel Multiplexers
REV. 0
ADG707BRU AD-ADG707BRU Datasheet
246Kb / 12P
   CMOS, 1.8 V to 5.5 V/2.5 V, 2.5  Low-Voltage, 8-/16-Channel Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com