Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADL5592 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADL5592
Szczegółowy opis  250 MHz to 2400 MHz RF Variable Gain Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADL5592 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADL5592 Datasheet HTML 3Page - Analog Devices ADL5592 Datasheet HTML 4Page - Analog Devices ADL5592 Datasheet HTML 5Page - Analog Devices ADL5592 Datasheet HTML 6Page - Analog Devices ADL5592 Datasheet HTML 7Page - Analog Devices ADL5592 Datasheet HTML 8Page - Analog Devices ADL5592 Datasheet HTML 9Page - Analog Devices ADL5592 Datasheet HTML 10Page - Analog Devices ADL5592 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADL5592
Rev. 0 | Page 7 of
20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
LOIP
2
LOIN
3
VCC
4
LOOP OUT
5
LOOP EN
6
DATA
7
CLK
8
LE
9
DVCC
10
GND
23 NC
24 GND
25 GND
26 GND
27 NC
28 NC*
29 NC
30 GND
22 GND
21 VCC
ADL5592
(Not to Scale)
NOTES
1. NC = NO CONNECT
2. CONNECT EXPOSED PADDLE TO A LOW IMPEDANCE
GROUND PLANE.
*THE PADS FOR PIN 28 AND PIN 31 MUST REMAIN FREE
OF TRACES TO AVOID STRAY CAPACITANCE.
Figure 2. Pin Configuration (Top View)
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
LOIP
Loopback Mixer Differential LO Input. Should be ac-coupled to the source of the mixer local
oscillator signal.
2
LOIN
Loopback Mixer Differential LO Input. Should be ac-coupled to ground.
3, 21
VCC
Positive Supply. Nominally equal to 5 V. VCC and DVCC must be connected together externally
and be properly bypassed.
4
LOOP OUT
Loopback Mixer RF Output. Single-ended 50 Ω output.
5
LOOP EN
Loopback Mixer Enable. Apply logic high for normal transmit mode. Apply logic mode low for
loopback mode.
6
DATA
SPI Data Input. Both attenuators are programmed with a single 10-bit word.
7
CLK
SPI Clock Input. Data is clocked on the rising edge of CLK.
8
LE
SPI Latch Enable. Data is latched on the falling edge of LE.
9
DVCC
Digital Positive Supply. Nominally equal to 5 V.
12
RFOUT
RF Output. Should be ac-coupled.
39
RFIN
RF Input. Should be ac-coupled.
10, 11, 13, 14, 17,
19, 22, 24 to 26,
30, 32, 35, 37, 38
GND
Common. Connect to a low impedance ground plane.
15, 16, 18, 20, 23,
27 to 29, 31, 33,
34, 36, 40
NC
No Connection. The pad for Pin 28 and Pin 31 must remain free of traces to avoid stray capacitances.
EP
Exposed Paddle. Connect to a low impedance ground plane.


Podobny numer części - ADL5592

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADL5592 AD-ADL5592 Datasheet
1Mb / 20P
   250 MHz to 2400 MHz RF Variable Gain Amplifier
REV. 0
ADL5592-EVALZ AD-ADL5592-EVALZ Datasheet
1Mb / 20P
   250 MHz to 2400 MHz RF Variable Gain Amplifier
REV. 0
ADL5592ACPZ-R7 AD-ADL5592ACPZ-R7 Datasheet
1Mb / 20P
   250 MHz to 2400 MHz RF Variable Gain Amplifier
REV. 0
More results

Podobny opis - ADL5592

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADL5592 AD-ADL5592 Datasheet
1Mb / 20P
   250 MHz to 2400 MHz RF Variable Gain Amplifier
REV. 0
logo
NXP Semiconductors
BGA7210 PHILIPS-BGA7210 Datasheet
2Mb / 30P
   700 MHz to 3800 MHz high linearity variable gain amplifier
Rev. 2-4 January 2012
logo
TriQuint Semiconductor
TQM8M9079 TRIQUINT-TQM8M9079_15 Datasheet
604Kb / 8P
   500-2700 MHz Variable Gain Amplifier
logo
Teledyne Technologies I...
AGC230 TELEDYNE-AGC230 Datasheet
168Kb / 2P
   20 TO 250 MHz TO-8 GAIN CONTROL AMPLIFIER
logo
M/A-COM Technology Solu...
SMA33-1 MA-COM-SMA33-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 2 to 2400 MHz
SMA35-1 MA-COM-SMA35-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 2 to 2400 MHz
logo
Tyco Electronics
A33-1 MACOM-A33-1_1 Datasheet
382Kb / 2P
   Cascadable Amplifier 2 to 2400 MHz
A35-1 MACOM-A35-1 Datasheet
357Kb / 2P
   Cascadable Amplifier 2 to 2400 MHz
A33-1 MACOM-A33-1 Datasheet
108Kb / 1P
   2 TO 2400 MHz CASCADABLE AMPLIFIER
logo
Analog Devices
AD8330 AD-AD8330_06 Datasheet
728Kb / 32P
   Low Cost DC to 150 MHz Variable Gain Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com