Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXL343BCCZ Arkusz danych(PDF) 20 Page - Analog Devices

Numer części ADXL343BCCZ
Szczegółowy opis  Digital MEMS Accelerometer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXL343BCCZ Arkusz danych(HTML) 20 Page - Analog Devices

Back Button ADXL343BCCZ Datasheet HTML 16Page - Analog Devices ADXL343BCCZ Datasheet HTML 17Page - Analog Devices ADXL343BCCZ Datasheet HTML 18Page - Analog Devices ADXL343BCCZ Datasheet HTML 19Page - Analog Devices ADXL343BCCZ Datasheet HTML 20Page - Analog Devices ADXL343BCCZ Datasheet HTML 21Page - Analog Devices ADXL343BCCZ Datasheet HTML 22Page - Analog Devices ADXL343BCCZ Datasheet HTML 23Page - Analog Devices ADXL343BCCZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
ADXL343
Data Sheet
Rev. 0 | Page 20 of 36
SELF-TEST
The ADXL343 incorporates a self-test feature that effectively
tests its mechanical and electronic systems simultaneously.
When the self-test function is enabled (via the SELF_TEST bit
in the DATA_FORMAT register, Address 0x31), an electrostatic
force is exerted on the mechanical sensor. This electrostatic force
moves the mechanical sensing element in the same manner as
acceleration, and it is additive to the acceleration experienced
by the device. This added electrostatic force results in an output
change in the x-, y-, and z-axes. Because the electrostatic force
is proportional to VS2, the output change varies with VS. This
effect is shown in Figure 33. The scale factors shown in Table 14
can be used to adjust the expected self-test output limits for
different supply voltages, VS. The self-test feature of the
ADXL343 also exhibits a bimodal behavior. However, the limits
shown in Table 1 and Table 15 to Table 18 are valid for both
potential self-test values due to bimodality. Use of the self-test
feature at data rates less than 100 Hz or at 1600 Hz may yield
values outside these limits. Therefore, the part must be in normal
power operation (LOW_POWER bit = 0 in BW_RATE register,
Address 0x2C) and be placed into a data rate of 100 Hz through
800 Hz or 3200 Hz for the self-test function to operate correctly.
–6
–4
–2
0
2
4
6
2.0
2.5
3.3
3.6
VS (V)
X HIGH
X LOW
Y HIGH
Y LOW
Z HIGH
Z LOW
Figure 33. Self-Test Output Change Limits vs. Supply Voltage
Table 14. Self-Test Output Scale Factors for Different Supply
Voltages, VS
Supply Voltage, VS (V)
X-Axis, Y-Axis
Z-Axis
2.00
0.64
0.8
2.50
1.00
1.00
3.30
1.77
1.47
3.60
2.11
1.69
Table 15. Self-Test Output in LSB for ±2 g, 10-Bit or Full
Resolution (TA = 25°C, VS = 2.5 V, VDDI/O = 1.8 V)
Axis
Min
Max
Unit
X
50
540
LSB
Y
−540
−50
LSB
Z
75
875
LSB
Table 16. Self-Test Output in LSB for ±4 g, 10-Bit Resolution
(TA = 25°C, VS = 2.5 V, VDDI/O = 1.8 V)
Axis
Min
Max
Unit
X
25
270
LSB
Y
−270
−25
LSB
Z
38
438
LSB
Table 17. Self-Test Output in LSB for ±8 g, 10-Bit Resolution
(TA = 25°C, VS = 2.5 V, VDDI/O = 1.8 V)
Axis
Min
Max
Unit
X
12
135
LSB
Y
−135
−12
LSB
Z
19
219
LSB
Table 18. Self-Test Output in LSB for ±16 g, 10-Bit Resolution
(TA = 25°C, VS = 2.5 V, VDDI/O = 1.8 V)
Axis
Min
Max
Unit
X
6
67
LSB
Y
−67
−6
LSB
Z
10
110
LSB


Podobny numer części - ADXL343BCCZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL343 AD-ADXL343 Datasheet
649Kb / 36P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g
Rev. PrA
More results

Podobny opis - ADXL343BCCZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SignalQuest, Inc.
SQ-XLD SIGNALQUEST-SQ-XLD Datasheet
746Kb / 14P
   MEMS ACCELEROMETER
logo
STMicroelectronics
AN2579 STMICROELECTRONICS-AN2579 Datasheet
817Kb / 15P
   LIS302DL 3-axis digital MEMS accelerometer
AN2768 STMICROELECTRONICS-AN2768 Datasheet
821Kb / 17P
   LIS331DL 3-axis digital MEMS accelerometer
LIS3DHH STMICROELECTRONICS-LIS3DHH Datasheet
641Kb / 29P
   MEMS motion sensor three-axis digital output accelerometer
October 2017 Rev 3
logo
Analog Devices
ADXL373 AD-ADXL373 Datasheet
1Mb / 52P
   Micropower, 3-Axis, 짹400 g, Digital Output, MEMS Accelerometer
ADXL362 AD-ADXL362_13 Datasheet
1Mb / 44P
   Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
logo
STMicroelectronics
AIS326DQ STMICROELECTRONICS-AIS326DQ Datasheet
662Kb / 49P
   MEMS inertial sensor 3-axis, low g accelerometer with digital output
H3LIS331DL STMICROELECTRONICS-H3LIS331DL Datasheet
796Kb / 38P
   MEMS motion sensor: low-power high-g 3-axis digital accelerometer
H3LIS200DL STMICROELECTRONICS-H3LIS200DL Datasheet
665Kb / 38P
   MEMS motion sensor: low-power high-g 3-axis digital accelerometer
logo
Analog Devices
ADXL1005 AD-ADXL1005 Datasheet
494Kb / 14P
   Low Noise, Wide Bandwidth, MEMS Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com