Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL343BCCZ-RL7 Datasheet(Arkusz danych) 1 Page - Analog Devices

Numer części ADXL343BCCZ-RL7
Szczegółowy opis  Digital MEMS Accelerometer
Pobierz  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 1 page
background image
3-Axis, ±2 g/±4 g/±8 g/±16 g
Digital MEMS Accelerometer
Data Sheet
ADXL343
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2012 Analog Devices, Inc. All rights reserved.
FEATURES
Multipurpose accelerometer with 10- to 13-bit resolution for
use in a wide variety of applications
Digital output accessible via SPI (3- and 4-wire) and I2C
Built-in motion detection features make tap, double-tap,
activity, inactivity, and free-fall detection trivial
User-adjustable thresholds
Interrupts independently mappable to two interrupt pins
Low power operation down to 23 µA and embedded FIFO for
reducing overall system power
Wide supply voltage range: 2.0 V to 3.6 V
I/O voltage 1.7 V to VS
Wide operating temperature range (−40°C to +85°C)
10,000 g shock survival
Small, thin, Pb free, RoHS compliant 3 mm × 5 mm × 1 mm
LGA package
APPLICATIONS
Handsets
Gaming and pointing devices
Hard disk drive (HDD) protection
GENERAL DESCRIPTION
The ADXL343 is a versatile 3-axis, digital-output, low g MEMS
accelerometer. Selectable measurement range and bandwidth, and
configurable, built-in motion detection make it suitable for sensing
acceleration in a wide variety of applications. Robustness to
10,000 g of shock and a wide temperature range (−40°C to +85°C)
enable use of the accelerometer even in harsh environments.
The ADXL343 measures acceleration with high resolution (13-bit)
measurement at up to ±16 g. Digital output data is formatted as
16-bit twos complement and is accessible through either an SPI
(3- or 4-wire) or I2C digital interface. The ADXL343 can
measure the static acceleration of gravity in tilt-sensing appli-
cations, as well as dynamic acceleration resulting from motion
or shock. Its high resolution (3.9 mg/LSB) enables measurement
of inclination changes less than 1.0°.
Several special sensing functions are provided. Activity and
inactivity sensing detect the presence or lack of motion. Tap
sensing detects single and double taps in any direction. Free-fall
sensing detects if the device is falling. These functions can be
mapped individually to either of two interrupt output pins.
An integrated memory management system with a 32-level first in,
first out (FIFO) buffer can be used to store data to minimize host
processor activity and lower overall system power consumption.
The ADXL343 is supplied in a small, thin, 3 mm × 5 mm × 1 mm,
14-terminal, plastic package.
FUNCTIONAL BLOCK DIAGRAM
3-AXIS
SENSOR
SENSE
ELECTRONICS
DIGITAL
FILTER
ADXL343
POWER
MANAGEMENT
CONTROL
AND
INTERRUPT
LOGIC
SERIAL I/O
INT1
VS
VDD I/O
INT2
SDA/SDI/SDIO
SDO/ALT
ADDRESS
SCL/SCLK
GND
ADC
32 LEVEL
FIFO
CS
Figure 1.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl