Zakładka z wyszukiwarką danych komponentów |
|
ADXL343BCCZ-RL7 Arkusz danych(PDF) 26 Page - Analog Devices |
|
ADXL343BCCZ-RL7 Arkusz danych(HTML) 26 Page - Analog Devices |
26 / 36 page ADXL343 Data Sheet Rev. 0 | Page 26 of 36 APPLICATIONS INFORMATION POWER SUPPLY DECOUPLING A 1 µF tantalum capacitor (CS) at VS and a 0.1 µF ceramic capacitor (CI/O) at VDD I/O placed close to the ADXL343 supply pins is recommended to adequately decouple the accelerometer from noise on the power supply. If additional decoupling is necessary, a resistor or ferrite bead, no larger than 100 Ω, in series with VS may be helpful. Additionally, increasing the bypass capacitance on VS to a 10 µF tantalum capacitor in parallel with a 0.1 µF ceramic capacitor may also improve noise. Care should be taken to ensure that the connection from the ADXL343 ground to the power supply ground has low impedance because noise transmitted through ground has an effect similar to noise transmitted through VS. It is recommended that VS and VDD I/O be separate supplies to minimize digital clocking noise on the VS supply. If this is not possible, additional filtering of the supplies, as previously mentioned, may be necessary. ADXL343 GND INT1 INT2 CS SCL/SCLK SDO/ALT ADDRESS SDA/SDI/SDIO 3- OR 4-WIRE SPI OR I2C INTERFACE VS VS CS VDD I/O VDD I/O CIO INTERRUPT CONTROL Figure 34. Application Diagram MECHANICAL CONSIDERATIONS FOR MOUNTING The ADXL343 should be mounted on the PCB in a location close to a hard mounting point of the PCB to the case. Mounting the ADXL343 at an unsupported PCB location, as shown in Figure 35, may result in large, apparent measurement errors due to undampened PCB vibration. Locating the accelerometer near a hard mounting point ensures that any PCB vibration at the accelerometer is above the accelerometer’s mechanical sensor resonant frequency and, therefore, effectively invisible to the accelerometer. Multiple mounting points close to the sensor and/or a thicker PCB also help to reduce the effect of system resonance on the performance of the sensor. MOUNTING POINTS PCB ACCELEROMETERS Figure 35. Incorrectly Placed Accelerometers TAP DETECTION The tap interrupt function is capable of detecting either single or double taps. The following parameters are shown in Figure 36 for a valid single and valid double tap event: • The tap detection threshold is defined by the THRESH_TAP register (Address 0x1D). • The maximum tap duration time is defined by the DUR register (Address 0x21). • The tap latency time is defined by the latent register (Address 0x22) and is the waiting period from the end of the first tap until the start of the time window, when a second tap can be detected, which is determined by the value in the window register (Address 0x23). • The interval after the latency time (set by the latent register) is defined by the window register. Although a second tap must begin after the latency time has expired, it need not finish before the end of the time defined by the window register. FIRST TAP TIME LIMIT FOR TAPS (DUR) LATENCY TIME (LATENT) TIME WINDOW FOR SECOND TAP (WINDOW) SECOND TAP SINGLE TAP INTERRUPT DOUBLE TAP INTERRUPT THRESHOLD (THRESH_TAP) Figure 36. Tap Interrupt Function with Valid Single and Double Taps If only the single tap function is in use, the single tap interrupt is triggered when the acceleration goes below the threshold, as long as DUR has not been exceeded. If both single and double tap functions are in use, the single tap interrupt is triggered when the double tap event has been either validated or invalidated. |
Podobny numer części - ADXL343BCCZ-RL7 |
|
Podobny opis - ADXL343BCCZ-RL7 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |