Zakładka z wyszukiwarką danych komponentów |
|
OP07CSZ-REEL Arkusz danych(PDF) 1 Page - Analog Devices |
|
OP07CSZ-REEL Arkusz danych(HTML) 1 Page - Analog Devices |
1 / 16 page Ultralow Offset Voltage Operational Amplifier Data Sheet OP07 Rev. G Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 ©2002-2011 Analog Devices, Inc. All rights reserved. FEATURES Low VOS: 75 μV maximum Low VOS drift: 1.3 μV/°C maximum Ultrastable vs. time: 1.5 μV per month maximum Low noise: 0.6 μV p-p maximum Wide input voltage range: ±14 V typical Wide supply voltage range: ±3 V to ±18 V 125°C temperature-tested dice APPLICATIONS Wireless base station control circuits Optical network control circuits Instrumentation Sensors and controls Thermocouples Resistor thermal detectors (RTDs) Strain bridges Shunt current measurements Precision filters GENERAL DESCRIPTION The OP07 has very low input offset voltage (75 μV maximum for OP07E) that is obtained by trimming at the wafer stage. These low offset voltages generally eliminate any need for external nulling. The OP07 also features low input bias current (±4 nA for the OP07E) and high open-loop gain (200 V/mV for the OP07E). The low offset and high open-loop gain make the OP07 particularly useful for high gain instrumentation applications. PIN CONFIGURATION 1 VOS TRIM 8 VOS TRIM 2 –IN 7 V+ 3 +IN 6 OUT 4 V– 5 NC OP07 NC = NO CONNECT Figure 1. The wide input voltage range of ±13 V minimum combined with a high CMRR of 106 dB (OP07E) and high input impedance provide high accuracy in the noninverting circuit configuration. Excellent linearity and gain accuracy can be maintained even at high closed-loop gains. Stability of offsets and gain with time or variations in temperature is excellent. The accuracy and stability of the OP07, even at high gain, combined with the freedom from external nulling have made the OP07 an industry standard for instrumentation applications. The OP07 is available in two standard performance grades. The OP07E is specified for operation over the 0°C to 70°C range, and the OP07C is specified over the −40°C to +85°C temperature range. The OP07 is available in epoxy 8-lead PDIP and 8-lead narrow SOIC packages. For CERDIP and TO-99 packages and standard microcircuit drawing (SMD) versions, see the OP77. 1 R2A AND R2B ARE ELECTRONICALLY ADJUSTED ON CHIP AT FACTORY FOR MINIMUM INPUT OFFSET VOLTAGE. 6 V+ 7 8 3 C3 1 4 2 OUT Q5 R2A1 R5 R8 R7 V– R6 R3 R4 Q21 Q22 Q23 Q24 R1A R2B1 R1B Q7 Q3 Q6 Q1 Q4 Q2 Q27 Q26 Q25 C1 Q9 Q10 Q11 Q12 C2 (OPTIONAL NULL) Q13 Q14 Q17 Q16 Q15 Q18 Q20 Q19 R10 R9 Q8 NONINVERTING INPUT INVERTING INPUT Figure 2. Simplified Schematic |
Podobny numer części - OP07CSZ-REEL |
|
Podobny opis - OP07CSZ-REEL |