Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRLL2705 Arkusz danych(PDF) 3 Page - International Rectifier

Numer części IRLL2705
Szczegółowy opis  Surface Mount
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRLL2705 Arkusz danych(HTML) 3 Page - International Rectifier

  IRLL2705 Datasheet HTML 1Page - International Rectifier IRLL2705 Datasheet HTML 2Page - International Rectifier IRLL2705 Datasheet HTML 3Page - International Rectifier IRLL2705 Datasheet HTML 4Page - International Rectifier IRLL2705 Datasheet HTML 5Page - International Rectifier IRLL2705 Datasheet HTML 6Page - International Rectifier IRLL2705 Datasheet HTML 7Page - International Rectifier IRLL2705 Datasheet HTML 8Page - International Rectifier IRLL2705 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRLL2705
www.irf.com
3
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
1
10
100
0.1
1
1 0
1 0 0
20µs P U LSE W ID T H
T
= 25 °C
A
J
DS
V
, D ra in-to-S o u rce V o lta ge (V )
3.0V
VGS
TOP
15V
10V
7.0V
5.5V
4.5V
4.0V
3.5V
BOTTOM 3.0V
1
10
100
0.1
1
1 0
1 0 0
A
DS
20µs P U LSE W ID T H
T = 15 0°C
J
3.0V
VGS
TOP
15V
10V
7.0V
5.5V
4.5V
4.0V
3.5V
BOTTOM 3.0V
V
, D rain-to-S ource V oltage (V )
1
10
100
3.0
3.5
4.0
4.5
5.0
T = 25°C
T = 150°C
J
J
GS
V
, G ate-to -S o urce V oltag e (V )
A
V
= 2 5 V
20µs PULSE W ID TH
DS
0.0
0.5
1.0
1.5
2.0
- 6 0
- 4 0
- 2 0
0
2 0
4 0
6 0
8 0
100
120
140
160
J
T
, J unc tion T em perature (°C )
V
= 1 0V
GS
A
I
= 3.8 A
D


Podobny numer części - IRLL2705

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLL2705 IRF-IRLL2705 Datasheet
160Kb / 9P
   HEXFET Power MOSFET
IRLL2705PBF IRF-IRLL2705PBF Datasheet
220Kb / 9P
   HEXFET POWER MOSFET ( VDSS = 55V , RDS(on) = 0.04廓 , ID = 3.8A )
IRLL2705PBF IRF-IRLL2705PBF Datasheet
231Kb / 9P
   DYNAMIC DV/DT RATING
IRLL2705PBF IRF-IRLL2705PBF Datasheet
225Kb / 9P
   ADVANCED PROCESS TECHNOLOGY
IRLL2705PBF IRF-IRLL2705PBF_15 Datasheet
225Kb / 9P
   ADVANCED PROCESS TECHNOLOGY
More results

Podobny opis - IRLL2705

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Compact Technology Corp...
S1A CTC-S1A Datasheet
51Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
EIC discrete Semiconduc...
MBRA140T3G EIC-MBRA140T3G Datasheet
99Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
logo
YAGEO Corporation
CC0402JRNPO9BN220 YAGEO-CC0402JRNPO9BN220 Datasheet
360Kb / 14P
   SURFACE-MOUNT CERAMIC SURFACE-MOUNT CERAMIC
logo
Littelfuse
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
455 LITTELFUSE-455 Datasheet
61Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
465 LITTELFUSE-465 Datasheet
56Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
464 LITTELFUSE-464 Datasheet
56Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
logo
Microsemi Corporation
MLL14KESD50-1 MICROSEMI-MLL14KESD50-1 Datasheet
119Kb / 2P
   SURFACE MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com