Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1852JRSZRL Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD1852JRSZRL
Szczegółowy opis  Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1852JRSZRL Arkusz danych(HTML) 5 Page - Analog Devices

  AD1852JRSZRL Datasheet HTML 1Page - Analog Devices AD1852JRSZRL Datasheet HTML 2Page - Analog Devices AD1852JRSZRL Datasheet HTML 3Page - Analog Devices AD1852JRSZRL Datasheet HTML 4Page - Analog Devices AD1852JRSZRL Datasheet HTML 5Page - Analog Devices AD1852JRSZRL Datasheet HTML 6Page - Analog Devices AD1852JRSZRL Datasheet HTML 7Page - Analog Devices AD1852JRSZRL Datasheet HTML 8Page - Analog Devices AD1852JRSZRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD1852
Rev. A | Page 5 of 20
DIGITAL TIMING
Guaranteed over 0°C to 70°C, AVDD = DVDD = 5.0 V × 10%.
Table 8.
Parameter
Description
Min
Unit
tDMP
MCLK period (fMCLK = 256 × fLRCLK)1
54
ns
tDML
MCLK low pulse width (all modes)
0.4 × tDMP
ns
tDMH
MCLK high pulse width (all modes)
0.4 × tDMP
ns
tDBH
BCLK high pulse width (see Figure 26)
20
ns
tDBL
BCLK low pulse width (see Figure 26)
20
ns
tDBP
BCLK period (see Figure 26)
60
ns
tDLS
LRCLK setup (see Figure 26)
20
ns
tDLH
LRCLK hold (DSP serial port mode only)
5
ns
tDDS
SDATA setup (see Figure 26)
5
ns
tDDH
SDATA hold (see Figure 26)
10
ns
tRSTL
RESET low pulse width
15
ns
1 Higher MCLK frequencies are allowable when using the on-chip master clock autodivide feature.


Podobny numer części - AD1852JRSZRL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1852JRS AD-AD1852JRS Datasheet
234Kb / 16P
   Stereo, 24-Bit, 192 kHz Multibit DAC
REV. 0
AD1852JRSRL AD-AD1852JRSRL Datasheet
234Kb / 16P
   Stereo, 24-Bit, 192 kHz Multibit DAC
REV. 0
More results

Podobny opis - AD1852JRSZRL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1852 AD-AD1852_15 Datasheet
501Kb / 20P
   Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
REV. A
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1852 AD-AD1852 Datasheet
234Kb / 16P
   Stereo, 24-Bit, 192 kHz Multibit DAC
REV. 0
AD1853 AD-AD1853_15 Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Cirrus Logic
CS4340A CIRRUS-CS4340A_05 Datasheet
695Kb / 21P
   24-Bit, 192 kHz Stereo DAC for Audio
CS4340A CIRRUS-CS4340A Datasheet
628Kb / 20P
   24-Bit, 192 kHz Stereo DAC for Audio?
logo
Analog Devices
AD1855 AD-AD1855 Datasheet
233Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
AD1833A AD-AD1833A Datasheet
687Kb / 20P
   24-Bit, 192 kHz, DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com