Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5162BRMZ10-RL7 Arkusz danych(PDF) 2 Page - Analog Devices

Numer części AD5162BRMZ10-RL7
Szczegółowy opis  Dual, 256-Position, SPI Digital Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5162BRMZ10-RL7 Arkusz danych(HTML) 2 Page - Analog Devices

  AD5162BRMZ10-RL7 Datasheet HTML 1Page - Analog Devices AD5162BRMZ10-RL7 Datasheet HTML 2Page - Analog Devices AD5162BRMZ10-RL7 Datasheet HTML 3Page - Analog Devices AD5162BRMZ10-RL7 Datasheet HTML 4Page - Analog Devices AD5162BRMZ10-RL7 Datasheet HTML 5Page - Analog Devices AD5162BRMZ10-RL7 Datasheet HTML 6Page - Analog Devices AD5162BRMZ10-RL7 Datasheet HTML 7Page - Analog Devices AD5162BRMZ10-RL7 Datasheet HTML 8Page - Analog Devices AD5162BRMZ10-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD5162
Rev. C | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics: 2.5 kΩ Version................................. 3
Electrical Characteristics: 10 kΩ, 50 kΩ, and 100 kΩ Versions
......................................................................................................... 4
Timing Characteristics: All Versions ......................................... 5
Absolute Maximum Ratings............................................................ 6
ESD Caution.................................................................................. 6
Pin Configuration and Function Descriptions............................. 7
Typical Performance Characteristics ............................................. 8
Test Circuits..................................................................................... 12
Theory of Operation ...................................................................... 13
Programming the Variable Resistor and Voltage................... 13
Programming the Potentiometer Divider............................... 14
ESD Protection ........................................................................... 14
Terminal Voltage Operating Range ......................................... 14
Power-Up Sequence ................................................................... 14
Layout and Power Supply Bypassing ....................................... 15
Constant Bias to Retain Resistance Setting............................. 15
Evaluation Board ........................................................................ 15
SPI Interface .................................................................................... 16
SPI-Compatible, 3-Wire Serial Bus.......................................... 16
Outline Dimensions....................................................................... 17
Ordering Guide .......................................................................... 17
Automotive Products................................................................. 17
REVISION HISTORY
12/10—Rev. B to Rev.C
Added Automotive Parts to Features Section ............................... 1
Added Automotive Products Paragraph...................................... 17
4/09—Rev. A to Rev. B
Changes to Features Section............................................................ 1
Changes to DC Characteristics—Rheostat Mode Parameter and
to DC Characteristics—Potentiometer Divider Mode Parameter,
Table 1 ................................................................................................ 3
Updated Outline Dimensions....................................................... 17
Changes to Ordering Guide .......................................................... 17
11/03—Rev. 0 to Rev. A
Changes to Electrical Characteristics ............................................ 3
11/03—Revision 0: Initial Version


Podobny numer części - AD5162BRMZ10-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
More results

Podobny opis - AD5162BRMZ10-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162 AD-AD5162 Datasheet
960Kb / 20P
   Dual 256-Position SPI Digital Potentiometer
REV. A
AD5160 AD-AD5160_15 Datasheet
480Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. C
AD5160 AD-AD5160_09 Datasheet
467Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5160BRJ100 AD-AD5160BRJ100 Datasheet
485Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
logo
ON Semiconductor
CAT5172 ONSEMI-CAT5172 Datasheet
179Kb / 10P
   256-Position SPI Compatible Digital Potentiometer
May, 2009 ??Rev. 0
logo
Analog Devices
AD5160 AD-AD5160 Datasheet
847Kb / 16P
   256-Position SPI Compatible Digital Potentiometer
REV. 0
AD5160BRJ50 AD-AD5160BRJ50 Datasheet
467Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com