Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB20163R3M Arkusz danych(PDF) 6 Page - Linear Technology

Numer części LB20163R3M
Szczegółowy opis  1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LB20163R3M Arkusz danych(HTML) 6 Page - Linear Technology

Back Button LB20163R3M Datasheet HTML 2Page - Linear Technology LB20163R3M Datasheet HTML 3Page - Linear Technology LB20163R3M Datasheet HTML 4Page - Linear Technology LB20163R3M Datasheet HTML 5Page - Linear Technology LB20163R3M Datasheet HTML 6Page - Linear Technology LB20163R3M Datasheet HTML 7Page - Linear Technology LB20163R3M Datasheet HTML 8Page - Linear Technology LB20163R3M Datasheet HTML 9Page - Linear Technology LB20163R3M Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1931/LT1931A
1931fa
APPLICATIO S I FOR ATIO
The inductors shown in Table 2 for use with the LT1931A
were chosen for their small size. For better efficiency, use
similar valued inductors with a larger volume. For in-
stance, the Sumida CR43 series, in values ranging from
3.3
µH to 10µH, will give a LT1931A application a few
percentage points increase in efficiency.
CAPACITOR SELECTION
Low ESR (equivalent series resistance) capacitors should
be used at the output to minimize the output ripple voltage.
Multilayer ceramic capacitors are an excellent choice, as
they have an extremely low ESR and are available in very
small packages. X5R dielectrics are preferred, followed by
X7R, as these materials retain their capacitance over wide
voltage and temperature ranges. A 10
µF to 22µF output
capacitor is sufficient for most LT1931 applications while
a 4.7
µF to 10µF capacitor will suffice for the LT1931A.
Solid tantalum or OS-CON capacitors can be used, but
they will occupy more board area than a ceramic and will
have a higher ESR. Always use a capacitor with a sufficient
voltage rating.
Ceramic capacitors also make a good choice for the input
decoupling capacitor, which should be placed as close as
possible to the LT1931/LT1931A. A 1
µF to 4.7µF input
capacitor is sufficient for most applications. Table 3 shows
a list of several ceramic capacitor manufacturers. Consult
the manufacturers for detailed information on their entire
selection of ceramic parts.
Table 3. Ceramic Capacitor Manufacturers
Taiyo Yuden
(408) 573-4150
www.t-yuden.com
AVX
(803) 448-9411
www.avxcorp.com
Murata
(714) 852-2001
www.murata.com
The decision to use either low ESR (ceramic) capacitors or
the higher ESR (tantalum or OS-CON) capacitors can
effect the stability of the overall system. The ESR of any
capacitor, along with the capacitance itself, contributes a
zero to the system. For the tantalum and OS-CON capaci-
tors, this zero is located at a lower frequency due to the
higher value of the ESR, while the zero of a ceramic
capacitor is at a much higher frequency and can generally
be ignored.
A phase lead zero can be intentionally introduced by
placing a capacitor (C4) in parallel with the resistor (R1)
between VOUT and VNFB as shown in Figure 1. The
frequency of the zero is determined by the following
equation.
ƒ=
π
Z
RC
1
21
4
••
By choosing the appropriate values for the resistor and
capacitor, the zero frequency can be designed to improve
the phase margin of the overall converter. The typical
target value for the zero frequency is between 20kHz to
60kHz. Figure 3 shows the transient response of the
inverting converter from Figure 1 without the phase lead
capacitor C4. The phase margin is reduced as evidenced
by more ringing in both the output voltage and inductor
current. A 220pF capacitor for C4 results in better phase
margin, which is revealed in Figure 4 as a more damped
response and less overshoot. Figure 5 shows the transient
response when a 22
µF tantalum capacitor with no phase
lead capacitor is used on the output. The higher output
voltage ripple is revealed in the upper waveform as a
thicker line. The transient response is adequate which
implies that the ESR zero is improving the phase margin.
VOUT
20mV/DIV
AC COUPLED
IL1A + IL1B
0.5A/DIV
AC COUPLED
200mA
100mA
LOAD
CURRENT
100
µs/DIV
1931 F03
Figure 3. Transient Response of Inverting Converter
Without Phase Lead Capacitor


Podobny numer części - LB20163R3M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiyo Yuden (U.S.A.), I...
LB2016 TAIYO-YUDEN-LB2016 Datasheet
289Kb / 13P
   WIRE-WOUND CHIP INDUCTORS (LB SERIES)
logo
ON Semiconductor
LB2016B100 ONSEMI-LB2016B100 Datasheet
172Kb / 11P
   CMOS White LED Driver
March, 2010 ??Rev. 4
LB2016B4R7 ONSEMI-LB2016B4R7 Datasheet
172Kb / 11P
   CMOS White LED Driver
March, 2010 ??Rev. 4
logo
Pepperl+Fuchs Inc.
LB2016E PF-LB2016E Datasheet
309Kb / 5P
   Digital Output with Position Feedback
2021-12-01
logo
Taiyo Yuden (U.S.A.), I...
LB2016T100 TAIYO-YUDEN-LB2016T100 Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
More results

Podobny opis - LB20163R3M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LT1931 LINER-LT1931 Datasheet
212Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931 LINER-LT1931_15 Datasheet
454Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931A LINER-LT1931A_15 Datasheet
454Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1930A LINER-LT1930A_15 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LT1930 LINER-LT1930_15 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LT3462 LINER-LT3462_15 Datasheet
233Kb / 8P
   Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT3462A LINER-LT3462A_15 Datasheet
233Kb / 8P
   Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT3462 LINER-LT3462 Datasheet
225Kb / 8P
   Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT1930 LINER-LT1930 Datasheet
190Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters
LTC3527 LINER-LTC3527 Datasheet
2Mb / 20P
   Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com