Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9139-EBZ Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD9139-EBZ
Szczegółowy opis  16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9139-EBZ Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD9139-EBZ Datasheet HTML 5Page - Analog Devices AD9139-EBZ Datasheet HTML 6Page - Analog Devices AD9139-EBZ Datasheet HTML 7Page - Analog Devices AD9139-EBZ Datasheet HTML 8Page - Analog Devices AD9139-EBZ Datasheet HTML 9Page - Analog Devices AD9139-EBZ Datasheet HTML 10Page - Analog Devices AD9139-EBZ Datasheet HTML 11Page - Analog Devices AD9139-EBZ Datasheet HTML 12Page - Analog Devices AD9139-EBZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
Data Sheet
AD9139
Rev. 0 | Page 9 of 56
Pin No.
Mnemonic
Description
24
D9P
Data Bit 9, Positive.
25
D9N
Data Bit 9, Negative.
26
D8P
Data Bit 8, Positive.
27
D8N
Data Bit 8, Negative.
28
DCIP
Data Clock Input, Positive.
29
DCIN
Data Clock Input, Negative.
30
D7P
Data Bit 7, Positive.
31
D7N
Data Bit 7, Negative.
32
D6P
Data Bit 6, Positive.
33
D6N
Data Bit 6, Negative.
34
D5P
Data Bit 5, Positive.
35
D5N
Data Bit 5, Negative.
36
DVDD18
1.8 V Digital Supply. Pin 36 supplies the power to the digital core, digital data ports, serial port input/output
pins, RESET, IRQ1, and IRQ2.
37
D4P
Data Bit 4, Positive.
38
D4N
Data Bit 4, Negative.
39
D3P
Data Bit 3, Positive.
40
D3N
Data Bit 3, Negative.
41
D2P
Data Bit 2, Positive.
42
D2N
Data Bit 2, Negative.
43
DVDD18
1.8 V Digital Supply. Pin 43 supplies the power to the digital core, digital data ports, serial port input/output
pins, RESET, IRQ1, and IRQ2.
44
D1P
Data Bit 1, Positive.
45
D1N
Data Bit 1, Negative.
46
D0P
Data Bit 0, Positive.
47
D0N
Data Bit 0, Negative.
48
DVDD18
1.8 V Digital Supply. Pin 48 supplies the power to the digital core, digital data ports, serial port input/output
pins, RESET, IRQ1, and IRQ2.
49
DVDD18
1.8 V Digital Supply. Pin 49 supplies the power to the digital core, digital data ports, serial port input/output
pins, RESET, IRQ1, and IRQ2.
50
IRQ2
Second Interrupt Request. Open-drain, active low output. Connect an external pull-up to DVDD18 through a
10 kΩ resistor.
51
IRQ1
First Interrupt Request. Open-drain, active low output. Connect an external pull-up to DVDD18 through a
10 kΩ resistor.
52
SDIO
Serial Port Data Input/Output. CMOS levels with respect to DVDD18.
53
SCLK
Serial Port Clock Input. CMOS levels with respect to DVDD18.
54
CS
Serial Port Chip Select. Active low (CMOS levels with respect to DVDD18).
55
AVDD33
3.3 V Analog Supply.
56
DNC
Do No Connect. Leave this pin floating.
57
DNC
Do No Connect. Leave this pin floating.
58
AVDD33
3.3 V Analog Supply.
59
CVDD18
1.8 V Clock Supply. CVDD18 supplies the power to the clock receivers and clock distribution.
60
CVDD18
1.8 V Clock Supply. CVDD18 supplies the power to the clock receivers and clock distribution.
61
DACCLKN
DAC Clock Input, Negative.
62
DACCLKP
DAC Clock Input, Positive.
63
CVDD18
1.8 V Clock Supply. CVDD18 supplies the power to the clock receivers and clock distribution.
64
CVDD18
1.8 V Clock Supply. CVDD18 supplies the power to the clock receivers and clock distribution.
65
AVDD33
3.3 V Analog Supply.
66
DACOUTN
DAC Current Output, Negative.
67
DACOUTP
DAC Current Output, Positive.
68
AVDD33
3.3 V Analog Supply.
69
FSADJ
Full-Scale Current Output Adjust. Place a 10 kΩ resistor from this pin to AVSS.
70
VREF
Voltage Reference. Nominally 1.2 V output. Decouple VREF to AVSS.
71
CVDD18
1.8 V Clock Supply. Pin 71 supplies power to the clock receivers, clock multiplier, and clock distribution.


Podobny numer części - AD9139-EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9139-EBZ AD-AD9139-EBZ Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
More results

Podobny opis - AD9139-EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9142 AD-AD9142 Datasheet
1Mb / 65P
   Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9125 AD-AD9125 Datasheet
889Kb / 56P
   Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9146 AD-AD9146 Datasheet
1Mb / 52P
   Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9122 AD-AD9122 Datasheet
1Mb / 56P
   Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
REV. 0
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
AD9709 AD-AD9709_09 Datasheet
597Kb / 32P
   8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
REV. B
AD9139 AD-AD9139_14 Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9148 AD-AD9148 Datasheet
851Kb / 73P
   Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9726BSVZ AD-AD9726BSVZ Datasheet
411Kb / 24P
   16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com