Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXL350BCEZ-RL Arkusz danych(PDF) 32 Page - Analog Devices

Numer części ADXL350BCEZ-RL
Szczegółowy opis  Digital Accelerometer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXL350BCEZ-RL Arkusz danych(HTML) 32 Page - Analog Devices

Back Button ADXL350BCEZ-RL Datasheet HTML 28Page - Analog Devices ADXL350BCEZ-RL Datasheet HTML 29Page - Analog Devices ADXL350BCEZ-RL Datasheet HTML 30Page - Analog Devices ADXL350BCEZ-RL Datasheet HTML 31Page - Analog Devices ADXL350BCEZ-RL Datasheet HTML 32Page - Analog Devices ADXL350BCEZ-RL Datasheet HTML 33Page - Analog Devices ADXL350BCEZ-RL Datasheet HTML 34Page - Analog Devices ADXL350BCEZ-RL Datasheet HTML 35Page - Analog Devices ADXL350BCEZ-RL Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
ADXL350
Data Sheet
Rev. 0 | Page 32 of 36
AXES OF ACCELERATION SENSITIVITY
AZ
AY
AX
Figure 63. Axes of Acceleration Sensitivity (Corresponding Output Voltage Increases When Accelerated Along the Sensitive Axis)
GRAVITY
XOUT = 0g
YOUT = 1g
ZOUT = 0g
XOUT = 0g
YOUT = –1g
ZOUT = 0g
XOUT = –1g
YOUT = 0g
ZOUT = 0g
XOUT = 1g
YOUT = 0g
ZOUT = 0g
XOUT = 0g
YOUT = 0g
ZOUT = 1g
XOUT = 0g
YOUT = 0g
ZOUT = –1g
Figure 64. Output Response vs. Orientation to Gravity


Podobny numer części - ADXL350BCEZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL350BCEZ-RL AD-ADXL350BCEZ-RL Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
More results

Podobny opis - ADXL350BCEZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL345TCCZ-EP AD-ADXL345TCCZ-EP Datasheet
656Kb / 40P
   Digital Accelerometer
REV. D
logo
List of Unclassifed Man...
1010L-002 ETC2-1010L-002 Datasheet
1Mb / 9P
   DIGITAL ACCELEROMETER
2010-002 ETC2-2010-002 Datasheet
504Kb / 3P
   DIGITAL ACCELEROMETER MODULE
logo
Analog Devices
ADXL343BCCZ AD-ADXL343BCCZ Datasheet
601Kb / 36P
   Digital MEMS Accelerometer
REV. 0
logo
List of Unclassifed Man...
2420-002 ETC2-2420-002 Datasheet
534Kb / 4P
   TRIAXIAL DIGITAL ACCELEROMETER MODULE
logo
MEMSIC Semiconductor (T...
MXC6655XA MEMSIC-MXC6655XA Datasheet
701Kb / 15P
   Digital Three-Axis Accelerometer
Rev A
logo
List of Unclassifed Man...
KXTF9-2050 ETC2-KXTF9-2050 Datasheet
1Mb / 49P
   Tri-axis Digital Accelerometer Specifications
KXTF9-4100 ETC2-KXTF9-4100 Datasheet
1Mb / 49P
   Tri-axis Digital Accelerometer Specifications
logo
MEMSIC Semiconductor (T...
MXC6855XU MEMSIC-MXC6855XU Datasheet
338Kb / 12P
   Digital Thermal Orientation Sensing Accelerometer
Version A
logo
Freescale Semiconductor...
MMA6222EG FREESCALE-MMA6222EG Datasheet
377Kb / 34P
   Digital Dual Axis Micromachined Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com