Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXL350BCEZ-RL Arkusz danych(PDF) 33 Page - Analog Devices

Numer części ADXL350BCEZ-RL
Szczegółowy opis  Digital Accelerometer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXL350BCEZ-RL Arkusz danych(HTML) 33 Page - Analog Devices

Back Button ADXL350BCEZ-RL Datasheet HTML 28Page - Analog Devices ADXL350BCEZ-RL Datasheet HTML 29Page - Analog Devices ADXL350BCEZ-RL Datasheet HTML 30Page - Analog Devices ADXL350BCEZ-RL Datasheet HTML 31Page - Analog Devices ADXL350BCEZ-RL Datasheet HTML 32Page - Analog Devices ADXL350BCEZ-RL Datasheet HTML 33Page - Analog Devices ADXL350BCEZ-RL Datasheet HTML 34Page - Analog Devices ADXL350BCEZ-RL Datasheet HTML 35Page - Analog Devices ADXL350BCEZ-RL Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
Data Sheet
ADXL350
Rev. 0 | Page 33 of 36
LAYOUT AND DESIGN RECOMMENDATIONS
Figure 65 shows the recommended printed wiring board land pattern. Figure 66 and Table 22 provide details about the recommended
soldering profile.
3.53mm
0.3mm
0.8mm
0.5mm
3.35mm
Figure 65. Recommended Printed Wiring Board Land Pattern
(Dimensions shown in millimeters)
tP
tL
t25°C TO PEAK
tS
PREHEAT
CRITICAL ZONE
TL TO TP
TIME
RAMP-DOWN
RAMP-UP
TSMIN
TSMAX
TP
TL
Figure 66. Recommended Soldering Profile
Table 22. Recommended Soldering Profile1, 2
Condition
Profile Feature
Sn63/Pb37
Pb-Free
Average Ramp Rate from Liquid Temperature (T
L) to Peak Temperature (TP)
3°C/sec max
3°C/sec max
Preheat
Minimum Temperature (T
SMIN)
100°C
150°C
Maximum Temperature (T
SMAX)
150°C
200°C
Time from T
SMIN to TSMAX (tS)
60 sec to 120 sec
60 sec to 180 sec
T
SMAX to TL Ramp-Up Rate
3°C/sec max
3°C/sec max
Liquid Temperature (T
L)
183°C
217°C
Time Maintained Above T
L (tL)
60 sec to 150 sec
60 sec to 150 sec
Peak Temperature (T
P)
240 + 0/−5°C
260 + 0/−5°C
Time of Actual T
P − 5°C (tP)
10 sec to 30 sec
20 sec to 40 sec
Ramp-Down Rate
6°C/sec max
6°C/sec max
Time 25°C to Peak Temperature
6 minutes max
8 minutes max
1 Based on JEDEC Standard J-STD-020D.1.
2 For best results, the soldering profile should be in accordance with the recommendations of the manufacturer of the solder paste used.


Podobny numer części - ADXL350BCEZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL350BCEZ-RL AD-ADXL350BCEZ-RL Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
More results

Podobny opis - ADXL350BCEZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL345TCCZ-EP AD-ADXL345TCCZ-EP Datasheet
656Kb / 40P
   Digital Accelerometer
REV. D
logo
List of Unclassifed Man...
1010L-002 ETC2-1010L-002 Datasheet
1Mb / 9P
   DIGITAL ACCELEROMETER
2010-002 ETC2-2010-002 Datasheet
504Kb / 3P
   DIGITAL ACCELEROMETER MODULE
logo
Analog Devices
ADXL343BCCZ AD-ADXL343BCCZ Datasheet
601Kb / 36P
   Digital MEMS Accelerometer
REV. 0
logo
List of Unclassifed Man...
2420-002 ETC2-2420-002 Datasheet
534Kb / 4P
   TRIAXIAL DIGITAL ACCELEROMETER MODULE
logo
MEMSIC Semiconductor (T...
MXC6655XA MEMSIC-MXC6655XA Datasheet
701Kb / 15P
   Digital Three-Axis Accelerometer
Rev A
logo
List of Unclassifed Man...
KXTF9-2050 ETC2-KXTF9-2050 Datasheet
1Mb / 49P
   Tri-axis Digital Accelerometer Specifications
KXTF9-4100 ETC2-KXTF9-4100 Datasheet
1Mb / 49P
   Tri-axis Digital Accelerometer Specifications
logo
MEMSIC Semiconductor (T...
MXC6855XU MEMSIC-MXC6855XU Datasheet
338Kb / 12P
   Digital Thermal Orientation Sensing Accelerometer
Version A
logo
Freescale Semiconductor...
MMA6222EG FREESCALE-MMA6222EG Datasheet
377Kb / 34P
   Digital Dual Axis Micromachined Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com