Zakładka z wyszukiwarką danych komponentów |
|
ADXL350BCEZ-RL Arkusz danych(PDF) 24 Page - Analog Devices |
|
ADXL350BCEZ-RL Arkusz danych(HTML) 24 Page - Analog Devices |
24 / 36 page ADXL350 Data Sheet Rev. 0 | Page 24 of 36 REGISTER DEFINITIONS Register 0x00—DEVID (Read Only) D7 D6 D5 D4 D3 D2 D1 D0 1 1 1 0 0 1 0 1 The DEVID register holds a fixed device ID code of 0xE5 (345 octal). Register 0x1D—THRESH_TAP (Read/Write) The THRESH_TAP register is eight bits and holds the threshold value for tap interrupts. The data format is unsigned, so the magnitude of the tap event is compared with the value in THRESH_TAP. The scale factor is 31.2 mg/LSB (that is, 0xFF = +8 g). A value of 0 may result in undesirable behavior if tap/ double tap interrupts are enabled. Register 0x1E, Register 0x1F, Register 0x20—OFSX, OFSY, OFSZ (Read/Write) The OFSX, OFSY, and OFSZ registers are each eight bits and offer user-set offset adjustments in twos complement format with a scale factor of 7.8 mg/LSB (that is, 0x7F = +1 g). Register 0x21—DUR (Read/Write) The DUR register is eight bits and contains an unsigned time value representing the maximum time that an event must be above the THRESH_TAP threshold to qualify as a tap event. The scale factor is 625 µs/LSB. A value of 0 disables the tap/double tap functions. Register 0x22—Latent (Read/Write) The latent register is eight bits and contains an unsigned time value representing the wait time from the detection of a tap event to the start of the time window (defined by the window register) during which a possible second tap event can be detected. The scale factor is 1.25 ms/LSB. A value of 0 disables the double tap function. Register 0x23—Window (Read/Write) The window register is eight bits and contains an unsigned time value representing the amount of time after the expiration of the latency time (determined by the latent register) during which a second valid tap can begin. The scale factor is 1.25 ms/LSB. A value of 0 disables the double tap function. Register 0x24—THRESH_ACT (Read/Write) The THRESH_ACT register is eight bits and holds the threshold value for detecting activity. The data format is unsigned, so the magnitude of the activity event is compared with the value in the THRESH_ACT register. The scale factor is 31.2 mg/LSB. A value of 0 may result in undesirable behavior if the activity interrupt is enabled. Register 0x25—THRESH_INACT (Read/Write) The THRESH_INACT register is eight bits and holds the threshold value for detecting inactivity. The data format is unsigned, so the magnitude of the inactivity event is compared with the value in the THRESH_INACT register. The scale factor is 31.2 mg/LSB. A value of 0 mg may result in undesirable behavior if the inactivity interrupt is enabled. Register 0x26—TIME_INACT (Read/Write) The TIME_INACT register is eight bits and contains an unsigned time value representing the amount of time that acceleration must be less than the value in the THRESH_INACT register for inactivity to be declared. The scale factor is 1 sec/LSB. Unlike the other interrupt functions, which use unfiltered data (see the Threshold section), the inactivity function uses filtered output data. At least one output sample must be generated for the inactivity interrupt to be triggered. This results in the function appearing unresponsive if the TIME_INACT register is set to a value less than the time constant of the output data rate. A value of 0 results in an interrupt when the output data is less than the value in the THRESH_INACT register. Register 0x27—ACT_INACT_CTL (Read/Write) D7 D6 D5 D4 ACT ac/dc ACT_X enable ACT_Y enable ACT_Z enable D3 D2 D1 D0 INACT ac/dc INACT_X enable INACT_Y enable INACT_Z enable ACT AC/DC and INACT AC/DC Bits A setting of 0 selects dc-coupled operation, and a setting of 1 enables ac-coupled operation. In dc-coupled operation, the current acceleration magnitude is compared directly with THRESH_ACT and THRESH_INACT to determine whether activity or inactivity is detected. In ac-coupled operation for activity detection, the acceleration value at the start of activity detection is taken as a reference value. New samples of acceleration are then compared to this reference value, and if the magnitude of the difference exceeds the THRESH_ACT value, the device triggers an activity interrupt. Similarly, in ac-coupled operation for inactivity detection, a reference value is used for comparison and is updated whenever the device exceeds the inactivity threshold. After the reference value is selected, the device compares the magnitude of the difference between the reference value and the current accel- eration with THRESH_INACT. If the difference is less than the value in THRESH_INACT for the time in TIME_INACT, the device is considered inactive and the inactivity interrupt is triggered. ACT_x Enable Bits and INACT_x Enable Bits A setting of 1 enables x-, y-, or z-axis participation in detecting activity or inactivity. A setting of 0 excludes the selected axis from participation. If all axes are excluded, the function is disabled. Register 0x28—THRESH_FF (Read/Write) The THRESH_FF register is eight bits and holds the threshold value, in unsigned format, for free-fall detection. The root-sum- square (RSS) value of all axes is calculated and compared with the value in THRESH_FF to determine if a free-fall event occurred. The scale factor is 31.2 mg/LSB. Note that a value of 0 mg may |
Podobny numer części - ADXL350BCEZ-RL |
|
Podobny opis - ADXL350BCEZ-RL |