Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXL350BCEZ-RL Arkusz danych(PDF) 27 Page - Analog Devices

Numer części ADXL350BCEZ-RL
Szczegółowy opis  Digital Accelerometer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXL350BCEZ-RL Arkusz danych(HTML) 27 Page - Analog Devices

Back Button ADXL350BCEZ-RL Datasheet HTML 23Page - Analog Devices ADXL350BCEZ-RL Datasheet HTML 24Page - Analog Devices ADXL350BCEZ-RL Datasheet HTML 25Page - Analog Devices ADXL350BCEZ-RL Datasheet HTML 26Page - Analog Devices ADXL350BCEZ-RL Datasheet HTML 27Page - Analog Devices ADXL350BCEZ-RL Datasheet HTML 28Page - Analog Devices ADXL350BCEZ-RL Datasheet HTML 29Page - Analog Devices ADXL350BCEZ-RL Datasheet HTML 30Page - Analog Devices ADXL350BCEZ-RL Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
Data Sheet
ADXL350
Rev. 0 | Page 27 of 36
Register 0x32 to Register 0x37—DATAX0, DATAX1,
DATAY0, DATAY1, DATAZ0, DATAZ1 (Read Only)
These six bytes (Register 0x32 to Register 0x37) are eight bits
each and hold the output data for each axis. Register 0x32 and
Register 0x33 hold the output data for the x-axis, Register 0x34 and
Register 0x35 hold the output data for the y-axis, and Register 0x36
and Register 0x37 hold the output data for the z-axis. The output
data is twos complement, with DATAx0 as the least significant
byte and DATAx1 as the most significant byte, where x represent X,
Y, or Z. The DATA_FORMAT register (Address 0x31) controls
the format of the data. It is recommended that a multiple-byte
read of all registers be performed to prevent a change in data
between reads of sequential registers.
Register 0x38—FIFO_CTL (Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
FIFO_MODE
Trigger
Samples
FIFO_MODE Bits
These bits set the FIFO mode, as described in Table 20.
Table 20. FIFO Modes
Setting
D7
D6
Mode
Function
0
0
Bypass
FIFO is bypassed.
0
1
FIFO
FIFO collects up to 32 values and then
stops collecting data, collecting new data
only when FIFO is not full.
1
0
Stream
FIFO holds the last 32 data values. When
FIFO is full, the oldest data is overwritten
with newer data.
1
1
Trigger
When triggered by the trigger bit, FIFO
holds the last data samples before the
trigger event and then continues to collect
data until full. New data is collected only
when FIFO is not full.
Trigger Bit
A value of 0 in the trigger bit links the trigger event of trigger mode
to INT1, and a value of 1 links the trigger event to INT2.
Samples Bits
The function of these bits depends on the FIFO mode selected
(see Table 21). Entering a value of 0 in the samples bits immediately
sets the watermark status bit in the INT_SOURCE register,
regardless of which FIFO mode is selected. Undesirable operation
may occur if a value of 0 is used for the samples bits when trigger
mode is used.
Table 21. Samples Bits Functions
FIFO Mode
Samples Bits Function
Bypass
None.
FIFO
Specifies how many FIFO entries are needed to
trigger a watermark interrupt.
Stream
Specifies how many FIFO entries are needed to
trigger a watermark interrupt.
Trigger
Specifies how many FIFO samples are retained in
the FIFO buffer before a trigger event.
0x39—FIFO_STATUS (Read Only)
D7
D6
D5
D4
D3
D2
D1
D0
FIFO_TRIG
0
Entries
FIFO_TRIG Bit
A 1 in the FIFO_TRIG bit corresponds to a trigger event occurring,
and a 0 means that a FIFO trigger event has not occurred.
Entries Bits
These bits report how many data values are stored in FIFO.
Access to collect the data from FIFO is provided through the
DATAX, DATAY, and DATAZ registers. FIFO reads must be
done in burst or multiple-byte mode because each FIFO level is
cleared after any read (single- or multiple-byte) of FIFO. FIFO
stores a maximum of 32 entries, which equates to a maximum
of 33 entries available at any given time because an additional
entry is available at the output filter of the device.


Podobny numer części - ADXL350BCEZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL350BCEZ-RL AD-ADXL350BCEZ-RL Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
More results

Podobny opis - ADXL350BCEZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL345TCCZ-EP AD-ADXL345TCCZ-EP Datasheet
656Kb / 40P
   Digital Accelerometer
REV. D
logo
List of Unclassifed Man...
1010L-002 ETC2-1010L-002 Datasheet
1Mb / 9P
   DIGITAL ACCELEROMETER
2010-002 ETC2-2010-002 Datasheet
504Kb / 3P
   DIGITAL ACCELEROMETER MODULE
logo
Analog Devices
ADXL343BCCZ AD-ADXL343BCCZ Datasheet
601Kb / 36P
   Digital MEMS Accelerometer
REV. 0
logo
List of Unclassifed Man...
2420-002 ETC2-2420-002 Datasheet
534Kb / 4P
   TRIAXIAL DIGITAL ACCELEROMETER MODULE
logo
MEMSIC Semiconductor (T...
MXC6655XA MEMSIC-MXC6655XA Datasheet
701Kb / 15P
   Digital Three-Axis Accelerometer
Rev A
logo
List of Unclassifed Man...
KXTF9-2050 ETC2-KXTF9-2050 Datasheet
1Mb / 49P
   Tri-axis Digital Accelerometer Specifications
KXTF9-4100 ETC2-KXTF9-4100 Datasheet
1Mb / 49P
   Tri-axis Digital Accelerometer Specifications
logo
MEMSIC Semiconductor (T...
MXC6855XU MEMSIC-MXC6855XU Datasheet
338Kb / 12P
   Digital Thermal Orientation Sensing Accelerometer
Version A
logo
Freescale Semiconductor...
MMA6222EG FREESCALE-MMA6222EG Datasheet
377Kb / 34P
   Digital Dual Axis Micromachined Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com