Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

54AC14 Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części 54AC14
Szczegółowy opis  54AC14 Hex Inverter with Schmitt Trigger Input
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

54AC14 Arkusz danych(HTML) 3 Page - Texas Instruments

  54AC14 Datasheet HTML 1Page - Texas Instruments 54AC14 Datasheet HTML 2Page - Texas Instruments 54AC14 Datasheet HTML 3Page - Texas Instruments 54AC14 Datasheet HTML 4Page - Texas Instruments 54AC14 Datasheet HTML 5Page - Texas Instruments 54AC14 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
OBSOLETE
54AC14
www.ti.com
SNOS082C – JULY 1998 – REVISED APRIL 2013
DC Characteristics for 'AC Family Devices
54AC
VCC
Symbol
Parameter
TA = −55°C to +125°C
Units
Conditions
(V)
Ensured Limits
VOH
Minimum High Level Output Voltage
3.0
2.9
IOUT = −50 μA
4.5
4.4
V
5.5
5.4
VIN = VIL or VIH
(1)
3.0
2.4
−12 mA
4.5
3.7
V
IOH −24 mA
5.5
4.7
−24 mA
VOL
Maximum Low Level Output Voltage
3.0
0.1
IOUT = 50 μA
4.5
0.1
V
5.5
0.1
VIN = VIL or VIH
(1)
3.0
0.5
12 mA
4.5
0.5
V
IOL 24 mA
5.5
0.5
24 mA
IIN
Maximum Input
5.5
±1.0
μA
VI = VCC, GND
Leakage Current
Vt+
Maximum Positive
3.0
2.2
TA = Worst Case
Threshold
4.5
3.2
V
5.5
3.9
Vt−
Minimum Negative
3.0
0.5
TA = Worst Case
Threshold
4.5
0.9
V
5.5
1.1
Vh(max)
Maximum Hysteresis
3.0
1.2
TA = Worst Case
4.5
1.4
V
5.5
1.6
Vh(min)
Minimum Hysteresis
3.0
0.3
TA = Worst Case
4.5
0.4
V
5.5
0.5
IOLD
Minimum Dynamic Output Current(2)
5.5
50
mA
VOLD = 1.65V Max
IOHD
5.5
−50
mA
VOHD = 3.85V Min
ICC
Maximum Quiescent
5.5
40.0
μA
VIN = VCC
Supply Current
or GND
(1)
All outputs loaded; thresholds on input associated with output under test.
(2)
Maximum test duration 2.0 ms, one output loaded at a time.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: 54AC14


Podobny numer części - 54AC14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
54AC14 NSC-54AC14 Datasheet
116Kb / 8P
   Hex Inverter with Schmitt Trigger Input
54AC14 NSC-54AC14 Datasheet
36Kb / 7P
   Hex Inverter Schmidt Trigger
logo
STMicroelectronics
54AC14 STMICROELECTRONICS-54AC14 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
logo
Silicon Supplies
54AC14 SS-54AC14 Datasheet
569Kb / 5P
   Advanced CMOS Logic
Rev 1.0 15/02/22
54AC14 SS-54AC14 Datasheet
568Kb / 5P
   Hex Schmitt-Trigger Inverter Logic IC in bare die form
Rev 1.0 15/02/22
More results

Podobny opis - 54AC14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM7414 FAIRCHILD-DM7414 Datasheet
35Kb / 3P
   Hex Inverter with Schmitt Trigger Input
logo
ON Semiconductor
74AC14 ONSEMI-74AC14 Datasheet
309Kb / 11P
   Hex Inverter with Schmitt Trigger Input
February 2011 Rev. 1.7.2
logo
Fairchild Semiconductor
74ACT14 FAIRCHILD-74ACT14_11 Datasheet
240Kb / 10P
   Hex Inverter with Schmitt Trigger Input
74AC14 FAIRCHILD-74AC14 Datasheet
132Kb / 9P
   Hex Inverter with Schmitt Trigger Input
logo
National Semiconductor ...
54AC14 NSC-54AC14 Datasheet
116Kb / 8P
   Hex Inverter with Schmitt Trigger Input
logo
ON Semiconductor
74AC14 ONSEMI-74AC14_V01 Datasheet
374Kb / 11P
   Hex Inverter with Schmitt Trigger Input
December, 2021-Rev. 3
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
National Semiconductor ...
54ACTQ14 NSC-54ACTQ14 Datasheet
104Kb / 6P
   Quiet Series Hex Inverter with Schmitt Trigger Input
logo
Fairchild Semiconductor
74ACTQ14 FAIRCHILD-74ACTQ14 Datasheet
100Kb / 7P
   Quiet Series Hex Inverter with Schmitt Trigger Input
74LVQ14 FAIRCHILD-74LVQ14 Datasheet
54Kb / 5P
   Low Voltage Hex Inverter with Schmitt Trigger Input
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com