Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDC5801A Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części CDC5801A
Szczegółowy opis  LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CDC5801A Arkusz danych(HTML) 2 Page - Texas Instruments

  CDC5801A Datasheet HTML 1Page - Texas Instruments CDC5801A Datasheet HTML 2Page - Texas Instruments CDC5801A Datasheet HTML 3Page - Texas Instruments CDC5801A Datasheet HTML 4Page - Texas Instruments CDC5801A Datasheet HTML 5Page - Texas Instruments CDC5801A Datasheet HTML 6Page - Texas Instruments CDC5801A Datasheet HTML 7Page - Texas Instruments CDC5801A Datasheet HTML 8Page - Texas Instruments CDC5801A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
CDC5801A
LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH
PROGRAMMABLE DELAY AND PHASE ALIGNMENT
SCAS813A − AUGUST 2005 − REVISED DECEMBER 2005
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Depending on the selection of the mode terminals (P0:2), the device behaves as a multiplier (by 4, 6, or 8) with
the phase aligner bypassed or as a multiplier or divider with programmable delay and phase aligner functionality.
Through the select terminals (P0:2) user can also bypass the phase aligner and the PLL (test mode) and output
the REFCLK directly on the CLKOUT/CLKOUTB terminals. Through P0:2 terminals the outputs could be in a
high impedance state. This device has another unique capability to be able to function with a wide band of
voltages on the REFCLK terminal by varying the voltage on the VDDREF terminal.
The CDC5801A has a fail-safe power up initialization state-machine which supports proper operation under all
power up conditions.
The CDC5801A device is characterized for operation over free-air temperatures of −40
°C to 85°C.
functional block diagram
B
A
PLL
Phase
Aligner
VDDPD/2
PLLCLK
CLKOUT
CLKOUTB
REFCLK
φD
LEADLAG
MULT0/DIV0
MULT1/DIV1
2
PWRDWNB
P0
P1
P2
STOPB
Control Logic
Phase Aligner
Bypass MUX
DLYCTRL
Divider
Ratio
VDDREF/2


Podobny numer części - CDC5801A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDC5801A TI-CDC5801A Datasheet
333Kb / 18P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE AND PHASE ALIGNMENT
CDC5801A TI1-CDC5801A Datasheet
613Kb / 18P
[Old version datasheet]   Low Jitter Clock Multiplier
CDC5801ADBQG4 TI1-CDC5801ADBQG4 Datasheet
613Kb / 18P
[Old version datasheet]   Low Jitter Clock Multiplier
CDC5801ADBQR TI1-CDC5801ADBQR Datasheet
613Kb / 18P
[Old version datasheet]   Low Jitter Clock Multiplier
CDC5801ADBQRG4 TI1-CDC5801ADBQRG4 Datasheet
613Kb / 18P
[Old version datasheet]   Low Jitter Clock Multiplier
More results

Podobny opis - CDC5801A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDC5801 TI-CDC5801 Datasheet
214Kb / 16P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY AND PHASE ALIGNMENT
CDC5801A TI-CDC5801A Datasheet
333Kb / 18P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE AND PHASE ALIGNMENT
logo
Hittite Microwave Corpo...
HMC988LP3E HITTITE-HMC988LP3E Datasheet
1Mb / 22P
   PROGRAMMABLE CLOCK DIVIDER AND DELAY
logo
Pericom Semiconductor C...
PI6C2310 PERICOM-PI6C2310 Datasheet
138Kb / 5P
   Low skew, low jitter, PLL clock buffer with divider or multiplier
logo
Texas Instruments
CDC5801A TI1-CDC5801A_14 Datasheet
613Kb / 18P
[Old version datasheet]   Low Jitter Clock Multiplier
logo
Analog Devices
HMC988LP3E AD-HMC988LP3E Datasheet
1Mb / 22P
   PROGRAMMABLE CLOCK DIVIDER AND DELAY DC - 4 GHz
logo
Integrated Circuit Syst...
ICS2059-02 ICST-ICS2059-02 Datasheet
210Kb / 11P
   Clock Multiplier and Jitter Attenuator
logo
Renesas Technology Corp
ICS2059-02 RENESAS-ICS2059-02 Datasheet
454Kb / 13P
   CLOCK MULTIPLIER AND JITTER ATTENUAT
logo
Texas Instruments
LMK04906 TI1-LMK04906 Datasheet
1Mb / 117P
[Old version datasheet]   Ultra Low Noise Clock Jitter Cleaner/Multiplier with 6 Programmable Outputs
logo
Skyworks Solutions Inc.
SI5323 SKYWORKS-SI5323 Datasheet
2Mb / 40P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com