Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA06P4L150THSG Arkusz danych(PDF) 3 Page - EPCOS

Numer części CA06P4L150THSG
Szczegółowy opis  Ceramic transient voltage suppressors
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EPCOS [EPCOS]
Strona internetowa  http://www.epcos.com
Logo EPCOS - EPCOS

CA06P4L150THSG Arkusz danych(HTML) 3 Page - EPCOS

  CA06P4L150THSG Datasheet HTML 1Page - EPCOS CA06P4L150THSG Datasheet HTML 2Page - EPCOS CA06P4L150THSG Datasheet HTML 3Page - EPCOS CA06P4L150THSG Datasheet HTML 4Page - EPCOS CA06P4L150THSG Datasheet HTML 5Page - EPCOS CA06P4L150THSG Datasheet HTML 6Page - EPCOS CA06P4L150THSG Datasheet HTML 7Page - EPCOS CA06P4L150THSG Datasheet HTML 8Page - EPCOS CA06P4L150THSG Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Features
ESD protection level acc. to ISO 10605,
IEC 61000-4-2 level 4
Bidirectional protection
Capacitance ratings down to 2 pF
Low insertion loss
Low leakage current
No signal distortion
RoHS-compatible
Suitable for lead-free soldering
Applications
ESD protection for high-speed data lines such as
USB 2.0, firewire, etc.
ESD protection for I/O ports of video and audio lines
Integrated solutions for connectors in mobile
communication and handheld devices
Design
Multilayer technology
Lack of plastic or epoxy encapsulation for
flammability rating better than UL 94 V-0
Termination (see “Soldering directions”):
CT and CA types with nickel barrier terminations
(AgNiSn), recommended for lead-free soldering,
and compatible with tin/lead solder.
Single chip
Internal circuit
Available case sizes:
EIA
Metric
0201
0603
0402
1005
0603
1608
Array
Internal circuit
4-fold array
Available case sizes:
EIA
Metric
Version
0508
1220
4-fold array
0612
1632
4-fold array
Multilayer varistors (MLVs)
High-speed series
Page 3 of 30
Please read Cautions and warnings and
Important notes at the end of this document.


Podobny numer części - CA06P4L150THSG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EPCOS
CA06P4K17ALCG EPCOS-CA06P4K17ALCG Datasheet
757Kb / 34P
   Ceramic transient voltage suppressors
CA06P4K17TLCG EPCOS-CA06P4K17TLCG Datasheet
757Kb / 34P
   Ceramic transient voltage suppressors
CA06P4M7GK2 EPCOS-CA06P4M7GK2 Datasheet
102Kb / 5P
   Multiple elements in one component
CA06P4S17ALCG EPCOS-CA06P4S17ALCG Datasheet
757Kb / 34P
   Ceramic transient voltage suppressors
logo
List of Unclassifed Man...
CA06P4S17ALCGK2 ETC-CA06P4S17ALCGK2 Datasheet
60Kb / 6P
   SMD Multilayer Varistor Array with AgPt Termination
More results

Podobny opis - CA06P4L150THSG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72862F1050S160 EPCOS-B72862F1050S160 Datasheet
653Kb / 28P
   Ceramic transient voltage suppressors
B72762A8140S160 EPCOS-B72762A8140S160_08 Datasheet
645Kb / 28P
   Ceramic transient voltage suppressors
B72587G3140S200 EPCOS-B72587G3140S200 Datasheet
691Kb / 29P
   Ceramic transient voltage suppressors
B72500E2170K060 EPCOS-B72500E2170K060 Datasheet
256Kb / 13P
   Ceramic transient voltage suppressors
B72500E2170S160 EPCOS-B72500E2170S160 Datasheet
156Kb / 13P
   Ceramic transient voltage suppressors
B72510E0140K062 EPCOS-B72510E0140K062 Datasheet
164Kb / 14P
   Ceramic transient voltage suppressors
B72510E0250K062 EPCOS-B72510E0250K062 Datasheet
163Kb / 14P
   Ceramic transient voltage suppressors
B72510E0300K062 EPCOS-B72510E0300K062 Datasheet
162Kb / 14P
   Ceramic transient voltage suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com