Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2673SD-3.3 Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części LM2673SD-3.3
Szczegółowy opis  LM2673 SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM2673SD-3.3 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button LM2673SD-3.3 Datasheet HTML 5Page - Texas Instruments LM2673SD-3.3 Datasheet HTML 6Page - Texas Instruments LM2673SD-3.3 Datasheet HTML 7Page - Texas Instruments LM2673SD-3.3 Datasheet HTML 8Page - Texas Instruments LM2673SD-3.3 Datasheet HTML 9Page - Texas Instruments LM2673SD-3.3 Datasheet HTML 10Page - Texas Instruments LM2673SD-3.3 Datasheet HTML 11Page - Texas Instruments LM2673SD-3.3 Datasheet HTML 12Page - Texas Instruments LM2673SD-3.3 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
LM2673
www.ti.com
SNVS030N – APRIL 2000 – REVISED APRIL 2013
SOFTSTART
A capacitor connected from pin 7 to ground allows for a slow turn-on of the switching regulator. The capacitor
sets a time delay to gradually increase the duty cycle of the internal power switch. This can significantly reduce
the amount of surge current required from the input supply during an abrupt application of the input voltage. If
softstart is not required this pin should be left open circuited. Please see the Css SOFTSTART CAPACITOR
section for further information regarding softstart capacitor values.
DAP (VSON PACKAGE)
The Die Attach Pad (DAP) can and should be connected to PCB Ground plane/island. For CAD and assembly
guidelines refer to Application Note AN-1187 at www.ti.com/lsds/ti/analog/powermanagement/power_portal.page.
DESIGN CONSIDERATIONS
Figure 16. Basic Circuit for Fixed Output Voltage Applications
Figure 17. Basic Circuit for Adjustable Output Voltage Applications
Power supply design using the LM2673 is greatly simplified by using recommended external components. A wide
range of inductors, capacitors and Schottky diodes from several manufacturers have been evaluated for use in
designs that cover the full range of capabilities (input voltage, output voltage and load current) of the LM2673. A
simple design procedure using nomographs and component tables provided in this data sheet leads to a working
design with very little effort. Alternatively, the design software, LM267X Made Simple (version 6.0), can also be
used to provide instant component selection, circuit performance calculations for evaluation, a bill of materials
component list and a circuit schematic.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2673


Podobny numer części - LM2673SD-3.3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2673SD-3.3 NSC-LM2673SD-3.3 Datasheet
451Kb / 26P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current Limit
LM2673SD-3.3 NSC-LM2673SD-3.3 Datasheet
650Kb / 26P
   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator with Adjustable Current Limit
logo
Texas Instruments
LM2673SD-3.3/NOPB TI1-LM2673SD-3.3/NOPB Datasheet
2Mb / 37P
[Old version datasheet]   LM2673 SIMPLE SWITCHER짰 3-A Step-Down Voltage Regulator With Adjustable Current Limit
More results

Podobny opis - LM2673SD-3.3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2673 NSC-LM2673 Datasheet
451Kb / 26P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current Limit
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
National Semiconductor ...
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
logo
Cystech Electonics Corp...
LM2576-XXE5 CYSTEKEC-LM2576-XXE5 Datasheet
340Kb / 12P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ULM2576 SECOS-S5ULM2576 Datasheet
998Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
GTM CORPORATION
G5ELM2576 GTM-G5ELM2576 Datasheet
358Kb / 7P
   Simple Switcher 3A Step-Down Voltage Regulator
G5ULM2576 GTM-G5ULM2576 Datasheet
356Kb / 7P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
ARTSCHIP ELECTRONICS CO...
LM2576 ARTSCHIP-LM2576 Datasheet
1Mb / 23P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com