Zakładka z wyszukiwarką danych komponentów |
|
LM2903DR Arkusz danych(PDF) 2 Page - Texas Instruments |
|
|
LM2903DR Arkusz danych(HTML) 2 Page - Texas Instruments |
2 / 30 page LM193, LM293, LM293A LM393, LM393A, LM2903, LM2903V DUAL DIFFERENTIAL COMPARATORS SLCS005W − JUNE 1976 − REVISED JULY 2010 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 ORDERING INFORMATION{ TA VIOmax AT 25 °C MAX VCC PACKAGE } ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP (P) Tube of 50 LM393P LM393P Tube of 75 LM393D SOIC (D) Reel of 2500 LM393DR LM393 SOIC (D) Reel of 2500 LM393DRG3 LM393 5 mV 30 V SOP (PS) Reel of 2000 LM393PSR L393 5 mV 30 V Tube of 150 LM393PW TSSOP (PW) Reel of 2000 LM393PWR L393 0 °C to 70°C TSSOP (PW) Reel of 2000 LM393PWRG3 L393 0 C to 70 C MSOP/VSSOP (DGK) Reel of 2500 LM393DGKR M9_§ PDIP (P) Tube of 50 LM393AP LM393AP SOIC (D) Tube of 75 LM393AD LM393A 2mV 30 V SOIC (D) Reel of 2500 LM393ADR LM393A 2 mV 30 V SOP (PS) Reel of 2000 LM393APSR L393A TSSOP (PW) Reel of 2000 LM393APWR L393A MSOP/VSSOP (DGK) Reel of 2500 LM393ADGKR M8_§ PDIP (P) Tube of 50 LM293P LM293P Tube of 75 LM293D 5 mV 30 V SOIC (D) Reel of 2500 LM293DR LM293 25 °Cto85°C 5 mV 30 V SOIC (D) Reel of 2500 LM293DRG3 LM293 −25 °C to 85°C MSOP/VSSOP (DGK) Reel of 2500 LM293DGKR MC_§ SOIC (D) Tube of 75 LM293AD LM293A 2 mV 30 V SOIC (D) Reel of 2500 LM293ADR LM293A 2 mV 30 V MSOP/VSSOP (DGK) Reel of 2500 LM293ADGKR MD_§ PDIP (P) Tube of 50 LM2903P LM2903P Tube of 75 LM2903D SOIC (D) Reel of 2500 LM2903DR LM2903 7V 30 V SOIC (D) Reel of 2500 LM2903DRG3 LM2903 7 mV 30 V SOP (PS) Reel of 2000 LM2903PSR L2903 40 °C to 125°C TSSOP (PW) Reel of 2000 LM2903PWR L2903 −40 °C to 125°C TSSOP (PW) Reel of 2000 LM2903PWRG3 L2903 MSOP/VSSOP (DGK) Reel of 2500 LM2903DGKR MA_§ 7mV 32 V SOIC (D) Reel of 2500 LM2903VQDR L2903V 7 mV 32 V TSSOP (PW) Reel of 2000 LM2903VQPWR L2903V 2mV 32 V SOIC (D) Reel of 2500 LM2903AVQDR L2903AV 2 mV 32 V TSSOP (PW) Reel of 2000 LM2903AVQPWR L2903AV CDIP (JG) Tube of 50 LM193JG LM193JG −55 °C to 125°C 5 mV 30 V LCCC (FK) Tube of 55 LM193FK LM193FK SOIC (D) Reel of 2500 LM193DR LM193 † For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. ‡ Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. § The actual top-side marking has one additional character that designates the wafer fab/assembly site. |
Podobny numer części - LM2903DR |
|
Podobny opis - LM2903DR |