Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4050BDE4 Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części CD4050BDE4
Szczegółowy opis  CMOS Hex Buffer Converters
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CD4050BDE4 Arkusz danych(HTML) 5 Page - Texas Instruments

  CD4050BDE4 Datasheet HTML 1Page - Texas Instruments CD4050BDE4 Datasheet HTML 2Page - Texas Instruments CD4050BDE4 Datasheet HTML 3Page - Texas Instruments CD4050BDE4 Datasheet HTML 4Page - Texas Instruments CD4050BDE4 Datasheet HTML 5Page - Texas Instruments CD4050BDE4 Datasheet HTML 6Page - Texas Instruments CD4050BDE4 Datasheet HTML 7Page - Texas Instruments CD4050BDE4 Datasheet HTML 8Page - Texas Instruments CD4050BDE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
5
Input Capacitance, CIN
CD4049UB
-
-
15
22.5
pF
Input Capacitance, CIN
CD4050B
-
-
5
7.5
pF
AC Electrical Specifications
TA = 25
oC, Input t
r, tf = 20ns, CL = 50pF, RL = 200kΩ (Continued)
PARAMETER
TEST CONDITIONS
LIMITS (ALL PACKAGES)
UNITS
VIN
VCC
TYP
MAX
Typical Performance Curves
FIGURE 2. MINIMUM AND MAXIMUM VOLTAGE TRANSFER
CHARACTERISTICS FOR CD4049UB
FIGURE 3. MINIMUM AND MAXIMUM VOLTAGE TRANSFER
CHARACTERISTICS FOR CD4050B
FIGURE 4. TYPICAL OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
FIGURE 5. MINIMUM OUTPUT LOW (SINK) CURRENT DRAIN
CHARACTERISTICS
5
4
3
2
1
01234
VI, INPUT VOLTAGE (V)
TA = 25
oC
SUPPLY VOLTAGE (VCC) = 5V
MAXIMUM
MINIMUM
5
4
3
2
1
01
2
3
4
VI, INPUT VOLTAGE (V)
TA = 25
oC
SUPPLY VOLTAGE (VCC) = 5V
MAXIMUM
MINIMUM
50
40
30
20
10
0
1234
VDS, DRAIN TO SOURCE VOLTAGE (V)
TA = 25
oC
GATE TO SOURCE VOLTAGE (VGS) = 5V
10V
15V
60
70
5678
50
40
30
20
10
0
1234
VDS, DRAIN TO SOURCE VOLTAGE (V)
TA = 25
oC
GATE TO SOURCE VOLTAGE (VGS) = 5V
10V
15V
60
70
5678
CD4049UB, CD4050B


Podobny numer części - CD4050BDE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD4050BDE4 TI1-CD4050BDE4 Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Hex Buffer/Converters
More results

Podobny opis - CD4050BDE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
UCD4049B UTC-UCD4049B Datasheet
210Kb / 5P
   CMOS HEX BUFFER/CONVERTERS
logo
Texas Instruments
CD4049UBDE4 TI1-CD4049UBDE4 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer/Converters
logo
Harris Corporation
CD4049UB HARRIS-CD4049UB Datasheet
75Kb / 10P
   CMOS Hex Buffer/Converters
logo
Texas Instruments
CD4049UB TI1-CD4049UB_15 Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Hex Buffer/Converters
logo
Unisonic Technologies
UCD4050B UTC-UCD4050B Datasheet
196Kb / 5P
   CMOS HEX BUFFER/CONVERTERS
UCD4049B UTC-UCD4049B_15 Datasheet
243Kb / 5P
   CMOS HEX BUFFER/CONVERTERS
UCD4050B UTC-UCD4050B_15 Datasheet
196Kb / 5P
   CMOS HEX BUFFER/CONVERTERS
logo
STMicroelectronics
HCC4009UB STMICROELECTRONICS-HCC4009UB Datasheet
302Kb / 13P
   HEX BUFFER/CONVERTERS
logo
Texas Instruments
CD4503B TI1-CD4503B_15 Datasheet
913Kb / 15P
[Old version datasheet]   Cmos Hex Buffer
logo
Intersil Corporation
CD4503BMS INTERSIL-CD4503BMS Datasheet
74Kb / 8P
   CMOS Hex Buffer
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com