Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADL5610-EVALZ Arkusz danych(PDF) 10 Page - Analog Devices

Numer części ADL5610-EVALZ
Szczegółowy opis  30 MHz to 6 GHz RF/IF Gain Block
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADL5610-EVALZ Arkusz danych(HTML) 10 Page - Analog Devices

Back Button ADL5610-EVALZ Datasheet HTML 6Page - Analog Devices ADL5610-EVALZ Datasheet HTML 7Page - Analog Devices ADL5610-EVALZ Datasheet HTML 8Page - Analog Devices ADL5610-EVALZ Datasheet HTML 9Page - Analog Devices ADL5610-EVALZ Datasheet HTML 10Page - Analog Devices ADL5610-EVALZ Datasheet HTML 11Page - Analog Devices ADL5610-EVALZ Datasheet HTML 12Page - Analog Devices ADL5610-EVALZ Datasheet HTML 13Page - Analog Devices ADL5610-EVALZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADL5610
Data Sheet
Rev. A | Page 10 of 16
30 MHz TO 500 MHz FREQUENCY BAND
Figure 9. Noise Figure, Gain, P1dB, and OIP3 vs. Frequency,
Low Frequency Configuration
Figure 10. Gain vs. Frequency and Temperature,
Low Frequency Configuration
Figure 11. OIP3 and P1dB vs. Frequency and Temperature,
Low Frequency Configuration
Figure 12. OIP3 vs. Output Power (POUT) and Frequency,
Low Frequency Configuration
Figure 13. Output Return Loss (S22), Input Return Loss (S11), and
Reverse Isolation (S12) vs. Frequency, Low Frequency Configuration
Figure 14. Noise Figure vs. Frequency and Temperature,
Low Frequency Configuration
0
5
10
15
20
25
30
35
40
45
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
NOISE FIGURE (dB)
GAIN (dB)
OIP3 (dBm)
P1dB (dBm)
0
5
10
15
20
25
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
+105°C
+25°C
+85°C
–40°C
0
5
10
15
20
25
30
35
40
45
0
5
10
15
20
25
30
35
40
45
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
+105°C
+25°C +85°C
–40°C
15
20
25
30
35
40
45
–4
–2
0
2
4
6
POUT PER TONE (dBm)
30MHz
140MHz
350MHz
–35
–30
–25
–20
–15
–10
–5
0
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
S22
S11
S12
0
1
2
3
4
5
6
7
8
0
50
100
150
200
250
300
350
400
450
500
FREQUENC Y (MHz)
+105°C
+85°C
+25°C
–40°C


Podobny numer części - ADL5610-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADL5610-EVALZ AD-ADL5610-EVALZ Datasheet
438Kb / 16P
   RF/IF Gain Block
More results

Podobny opis - ADL5610-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADL5611 AD-ADL5611 Datasheet
239Kb / 8P
   30 MHz to 6 GHz RF/IF Gain Block
Rev. PrA
ADL5544 AD-ADL5544 Datasheet
418Kb / 20P
   30 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5545 AD-ADL5545 Datasheet
414Kb / 20P
   30 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5541 AD-ADL5541_15 Datasheet
257Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5541 AD-ADL5541 Datasheet
285Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5542 AD-ADL5542 Datasheet
265Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
ADL5602 AD-ADL5602 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5536 AD-ADL5536 Datasheet
307Kb / 16P
   20 MHz to 1.0 GHz IF Gain Block
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com