Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9235BRU-65 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD9235BRU-65
Szczegółowy opis  12-Bit, 20/40/65 MSPS 3 V A/D Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9235BRU-65 Arkusz danych(HTML) 1 Page - Analog Devices

  AD9235BRU-65 Datasheet HTML 1Page - Analog Devices AD9235BRU-65 Datasheet HTML 2Page - Analog Devices AD9235BRU-65 Datasheet HTML 3Page - Analog Devices AD9235BRU-65 Datasheet HTML 4Page - Analog Devices AD9235BRU-65 Datasheet HTML 5Page - Analog Devices AD9235BRU-65 Datasheet HTML 6Page - Analog Devices AD9235BRU-65 Datasheet HTML 7Page - Analog Devices AD9235BRU-65 Datasheet HTML 8Page - Analog Devices AD9235BRU-65 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
12-Bit, 20/40/65 MSPS
3 V A/D Converter
Data Sheet
AD9235
Rev. D
InformationfurnishedbyAnalogDevicesisbelievedtobeaccurateandreliable.However,nore-
sponsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
licenseisgrantedbyimplicationorotherwiseunderanypatentorpatentrightsofAnalogDevices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2012 Analog Devices, Inc. All rights reserved.
FEATURES
Single 3 V supply operation (2.7 V to 3.6 V)
SNR = 70 dBc to Nyquist at 65 MSPS
SFDR = 85 dBc to Nyquist at 65 MSPS
Low power: 300 mW at 65 MSPS
Differential input with 500 MHz bandwidth
On-chip reference and SHA
DNL = ±0.4 LSB
Flexible analog input: 1 V p-p to 2 V p-p range
Offset binary or twos complement data format
Clock duty cycle stabilizer
APPLICATIONS
Ultrasound equipment
IF sampling in communications receivers
IS-95, CDMA-One, IMT-2000
Battery-powered instruments
Hand-held scopemeters
Low cost digital oscilloscopes
FUNCTIONAL BLOCK DIAGRAM
SHA
VIN+
VIN–
DRVDD
8-STAGE
1 1/2-BIT
PIPELINE
CLK
PDWN
MODE
CLOCK
DUTY CYCLE
STABILIZER
MODE
SELECT
DGND
OTR
D11
D0
AVDD
MDAC1
CORRECTION LOGIC
OUTPUT BUFFERS
REF
SELECT
AGND
0.5V
VREF
SENSE
AD9235
REFT
REFB
A/D
A/D
4
16
12
3
Figure 1.
GENERAL DESCRIPTION
The AD9235 is a family of monolithic, single 3 V supply, 12-bit,
20/40/65 MSPS analog-to-digital converters (ADCs). This
family features a high performance sample-and-hold amplifier
(SHA) and voltage reference. The AD9235 uses a multistage
differential pipelined architecture with output error correction
logic to provide 12-bit accuracy at 20/40/65 MSPS data rates
and guarantee no missing codes over the full operating
temperature range.
The wide bandwidth, truly differential SHA allows a variety of
user-selectable input ranges and offsets including single-ended
applications. It is suitable for multiplexed systems that switch
full-scale voltage levels in successive channels and for sampling
single-channel inputs at frequencies well beyond the Nyquist rate.
Combined with power and cost savings over previously available
ADCs, the AD9235 is suitable for applications in communica-
tions, imaging, and medical ultrasound.
A single-ended clock input is used to control all internal
conversion cycles. A duty cycle stabilizer (DCS) compensates
for wide variations in the clock duty cycle while maintaining
excellent overall ADC performance. The digital output data is
presented in straight binary or twos complement formats. An
out-of-range (OTR) signal indicates an overflow condition that
can be used with the most significant bit to determine low or
high overflow.
Fabricated on an advanced CMOS process, the AD9235 is avail-
able in a 28-lead TSSOP and a 32-lead LFCSP and is specified
over the industrial temperature range (–40°C to +85°C).
PRODUCT HIGHLIGHTS
1. The AD9235 operates from a single 3 V power supply and
features a separate digital output driver supply to accommo-
date 2.5 V and 3.3 V logic families.
2. Operating at 65 MSPS, the AD9235 consumes a low 300 mW.
3. The patented SHA input maintains excellent performance for
input frequencies up to 100 MHz and can be configured for
single-ended or differential operation.
4. The AD9235 pinout is similar to the AD9214-65, a 10-bit,
65 MSPS ADC. This allows a simplified upgrade path from
10 bits to 12 bits for 65 MSPS systems.
5. The clock DCS maintains overall ADC performance over a
wide range of clock pulse widths.
6. The OTR output bit indicates when the signal is beyond the
selected input range.


Podobny numer części - AD9235BRU-65

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9235BRU-65 AD-AD9235BRU-65 Datasheet
1Mb / 32P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. B
AD9235BRU-65 AD-AD9235BRU-65 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BRU-65 AD-AD9235BRU-65 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BRU-65 AD-AD9235BRU-65 Datasheet
833Kb / 41P
   3V A/D Converter
More results

Podobny opis - AD9235BRU-65

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9235 AD-AD9235_15 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCPZ-65 AD-AD9235BCPZ-65 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCP-65EBZ AD-AD9235BCP-65EBZ Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCPZ-20 AD-AD9235BCPZ-20 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235 AD-AD9235 Datasheet
1Mb / 32P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. B
AD9237 AD-AD9237 Datasheet
1,005Kb / 28P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter
REV. 0
AD9237 AD-AD9237_15 Datasheet
570Kb / 24P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS 3 V Low Power A/D Converter
REV. C
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9238 AD-AD9238 Datasheet
1Mb / 24P
   12-Bit, 20/40/65 MSPS Dual A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com