Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM213EARUZ-REEL1 Arkusz danych(PDF) 2 Page - Analog Devices

Numer części ADM213EARUZ-REEL1
Szczegółowy opis  EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM213EARUZ-REEL1 Arkusz danych(HTML) 2 Page - Analog Devices

  ADM213EARUZ-REEL1 Datasheet HTML 1Page - Analog Devices ADM213EARUZ-REEL1 Datasheet HTML 2Page - Analog Devices ADM213EARUZ-REEL1 Datasheet HTML 3Page - Analog Devices ADM213EARUZ-REEL1 Datasheet HTML 4Page - Analog Devices ADM213EARUZ-REEL1 Datasheet HTML 5Page - Analog Devices ADM213EARUZ-REEL1 Datasheet HTML 6Page - Analog Devices ADM213EARUZ-REEL1 Datasheet HTML 7Page - Analog Devices ADM213EARUZ-REEL1 Datasheet HTML 8Page - Analog Devices ADM213EARUZ-REEL1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADM206E/ADM207E/ADM208E/ADM211E/ADM213E
Rev. E | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Connection Diagram ....................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
ESD Caution.................................................................................. 4
Pin Configurations and Function Descriptions ........................... 5
Typical Performance Characteristics ............................................. 8
Theory of Operation ...................................................................... 10
Circuit Description..................................................................... 10
Enable and Shutdown ................................................................ 10
High Baud Rate........................................................................... 11
ESD/EFT Transient Protection Scheme .................................. 11
ESD Testing (IEC 1000­4­2) ..................................................... 11
EFT/Burst Testing (IEC 1000­4­4)........................................... 12
IEC 1000-4-3 Radiated Immunity ........................................... 13
Emissions/Interference .............................................................. 14
Conducted Emissions ................................................................ 14
Radiated Emissions .................................................................... 14
Outline Dimensions ....................................................................... 16
Ordering Guide .......................................................................... 19
REVISION HISTORY
9/06—Rev. D to Rev. E
Updated Format..................................................................Universal
Changes to Figure 1 and Table 1..................................................... 1
Changes to Table 2............................................................................ 3
Changes to Figure 2, Figure 3, and Figure 5.................................. 5
Changes to Figure 7 and Figure 9................................................... 6
Changes to Figure 11........................................................................ 7
Changes to Figure 17........................................................................ 8
Updated Outline Dimensions ....................................................... 16
Changes to Ordering Guide .......................................................... 19
4/05—Rev. C to Rev. D
Changes to Specifications Section .................................................. 2
Changes to Ordering Guide ............................................................ 4
Updated Outline Dimensions ......................................................... 6
3/01—Rev. B to Rev. C
Changes to Features Section ............................................................1
Changes to Specifications Table ......................................................2
Changes to Absolute Maximum Ratings........................................3
Changes to Figure 6 ..........................................................................5
Changes to Typical Performance Characteristics Section ...... 7, 8
Changes to Table V......................................................................... 11


Podobny numer części - ADM213EARUZ-REEL1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM213EARUZ-REEL1 AD-ADM213EARUZ-REEL1 Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
More results

Podobny opis - ADM213EARUZ-REEL1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM213EARZ-REEL AD-ADM213EARZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM206E AD-ADM206E_06 Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ AD-ADM213EARSZ Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM202E AD-ADM202E Datasheet
163Kb / 12P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. 0
ADM202E AD-ADM202E_V01 Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM206E AD-ADM206E Datasheet
204Kb / 16P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. B
ADM2023E AD-ADM2023E Datasheet
254Kb / 16P
   EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
REV. C
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
ADM213E AD-ADM213E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
ADM211E AD-ADM211E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com