Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9774 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD9774
Szczegółowy opis  14-Bit, 32 MSPS TxDAC??with 43 Interpolation Filters
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9774 Arkusz danych(HTML) 4 Page - Analog Devices

  AD9774 Datasheet HTML 1Page - Analog Devices AD9774 Datasheet HTML 2Page - Analog Devices AD9774 Datasheet HTML 3Page - Analog Devices AD9774 Datasheet HTML 4Page - Analog Devices AD9774 Datasheet HTML 5Page - Analog Devices AD9774 Datasheet HTML 6Page - Analog Devices AD9774 Datasheet HTML 7Page - Analog Devices AD9774 Datasheet HTML 8Page - Analog Devices AD9774 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
–4–
REV. B
AD9774–SPECIFICATIONS
DIGITAL FILTER SPECIFICATIONS
Parameter
Min
Typ
Max
Units
MAXIMUM INPUT CLOCK RATE (fCLOCK)
DVDD = 5 V
32
MSPS
DVDD = 3 V
25
32
MSPS
DIGITAL FILTER CHARACTERISTICS
Passband Width
1: 0.005 dB
0.410
fOUT/fCLOCK
Passband Width: 0.01 dB
0.414
fOUT/fCLOCK
Passband Width: 0.1 dB
0.420
fOUT/fCLOCK
Passband Width: –3 dB
0.482
fOUT/fCLOCK
LINEAR PHASE (FIR IMPLEMENTATION)
STOPBAND REJECTION
0.591 fCLOCK to 3.419 fCLOCK
–69.5
dB
0.591 fCLOCK to 1.409 fCLOCK
–79.5
dB
GROUP DELAY
2
38
Input Clocks
IMPULSE RESPONSE DURATION
–40 dB
53
Input Clocks
–60 dB
62
Input Clocks
NOTES
1Excludes sinx/x characteristic of DAC.
2Defined as the number of data clock cycles between impulse input and peak of output response.
Specifications subject to change without notice.
(TMIN to TMAX, AVDD = +2.7 V to +5.5 V, DVDD = +2.7 V to +5.5 V, IOUTFS = 20 mA unless
otherwise noted)
ABSOLUTE MAXIMUM RATINGS*
With
Respect
Parameter
to
Min
Max
Units
AVDD
ACOM
–0.3
+6.5
V
DVDD
DCOM
–0.3
+6.5
V
PLLVDD
PLLCOM
–0.3
+6.5
V
ACOM
DCOM
–0.3
+0.3
V
PLLCOM
ACOM
–0.3
+0.3
V
PLLCOM
DCOM
–0.3
+0.3
V
AVDD
DVDD
–6.5
+6.5
V
PLLVDD
DVDD
–0.3
+6.5
V
PLLVDD
AVDD
–0.3
+6.5
V
CLKIN, CLK4
×IN
DVDD
–0.3
+6.5
V
SLEEP, SNOOZE
DCOM
–0.3
DVDD + 0.3
V
Digital Inputs
DCOM
–0.3
DVDD + 0.3
V
PLL DIVIDE, LPF
ACOM
–0.3
PLLVDD + 0.3 V
PLLLOCK
ACOM
–0.3
PLLVDD + 0.3 V
VCO IN/EXT
ACOM
–0.3
PLLVDD + 0.3 V
IOUTA/IOUTB
ACOM
–0.3
AVDD + 0.3
V
REFIO, FSADJ
ACOM
–0.3
AVDD + 0.3
V
FSADJ
ACOM
–0.3
AVDD + 0.3
V
ICOMP
ACOM
–0.3
AVDD + 0.3
V
REFCOM
ACOM
–0.3
+0.3
V
Junction Temperature
+150
°C
Storage Temperature
–65
+150
°C
Lead Temperature
+300
°C
(10 sec)
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum ratings
for extended periods may effect device reliability.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option*
AD9774AS
–40
°C to +85°C
44-Lead MQFP
S-44
AD9774EB
Evaluation Board
*S = Metric Quad Flatpack.
THERMAL CHARACTERISTIC
Thermal Resistance
44-Lead MQFP
θ
JA = 53.2°C/W
θ
JC = 19°C/W


Podobny numer części - AD9774

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9774 AD-AD9774 Datasheet
313Kb / 24P
   14-Bit, 32 MSPS TxDAC??with 4x Interpolation Filters
REV. B
AD9774AS AD-AD9774AS Datasheet
313Kb / 24P
   14-Bit, 32 MSPS TxDAC??with 4x Interpolation Filters
REV. B
AD9774EB AD-AD9774EB Datasheet
313Kb / 24P
   14-Bit, 32 MSPS TxDAC??with 4x Interpolation Filters
REV. B
More results

Podobny opis - AD9774

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9774 AD-AD9774 Datasheet
313Kb / 24P
   14-Bit, 32 MSPS TxDAC??with 4x Interpolation Filters
REV. B
AD9772A AD-AD9772A_V01 Datasheet
881Kb / 40P
   14-Bit, 160 MSPS TxDAC with 2횞 Interpolation Filter
Rev. C
AD9772 AD-AD9772 Datasheet
340Kb / 30P
   14-Bit, 150 MSPS TxDAC??with 2x Interpolation Filter
REV. 0
AD9772A AD-AD9772A Datasheet
596Kb / 32P
   14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
REV. A
AD9761 AD-AD9761 Datasheet
246Kb / 23P
   Dual 10-Bit TxDAC??with 2x Interpolation Filters
REV. A
AD9784 AD-AD9784 Datasheet
1Mb / 52P
   14-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
Rev. PrC
AD9784 AD-AD9784_15 Datasheet
1Mb / 52P
   14-Bit, 200 MSPS/500 MSPS TxDAC
Rev. PrC
AD9786 AD-AD9786 Datasheet
1Mb / 60P
   16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
REV. 0
AD9772 AD-AD9772_15 Datasheet
389Kb / 30P
   14 BIT 150 MSPS T DAC WITH 2 INTERPOLATION FILTER
REV. 0
AD9764ARZ AD-AD9764ARZ Datasheet
314Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com