Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADuC7023BCP6Z62IRL Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADuC7023BCP6Z62IRL
Szczegółowy opis  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADuC7023BCP6Z62IRL Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADuC7023BCP6Z62IRL Datasheet HTML 4Page - Analog Devices ADuC7023BCP6Z62IRL Datasheet HTML 5Page - Analog Devices ADuC7023BCP6Z62IRL Datasheet HTML 6Page - Analog Devices ADuC7023BCP6Z62IRL Datasheet HTML 7Page - Analog Devices ADuC7023BCP6Z62IRL Datasheet HTML 8Page - Analog Devices ADuC7023BCP6Z62IRL Datasheet HTML 9Page - Analog Devices ADuC7023BCP6Z62IRL Datasheet HTML 10Page - Analog Devices ADuC7023BCP6Z62IRL Datasheet HTML 11Page - Analog Devices ADuC7023BCP6Z62IRL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 96 page
background image
ADuC7023
Data Sheet
| Page 8 of 96
TIMING SPECIFICATIONS
Table 2. I2C Timing in Fast Mode (400 kHz)
Slave
Master
Parameter
Description
Min
Max
Typ
Unit
tL
SCL low pulse width
200
1360
ns
tH
SCL high pulse width
100
1140
ns
tSHD
Start condition hold time
300
ns
tDSU
Data setup time
100
740
ns
tDHD
Data hold time
0
400
ns
tRSU
Setup time for repeated start
100
ns
tPSU
Stop condition setup time
100
800
ns
tBUF
Bus-free time between a stop condition and a start condition
1.3
μs
tR
Rise time for both SCL and SDA
300
200
ns
tF
Fall time for both SCL and SDA
300
ns
Table 3. I2C Timing in Standard Mode (100 kHz)
Slave
Parameter
Description
Min
Max
Unit
tL
SCL low pulse width
4.7
μs
tH
SCL high pulse width
4.0
ns
tSHD
Start condition hold time
4.0
μs
tDSU
Data setup time
250
ns
tDHD
Data hold time
0
3.45
μs
tRSU
Setup time for repeated start
4.7
μs
tPSU
Stop condition setup time
4.0
μs
tBUF
Bus-free time between a stop condition and a start condition
4.7
μs
tR
Rise time for both SCL and SDA
1
μs
tF
Fall time for both SCL and SDA
300
ns
SDA (I/O)
MSB
LSB
ACK
MSB
1
9
8
2–7
1
PS
S(R)
tR
tF
tRSU
tDSU
tDSU
tPSU
tBUF
tH
tF
tR
tDHD
tDHD
tSHD
tSUP
tL
tSUP
REPEATED
START
START
CONDITION
STOP
CONDITION
SCL (I)
Figure 2. I2C-Compatible Interface Timing
Rev. E


Podobny numer części - ADuC7023BCP6Z62IRL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUC7023BCP6Z62IRL AD-ADUC7023BCP6Z62IRL Datasheet
1Mb / 98P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
Rev. H
More results

Podobny opis - ADuC7023BCP6Z62IRL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUC7023 AD-ADUC7023 Datasheet
1Mb / 98P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
Rev. H
ADUC7124 AD-ADUC7124 Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, Large Memory, ARM7TDMI MCU with Enhanced IRQ Handler
REV. 0
ADUC7124 AD-ADUC7124_14 Datasheet
1Mb / 110P
   Precision Analog Microcontroller, 12-Bit Analog I/O, Large Memory, ARM7TDMI MCU with Enhanced IRQ Handler
ADUC7019 AD-ADUC7019 Datasheet
987Kb / 92P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
REV. A
ADUC7024BSTZ62 AD-ADUC7024BSTZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7121 AD-ADUC7121 Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
REV. 0
ADUC7022 AD-ADUC7022_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7019 AD-ADUC7019_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7021 AD-ADUC7021_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7026 AD-ADUC7026_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com