Zakładka z wyszukiwarką danych komponentów |
|
ADSP-21479BCPZ-1A Arkusz danych(PDF) 4 Page - Analog Devices |
|
ADSP-21479BCPZ-1A Arkusz danych(HTML) 4 Page - Analog Devices |
4 / 76 page Rev. C | Page 4 of 76 | July 2013 ADSP-21477/ADSP-21478/ADSP-21479 The block diagram of the ADSP-2147x on Page 1 also shows the peripheral clock domain (also known as the I/O processor), which contains the following features: •IOD0 (peripheral DMA) and IOD1 (external port DMA) buses for 32-bit data transfers • Peripheral and external port buses for core connection • External port with an asynchronous memory interface (AMI) and SDRAM controller •4 units for pulse width modulation (PWM) control • 1 memory-to-memory (MTM) unit for internal-to-internal memory transfers • Digital applications interface that includes four precision clock generators (PCG), an input data port (IDP/PDAP) for serial and parallel interconnect, an S/PDIF receiver/transmitter, four asynchronous sample rate con- verters, eight serial ports, a shift register, and a flexible signal routing unit (DAI SRU). • Digital peripheral interface that includes two timers, a 2- wire interface, one UART, two serial peripheral interfaces (SPI), two precision clock generators (PCG), three pulse width modulation (PWM) units, and a flexible signal rout- ing unit (DPI SRU). As shown in the SHARC core block diagram on Page 5, the pro- cessors use two computational units to deliver a significant performance increase over the previous SHARC processors on a range of DSP algorithms. With its SIMD computational hard- ware, the processors can perform 1.8 GFLOPS running at 300 MHz. FAMILY CORE ARCHITECTURE The processors are code compatible at the assembly level with the ADSP-2146x, ADSP-2137x, ADSP-2136x, ADSP-2126x, ADSP-21160, and ADSP-21161, and with the first generation ADSP-2106x SHARC processors. The ADSP-2147x share archi- tectural features with the ADSP-2126x, ADSP-2136x, ADSP- 2137x, ADSP-2146x, and ADSP-2116x SIMD SHARC proces- sors, as shown in Figure 2 and detailed in the following sections. SIMD Computational Engine The processors contain two computational processing elements that operate as a single-instruction, multiple-data (SIMD) engine. The processing elements are referred to as PEX and PEY and each contains an ALU, multiplier, shifter, and register file. PEX is always active, and PEY may be enabled by setting the PEYEN mode bit in the MODE1 register. SIMD mode allows the processor to execute the same instruction in both processing elements, but each processing element operates on different data. This architecture is efficient at executing math intensive DSP algorithms. SIMD mode also affects the way data is transferred between memory and the processing elements because twice the data bandwidth is required to sustain computational operation in the processing elements. Therefore, entering SIMD mode also dou- bles the bandwidth between memory and the processing elements. When using the DAGs to transfer data in SIMD mode, two data values are transferred with each memory or reg- ister file access. SIMD mode is supported from external SDRAM but is not sup- ported in the AMI. Independent, Parallel Computation Units Within each processing element is a set of computational units. The computational units consist of an arithmetic/logic unit (ALU), multiplier, and shifter. These units perform all opera- tions in a single cycle. The three units within each processing element are arranged in parallel, maximizing computational throughput. Single multifunction instructions execute parallel ALU and multiplier operations. In SIMD mode, the parallel ALU and multiplier operations occur in both processing ele- ments. These computation units support IEEE 32-bit single- precision floating-point, 40-bit extended precision floating- point, and 32-bit fixed-point data formats. Timer The processor contains a core timer that can generate periodic software interrupts. The core timer can be configured to use FLAG3 as a timer expired signal. Data Register File Each processing element contains a general-purpose data regis- ter file. The register files transfer data between the computation units and the data buses, and store intermediate results. These 10-port, 32-register (16 primary, 16 secondary) register files, combined with the processor’s enhanced Harvard architecture, allow unconstrained data flow between computation units and internal memory. The registers in PEX are referred to as R0–R15 and in PEY as S0–S15. Context Switch Many of the processor’s registers have secondary registers that can be activated during interrupt servicing for a fast context switch. The data registers in the register file, the DAG registers, and the multiplier result registers all have secondary registers. The primary registers are active at reset, while the secondary registers are activated by control bits in a mode control register. Universal Registers Universal registers can be used for general-purpose tasks. The USTAT (4) registers allow easy bit manipulations (Set, Clear, Toggle, Test, XOR) for all peripheral control and status registers. The data bus exchange register (PX) permits data to be passed between the 64-bit PM data bus and the 64-bit DM data bus, or between the 40-bit register file and the PM/DM data bus. These registers contain hardware to handle the data width difference. Single-Cycle Fetch of Instruction and Four Operands The processors feature an enhanced Harvard architecture in which the data memory (DM) bus transfers data and the pro- gram memory (PM) bus transfers both instructions and data (see Figure 2). With its separate program and data memory |
Podobny numer części - ADSP-21479BCPZ-1A |
|
Podobny opis - ADSP-21479BCPZ-1A |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |