Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OP200EZ Arkusz danych(PDF) 11 Page - Analog Devices

Numer części OP200EZ
Szczegółowy opis  Dual Low Offset, Low Power Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

OP200EZ Arkusz danych(HTML) 11 Page - Analog Devices

Back Button OP200EZ Datasheet HTML 7Page - Analog Devices OP200EZ Datasheet HTML 8Page - Analog Devices OP200EZ Datasheet HTML 9Page - Analog Devices OP200EZ Datasheet HTML 10Page - Analog Devices OP200EZ Datasheet HTML 11Page - Analog Devices OP200EZ Datasheet HTML 12Page - Analog Devices OP200EZ Datasheet HTML 13Page - Analog Devices OP200EZ Datasheet HTML 14Page - Analog Devices OP200EZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
OP200
Rev. E | Page 11 of 16
50
0
5
10
15
20
25
30
35
40
45
0
0.5
CAPACITIVE LOAD (nF)
1.0
1.5
2.0
2.5
3.0
TA = 25°C
VS = ±15V
FALLING
RISING
Figure 24. Overshoot vs. Capacitive Load
29
22
23
24
25
26
27
28
0
1
TIME (Minutes)
2
3
4
5
TA = 25°C
VS = ±15V
SINKING
SOURCING
Figure 25. Short-Circuit Current vs. Time
150
90
100
110
120
130
140
10
100
1k
10k
100k
FREQUENCY (Hz)
Figure 26. Channel Separation vs. Frequency
TA = 25°C
VS = ±15V
AV = +1
100µs
5.00V
Figure 27. Large Signal Transient Response
TA = 25°C
VS = ±15V
AV = +1
5µs
20mV
Figure 28. Small Signal Transient Response
TA = 25°C
VS = ±15V
AV = +1
5µs
20mV
Figure 29. Small Signal Transient Response, CLOAD = 1 nF


Podobny numer części - OP200EZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
OP200EZ AD-OP200EZ Datasheet
369Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. A
OP200EZ AD-OP200EZ Datasheet
393Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. B
OP200EZ AD-OP200EZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200EZ AD-OP200EZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifiernull
Rev. E
OP200EZ AD-OP200EZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
More results

Podobny opis - OP200EZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
OP200AZ AD-OP200AZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP-200 AD-OP-200 Datasheet
602Kb / 10P
   DUAL LOW OFFSET, LOW POWER OPERATIONAL AMPLIFIER
OP200 AD-OP200_04 Datasheet
393Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. B
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200 AD-OP200 Datasheet
369Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. A
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200 AD-OP200_17 Datasheet
410Kb / 17P
   Dual Low Offset, Low Power Operational Amplifier
logo
TAITRON Components Inco...
LM358A TAITRON-LM358A Datasheet
634Kb / 10P
   Dual Low Offset Operational Amplifier
logo
Analog Devices
OP227 AD-OP227_17 Datasheet
557Kb / 6P
   Dual, Low-Offset Low Noise Operational Amplifier
OP400 AD-OP400_07 Datasheet
389Kb / 16P
   Quad Low Offset, Low Power Operational Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com