Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD813ARZ-14 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD813ARZ-14
Szczegółowy opis  Single Supply, Low Power Triple Video Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD813ARZ-14 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD813ARZ-14 Datasheet HTML 4Page - Analog Devices AD813ARZ-14 Datasheet HTML 5Page - Analog Devices AD813ARZ-14 Datasheet HTML 6Page - Analog Devices AD813ARZ-14 Datasheet HTML 7Page - Analog Devices AD813ARZ-14 Datasheet HTML 8Page - Analog Devices AD813ARZ-14 Datasheet HTML 9Page - Analog Devices AD813ARZ-14 Datasheet HTML 10Page - Analog Devices AD813ARZ-14 Datasheet HTML 11Page - Analog Devices AD813ARZ-14 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
AD813
REV. B
–8–
Figure 10. Input Offset Voltage vs. Junction
Temperature
Figure 13. Linear Output Current vs. Supply Voltage
Figure 12. Linear Output Current vs. Junction
Temperature
Figure 15. Output Resistance vs. Frequency, Disabled
State
100k
100M
10M
1M
10k
0.01
1k
10
1
0.1
100
FREQUENCY – Hz
5VS
15VS
G = +2
Figure 14. Closed-Loop Output Resistance vs.
Frequency
Figure 11. Short Circuit Current vs. Junction
Temperature
160
40
100
60
80
140
120
140
–40
–60
120
80
60
40
100
20
0
–20
JUNCTION TEMPERATURE – C
VS = 15V
SINK
SOURCE
1M
100M
10M
100k
100
1M
10k
1k
100k
FREQUENCY – Hz
70
20
50
30
40
60
20
5
015
10
SUPPLY VOLTAGE –
Volts
80
20
50
30
40
70
60
140
–40
–60
120
80
60
40
100
20
0
–20
JUNCTION TEMPERATURE – C
VS = 15V
VS = 5V
4
–16
–10
–14
–12
–4
–8
–6
–2
0
2
140
–40
–60
120
100
80
60
40
20
0
–20
JUNCTION TEMPERATURE – C
VS = 15V
VS = 5V


Podobny numer części - AD813ARZ-14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD813AR-14 AD-AD813AR-14 Datasheet
550Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813AR-14 AD-AD813AR-14 Datasheet
394Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813AR-14 AD-AD813AR-14 Datasheet
553Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813AR-14 AD-AD813AR-14 Datasheet
586Kb / 20P
   Single Supply, Low Power Triple Video Amplifier
AD813AR-REEL AD-AD813AR-REEL Datasheet
550Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
More results

Podobny opis - AD813ARZ-14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD813 AD-AD813_15 Datasheet
553Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813ANZ AD-AD813ANZ Datasheet
394Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD8013 AD-AD8013 Datasheet
319Kb / 12P
   Single Supply, Low Power, Triple Video Amplifier
REV. A
AD813ANZ AD-AD813ANZ Datasheet
553Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813 AD-AD813 Datasheet
550Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813 AD-AD813_17 Datasheet
586Kb / 20P
   Single Supply, Low Power Triple Video Amplifier
AD8013 AD-AD8013_15 Datasheet
322Kb / 12P
   Single Supply, Low Power, Triple Video Amplifier
REV. A
AD8013ARZ-14 AD-AD8013ARZ-14 Datasheet
221Kb / 12P
   Single Supply, Low Power, aTriple Video Amplifier
REV. A
logo
Intersil Corporation
ISL59452 INTERSIL-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59452 RENESAS-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com