Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7709BRU Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD7709BRU
Szczegółowy opis  16-Bit-ADC with Switchable Current Sources
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7709BRU Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD7709BRU Datasheet HTML 4Page - Analog Devices AD7709BRU Datasheet HTML 5Page - Analog Devices AD7709BRU Datasheet HTML 6Page - Analog Devices AD7709BRU Datasheet HTML 7Page - Analog Devices AD7709BRU Datasheet HTML 8Page - Analog Devices AD7709BRU Datasheet HTML 9Page - Analog Devices AD7709BRU Datasheet HTML 10Page - Analog Devices AD7709BRU Datasheet HTML 11Page - Analog Devices AD7709BRU Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
REV. A
AD7709
–8–
WARNING!
ESD SENSITIVE DEVICE
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
1
AD7709
GND
VDD
XTAL2
XTAL1
RDY
DOUT
DIN
RESET
SCLK
CS
P1/SW1
PWRGND
IOUT1
IOUT2
REFIN1(+)
REFIN1(–)
AIN1
AIN2
AIN3/P3
AIN4/P4
AINCOM
P2/SW2
REFIN2(+)
REFIN2(–)
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
ABSOLUTE MAXIMUM RATINGS
*
(TA = 25
∞C, unless otherwise noted.)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
PWRGND to AGND . . . . . . . . . . . . . . –20 mV to +20 mV
Analog Input Voltage to GND . . . . . –0.3 V to VDD + 0.3 V
Reference Input Voltage to GND . . . –0.3 V to VDD + 0.3 V
Total AIN/REFIN Current (Indefinite) . . . . . . . . . . 30 mA
Digital Input Voltage to GND . . . . . . . –0.3 V to VDD + 0.3 V
Digital Output Voltage to GND . . . . –0.3 V to VDD + 0.3 V
Operating Temperature Range . . . . . . . . . . –40
∞C to +85∞C
Storage Temperature Range . . . . . . . . . . . . –65
∞C to +150∞C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . 150
∞C
qJA Thermal Impedance . . . . . . . . . . . . . . . . . . . 97.9∞C/W
qJC Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 14∞C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . 215
∞C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
∞C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD7709ARU
–40
∞C to +85∞C TSSOP
RU-24
AD7709BRU
–40
∞C to +85∞C TSSOP
RU-24
EVAL-AD7709EB
Evaluation Board
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD7709 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.


Podobny numer części - AD7709BRU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7709BRU AD-AD7709BRU Datasheet
248Kb / 17P
   16-Bit Sigma Delta ADC with Current Sources, Switchable Reference Inputs and I/O Port
REV. PrA January 2001
AD7709BRU AD-AD7709BRU Datasheet
428Kb / 32P
   16-Bit - ADC with Switchable Current Sources
REV. A
AD7709BRU AD-AD7709BRU Datasheet
437Kb / 33P
   16-Bit ADC with Switchable Current Sources
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com