Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7880CN Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD7880CN
Szczegółowy opis  LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7880CN Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD7880CN Datasheet HTML 5Page - Analog Devices AD7880CN Datasheet HTML 6Page - Analog Devices AD7880CN Datasheet HTML 7Page - Analog Devices AD7880CN Datasheet HTML 8Page - Analog Devices AD7880CN Datasheet HTML 9Page - Analog Devices AD7880CN Datasheet HTML 10Page - Analog Devices AD7880CN Datasheet HTML 11Page - Analog Devices AD7880CN Datasheet HTML 12Page - Analog Devices AD7880CN Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD7880
REV. 0
–9–
MICROPROCESSOR INTERFACING
The AD7880 high speed bus timing allows direct interfacing to
real time digital signal processors, DSPs, as well as modern high
speed, 16-bit microprocessors. Suitable microprocessor inter-
faces are shown in Figures 15 through 20.
AD7880–ADSP-2100 Interface
Figure 15 shows an interface between the AD7880 and the
ADSP-2100. Conversion is initiated using a timer to drive the
CONVST
input asynchronously to the microprocessor. This al-
lows very accurate control of the sampling instant. When con-
version is complete, the AD7880 BUSY line goes high. An
inverter on this BUSY output drives the IRQ line low thus pro-
viding an interrupt to the ADSP-2100 when conversion is com-
pleted. The conversion result is then read from the AD7880 into
the ADSP-2100 with the following instruction:
MR0 = DM(ADC)
where MR0 is the ADSP-2100 MR0 Register and
where ADC is the AD7880 address.
TIMER
DMA0
DMA13
DMD15
DMD0
DMS
EN
ADDR
DECODE
ADDRESS BUS
ADSP-2100
(ADSP-2101/
ADSP-2102)
* ADDITIONAL PINS OMITTED FOR CLARITY
DATA BUS
CONVST
CS
DB11
DB0
RD
BUSY
AD7880*
IRQn
DMRD (RD)
Figure 15. AD7880–ADSP-2100 (ADSP-2101/ADSP-2102)
Interface
AD7880-ADSP-2101/ADSP-2102 Interface
The interface outlined in Figure 15 also forms the basis for an
interface between the AD7880 and the ADSP-2101/ADSP-2102.
The READ line of the ADSP-2101/ADSP-2102 is labeled RD.
In this interface, the RD pulse width of the processor can be
programmed using the Data Memory Wait State Control Regis-
ter. The instruction used to read a conversion result is as out-
lined for the ADSP-2100.
AD7880-TMS32010 Interface
An interface between the AD7880 and the TMS32010 is shown
in Figure 16. Once again the conversion is initiated using an ex-
ternal timer and the TMS32010 is interrupted when conversion
is completed. The following instruction is used to read the con-
version result from the AD7880:
IN D,ADC
where D is Data Memory Address and
where ADC is the AD7880 address.
PA0
PA2
D15
D0
MEN
ADDR
DECODE
ADDRESS BUS
TIMER
DATA BUS
CONVST
CS
DB11
DB0
RD
AD7880*
TMS32010
*ADDITIONAL PINS OMITTED FOR CLARITY
INT
DEN
EN
BUSY
Figure 16. AD7880–TMS32010 Interface
AD7880–TMS320C25 Interface
Figure 17 shows an interface between the AD7880 and the
TMS320C25. As with the two previous interfaces, conversion is
initiated with a timer, and the processor is interrupted when the
conversion sequence is completed. The TMS320C25 does not
have a separate RD output to drive the AD7880 RD input di-
rectly. This has to be generated from the processor STRB and
R/W outputs with the addition of some logic gates. The RD sig-
nal is OR-gated with the MSC signal to provide the one WAIT
state required in the read cycle for correct interface timing.
Conversion results are read from the AD7880 using the follow-
ing instruction:
IN D,ADC
where D is Data Memory Address and
where ADC is the AD7880 address.
A0
A15
D15
D0
IS
EN
ADDR
DECODE
ADDRESS BUS
TIMER
DATA BUS
CONVST
CS
DB11
DB0
RD
AD7880*
TMS320C25
*ADDITIONAL PINS OMITTED FOR CLARITY
INTn
R/W
STRB
MSC
READY
BUSY
Figure 17. AD7880–TMS320C25 Interface
Some applications may require that the conversion be initiated
by the microprocessor rather than an external timer. One option
is to decode the AD7880 CONVST from the address bus so that


Podobny numer części - AD7880CN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7880CN AD-AD7880CN Datasheet
337Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880CN AD-AD7880CN Datasheet
340Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
More results

Podobny opis - AD7880CN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7880 AD-AD7880 Datasheet
337Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880BRZ AD-AD7880BRZ Datasheet
340Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880 AD-AD7880_15 Datasheet
340Kb / 16P
   LC MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7883 AD-AD7883 Datasheet
349Kb / 12P
   LC2MOS 12-Bit, 3.3 V Sampling ADC
REV. 0
AD7892BNZ-1 AD-AD7892BNZ-1 Datasheet
146Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892 AD-AD7892_17 Datasheet
178Kb / 15P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
AD7892 AD-AD7892 Datasheet
144Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892BRZ-1 AD-AD7892BRZ-1 Datasheet
135Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7870A AD-AD7870A Datasheet
250Kb / 12P
   LC2MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV. 0
AD7858ARZ AD-AD7858ARZ Datasheet
306Kb / 32P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com