Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD76911 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD76911
Szczegółowy opis  18-Bit, 2 MSPS PulSAR 15 mW ADC in LFCSP (QFN)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD76911 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD76911 Datasheet HTML 4Page - Analog Devices AD76911 Datasheet HTML 5Page - Analog Devices AD76911 Datasheet HTML 6Page - Analog Devices AD76911 Datasheet HTML 7Page - Analog Devices AD76911 Datasheet HTML 8Page - Analog Devices AD76911 Datasheet HTML 9Page - Analog Devices AD76911 Datasheet HTML 10Page - Analog Devices AD76911 Datasheet HTML 11Page - Analog Devices AD76911 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD7986
Rev. B | Page 8 of 28
Pin No.
Mnemonic
Type1
Description
16
AVDD
P
Input Analog Power. Nominally at 2.5 V.
17,18
AGND
P
Analog Power Ground.
19
BVDD
P
Reference buffer power. Nominally 5.0 V.
If an external reference buffer is used to achieve the maximum SNR performance with 5 V reference,
the reference buffer must be powered down by connecting the REFIN pin to ground. The external
reference buffer must be connected to the BVDD pin.
20
REFIN
AI/O
Internal Reference Output/Reference Buffer Input.
When PDREF = low, the internal band gap reference produces a 1.2 V (typical) voltage on this pin,
which needs external decoupling (0.1 µF typical).
When PDREF = high, use an external reference to provide a 1.2 V (typical) to this pin.
When PDREF = high, and REFIN = low, the on-chip reference buffer and band gap are powered down.
An external reference must be connected to REF and BVDD.
21 (EPAD)
Exposed Pad
EP
The exposed pad is not connected internally. For increased reliability of the solder joints, it is
recommended that the pad be soldered to the system ground plane.
1 AI = analog input, AI/O = bidirectional analog; DI = digital input, DO = digital output, and P = power.


Podobny numer części - AD76911

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD76911 AD-AD76911 Datasheet
644Kb / 24P
   14-Bit, 500 kSPS PulSAR ADC in MSOP
REV. A
More results

Podobny opis - AD76911

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7984 AD-AD7984_17 Datasheet
657Kb / 25P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
AD7982 AD-AD7982_17 Datasheet
804Kb / 26P
   18-Bit, 1 MSPS PulSAR 7 mW ADC in MSOP/LFCSP
AD7984 AD-AD7984_15 Datasheet
594Kb / 24P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
REV. B
AD7982BRMZ AD-AD7982BRMZ Datasheet
672Kb / 24P
   18-Bit, 1 MSPS PulSAR 7.0 mW ADC in MSOP/QFN
REV. A
AD7982 AD-AD7982_15 Datasheet
2Mb / 25P
   18 Bit 1 MSPS PulSAR 7.0 mW ADC in MSOP QFN
REV. C
AD7984 AD-AD7984 Datasheet
722Kb / 24P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/QFN
REV. 0
AD7982BRMZRL7 AD-AD7982BRMZRL7 Datasheet
570Kb / 24P
   18-Bit, 1 MSPS PulSAR 7.0 mW ADC in MSOP/QFN
REV. B
AD7985 AD-AD7985_17 Datasheet
569Kb / 29P
   16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
AD7985 AD-AD7985 Datasheet
585Kb / 28P
   16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
AD7944 AD-AD7944 Datasheet
582Kb / 28P
   14-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com