Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9220ARZ Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD9220ARZ
Szczegółowy opis  Complete 12-Bit 1.5/3.0/10.0 MSPS ithic A/D Converters
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9220ARZ Arkusz danych(HTML) 3 Page - Analog Devices

  AD9220ARZ Datasheet HTML 1Page - Analog Devices AD9220ARZ Datasheet HTML 2Page - Analog Devices AD9220ARZ Datasheet HTML 3Page - Analog Devices AD9220ARZ Datasheet HTML 4Page - Analog Devices AD9220ARZ Datasheet HTML 5Page - Analog Devices AD9220ARZ Datasheet HTML 6Page - Analog Devices AD9220ARZ Datasheet HTML 7Page - Analog Devices AD9220ARZ Datasheet HTML 8Page - Analog Devices AD9220ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
REV. E
AD9221/AD9223/AD9220
–3–
AC SPECIFICATIONS
(AVDD = 5 V, DVDD= 5 V, fSAMPLE = Max Conversion Rate, VREF = 1.0 V, VINB = 2.5 V, DC Coupled/Single-
Ended Input TMIN to TMAX, unless otherwise noted.)
Parameter
AD9221
AD9223
AD9220
Unit
MAX CONVERSION RATE
1.5
3.0
10.0
MHz min
DYNAMIC PERFORMANCE
Input Test Frequency 1 (VINA = –0.5 dBFS)
100
500
1000
kHz
Signal-to-Noise and Distortion (SINAD)
70.0
70.0
70
dB typ
69.0
68.5
68.5
dB min
Effective Number of Bits (ENOBs)
11.3
11.3
11.3
dB typ
11.2
11.1
11.1
dB min
Signal-to-Noise Ratio (SNR)
70.2
70.0
70.2
dB typ
69.0
68.5
69.0
dB min
Total Harmonic Distortion (THD)
–83.4
–83.4
–83.7
dB typ
–77.5
–76.0
–76.0
dB max
Spurious Free Dynamic Range (SFDR)
86.0
87.5
88.0
dB typ
79.0
77.5
77.5
dB max
Input Test Frequency 2 (VINA = –0.5 dBFS)
0.50
1.50
5.0
MHz
Signal-to-Noise and Distortion (SINAD)
69.9
69.4
67.0
dB typ
69.0
68.0
65.0
dB min
Effective Number of Bits (ENOBs)
11.3
11.2
10.8
dB typ
11.2
11.1
10.5
dB min
Signal-to-Noise Ratio (SNR)
70.1
69.7
68.8
dB typ
69.0
68.5
67.5
dB min
Total Harmonic Distortion (THD)
–83.4
–82.9
–72.0
dB typ
–77.5
–75.0
–68.0
dB max
Spurious Free Dynamic Range (SFDR)
86.0
85.7
75.0
dB typ
79.0
76.0
69.0
dB max
Full Power Bandwidth
25
40
60
MHz typ
Small Signal Bandwidth
25
40
60
MHz typ
Aperture Delay
111ns typ
Aperture Jitter
444ps rms typ
Acquisition to Full-Scale Step
125
43
30
ns typ
Specifications subject to change without notice.
DIGITAL SPECIFICATIONS (AVDD = 5 V, DVDD = 5 V, T
MIN to TMAX, unless otherwise noted.)
Parameter
Symbol
Unit
CLOCK INPUT
High Level Input Voltage
VIH
3.5
V min
Low Level Input Voltage
VIL
1.0
V max
High Level Input Current (VIN = DVDD)
IIH
±10
µA max
Low Level Input Current (VIN = 0 V)
IIL
±10
µA max
Input Capacitance
CIN
5
pF typ
LOGIC OUTPUTS
DVDD = 5 V
High Level Output Voltage (IOH = 50
µA)
VOH
4.5
V min
High Level Output Voltage (IOH = 0.5 mA)
VOH
2.4
V min
Low Level Output Voltage (IOL = 1.6 mA)
VOL
0.4
V max
Low Level Output Voltage (IOL = 50
µA)
VOL
0.1
V max
DVDD = 3 V
High Level Output Voltage (IOH = 50
µA)
VOH
2.95
V min
High Level Output Voltage (IOH = 0.5 mA)
VOH
2.80
V min
Low Level Output Voltage (IOL = 1.6 mA)
VOL
0.4
V max
Low Level Output Voltage (IOL = 50
µA)
VOL
0.05
V max
Output Capacitance
COUT
5
pF typ
Specifications subject to change without notice.


Podobny numer części - AD9220ARZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9220AR AD-AD9220AR Datasheet
470Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9220AR AD-AD9220AR Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9220AR AD-AD9220AR Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9220AR AD-AD9220AR Datasheet
423Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
Rev. E
AD9220AR AD-AD9220AR Datasheet
412Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS olithic A/D Converters
Rev. E
More results

Podobny opis - AD9220ARZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9221ARSZ AD-AD9221ARSZ Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9200ARSZ AD-AD9200ARSZ Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9220 AD-AD9220_15 Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9221 AD-AD9221_15 Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9223 AD-AD9223_15 Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9221 AD-AD9221 Datasheet
470Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9221ARZ-REEL AD-AD9221ARZ-REEL Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9220ARSZ AD-AD9220ARSZ Datasheet
423Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
Rev. E
AD9220ARSZ AD-AD9220ARSZ Datasheet
412Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS olithic A/D Converters
Rev. E
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com