Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG3233BRJ-REEL Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADG3233BRJ-REEL
Szczegółowy opis  Low Voltage 1.65 V to 3.6 V,Bidirectional Logic Level Translation, Bypass Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG3233BRJ-REEL Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADG3233BRJ-REEL Datasheet HTML 5Page - Analog Devices ADG3233BRJ-REEL Datasheet HTML 6Page - Analog Devices ADG3233BRJ-REEL Datasheet HTML 7Page - Analog Devices ADG3233BRJ-REEL Datasheet HTML 8Page - Analog Devices ADG3233BRJ-REEL Datasheet HTML 9Page - Analog Devices ADG3233BRJ-REEL Datasheet HTML 10Page - Analog Devices ADG3233BRJ-REEL Datasheet HTML 11Page - Analog Devices ADG3233BRJ-REEL Datasheet HTML 12Page - Analog Devices ADG3233BRJ-REEL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
ADG3233
Rev. B | Page 9 of 16
2000
1800
1600
1400
1200
1000
800
600
400
200
0
10k
100k
1M
10M
100M
FREQUENCY (Hz)
TA = 25°C
VCC1 = VCC2 = 3.3V
VCC1 = VCC2 = 1.8V
Figure 13. ICC2 vs. Frequency, Normal Mode
2000
1800
1600
1400
1200
1000
800
600
400
200
0
10k
100k
1M
10M
100M
FREQUENCY (Hz)
TA = 25°C
VCC1 = VCC2 = 3.3V
VCC1 = VCC2 = 1.8V
Figure 14. ICC2 vs. Frequency, Bypass Mode
10
8
6
4
2
1.5
2.0
2.5
SUPPLY (V)
3.0
3.5
4.0
0
tDIS
tEN
TA = 25°C
VCC1 = VCC2
Figure 15. Y1 Enable, Disable Time vs. Supply
10
8
6
4
2
1.5
2.0
2.5
SUPPLY (V)
3.0
3.5
4.0
0
tDIS
TA = 25°C
VCC1 = VCC2
tEN
Figure 16. Y2 Enable, Disable Time vs. Supply
6
4
5
3
2
1
–40
–20
0
TEMPERATURE (°C)
20
40
60
80
0
tDIS
VCC1 = VCC2 = 3.3V
tEN
Figure 17. Y1 Enable, Disable Time vs. Temperature
6
4
5
3
2
1
–40
–20
0
TEMPERATURE (°C)
20
40
60
80
0
tDIS
VCC1 = VCC2 = 3.3V
tEN
Figure 18. Y2 Enable, Disable Time vs. Temperature


Podobny numer części - ADG3233BRJ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG3233BRJ-REEL AD-ADG3233BRJ-REEL Datasheet
271Kb / 12P
   Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
REV. 0
ADG3233BRJ-REEL7 AD-ADG3233BRJ-REEL7 Datasheet
271Kb / 12P
   Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
REV. 0
ADG3233BRJ-REEL7 AD-ADG3233BRJ-REEL7 Datasheet
380Kb / 16P
   Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
Rev. C
More results

Podobny opis - ADG3233BRJ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG3233 AD-ADG3233_V01 Datasheet
380Kb / 16P
   Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
Rev. C
ADG3233 AD-ADG3233 Datasheet
271Kb / 12P
   Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
REV. 0
ADG3233 AD-ADG3233_15 Datasheet
292Kb / 16P
   Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
REV. B
ADG3304 AD-ADG3304 Datasheet
68Kb / 5P
   Low Voltage 1.2 V to 5.5 V, Bidirectional, Logic Level Translators
REV. PrC Feb 2004
ADG3308 AD-ADG3308 Datasheet
67Kb / 5P
   Low Voltage 1.2 V to 5.5 V, Bidirectional, Logic Level Translators
REV. PrE Feb 2004
logo
Vishay Siliconix
DG2718 VISHAY-DG2718 Datasheet
116Kb / 7P
   0.45- CMOS, 1.65-V to 3.6-V, Dual DPDT Analog Switch
Rev. B, 17-Oct-05
logo
Analog Devices
ADG3304 AD-ADG3304_13 Datasheet
618Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. D
ADG3304 AD-ADG3304_V01 Datasheet
637Kb / 21P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. E
ADG3308 AD-ADG3308_15 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3300 AD-ADG3300 Datasheet
615Kb / 20P
   Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com