Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SA100(C)A Arkusz danych(PDF) 7 Page - Formosa MS

Numer części SA100(C)A
Szczegółowy opis  500W Axial Leaded Transient Voltage Suppressors-5.0V-220V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FORMOSA [Formosa MS]
Strona internetowa  http://www.formosams.com
Logo FORMOSA - Formosa MS

SA100(C)A Arkusz danych(HTML) 7 Page - Formosa MS

  SA100(C)A Datasheet HTML 1Page - Formosa MS SA100(C)A Datasheet HTML 2Page - Formosa MS SA100(C)A Datasheet HTML 3Page - Formosa MS SA100(C)A Datasheet HTML 4Page - Formosa MS SA100(C)A Datasheet HTML 5Page - Formosa MS SA100(C)A Datasheet HTML 6Page - Formosa MS SA100(C)A Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Page 7
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
Formosa MS
Transient Voltage Suppressor
SA SERIES
High reliability test capabilities
1. Solder Resistance
2. Solderability
3. Pull Test
4. Bend Lead
5. High Temperature Reverse Bias
8. Pressure Cooker
7. Temperature Cycling
8. Thermal Shock
9. Humidity
10. High Temperature Storage Life
at 260±5
for 10±2sec.
immerse body into solder 1/16"±1/32"
o
at 245±5 C for 5 sec.
1.0kg in axial lead direction for 10 sec.
1.0kg weight applied to each lead bending
o
o
arc 90 ±5 for 3 times.
o
V
=80% rate at T =150 C for 168 hrs.
RWM
J
o
15P
at T =121 C for 4 hrs.
SIG
A
o
o
-55 C to +125 C dwelled for 30 min.
and transferred for 5min. total 10 cycles.
o
o
0 C for 5 min. rise to 100 C for 5 min. total 10 cycles.
o
at T =85 C, RH=85% for 1000hrs.
A
o
at 175 C for 1000 hrs.
oC
MIL-STD-750D
METHOD-2031
MIL-STD-202F
METHOD-208
MIL-STD-750D
METHOD-2036
MIL-STD-750D
METHOD-2036
MIL-STD-750D
METHOD-1038
JESD22-A102
MIL-STD-750D
METHOD-1051
MIL-STD-750D
METHOD-1056
MIL-STD-750D
METHOD-1021
MIL-STD-750D
METHOD-1031
Item Test
Conditions
Reference
DS-222807
2008/02/10
2010/03/10
B
7
深圳FMS
Kinter
131
6803
0058


Podobny numer części - SA100(C)A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Frontier Electronics.
SA100(C)A FRONTIER-SA100(C)A Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
SA100(C)A-LFR FRONTIER-SA100(C)A-LFR Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
More results

Podobny opis - SA100(C)A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
First Components Intern...
3.0SMCJ5.0 FCI-3.0SMCJ5.0 Datasheet
939Kb / 5P
   5.0V to 220V SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
SUNMATE electronic Co.,...
3KE180A SUNMATE-3KE180A Datasheet
427Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS
5KP190A SUNMATE-5KP190A Datasheet
800Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
10KP240CA SUNMATE-10KP240CA Datasheet
1Mb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
logo
DONGGUAN YOU FENG WEI E...
10KP17A YFWDIODE-10KP17A Datasheet
622Kb / 5P
   10000W Axial Leaded Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
P4KE6.8A SUNMATE-P4KE6.8A_V01 Datasheet
1Mb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
5KP5.0CA SUNMATE-5KP5.0CA Datasheet
336Kb / 4P
   5000Watts Axial Leaded Transient Voltage Suppressors
1N6302A SUNMATE-1N6302A Datasheet
745Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
30KPA28A SUNMATE-30KPA28A Datasheet
524Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
BZW50-5.0 SUNMATE-BZW50-5.0 Datasheet
507Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com