Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA1816-0000-000N00P250H Arkusz danych(PDF) 4 Page - Cree, Inc

Numer części CXA1816-0000-000N00P250H
Szczegółowy opis  CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CREE [Cree, Inc]
Strona internetowa  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1816-0000-000N00P250H Arkusz danych(HTML) 4 Page - Cree, Inc

  CXA1816-0000-000N00P250H Datasheet HTML 1Page - Cree, Inc CXA1816-0000-000N00P250H Datasheet HTML 2Page - Cree, Inc CXA1816-0000-000N00P250H Datasheet HTML 3Page - Cree, Inc CXA1816-0000-000N00P250H Datasheet HTML 4Page - Cree, Inc CXA1816-0000-000N00P250H Datasheet HTML 5Page - Cree, Inc CXA1816-0000-000N00P250H Datasheet HTML 6Page - Cree, Inc CXA1816-0000-000N00P250H Datasheet HTML 7Page - Cree, Inc CXA1816-0000-000N00P250H Datasheet HTML 8Page - Cree, Inc CXA1816-0000-000N00P250H Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
4
XLamp CXa1816 LED
Notes
Creemaintainsatoleranceof±7%onfluxandpowermeasurements,±0.005onchromaticity(CCx,CCy)measurementsanda
toleranceof±2onCRImeasurements.
*
Fluxvalues@25°Carecalculatedandforreferenceonly.
cct
range
cri
base order codes
min. luminous flux
@ 450 ma
2-step order code
4-step order code
min
typ
group
flux
(lm) @
85 °c
flux
(lm) @
25 °c*
chromaticity
region
chromaticity
region
4000 K
70
75
N4
1710
1895
40H
CXA1816-0000-000N00N440H
40F
CXA1816-0000-000N00N440F
p2
1830
2028
CXA1816-0000-000N00p240H
CXA1816-0000-000N00p240F
p4
1965
2177
CXA1816-0000-000N00p440H
CXA1816-0000-000N00p440F
80
---
N2
1590
1762
40H
CXA1816-0000-000N0HN240H
40F
CXA1816-0000-000N0HN240F
N4
1710
1895
CXA1816-0000-000N0HN440H
CXA1816-0000-000N0HN440F
p2
1830
2028
CXA1816-0000-000N0Hp240H
CXA1816-0000-000N0Hp240F
90
95
m2
1380
1537
40H
CXA1816-0000-000N0Um240H
40F
CXA1816-0000-000N0Um240F
m4
1485
1645
CXA1816-0000-000N0Um440H
CXA1816-0000-000N0Um440F
N2
1590
1762
CXA1816-0000-000N0UN240H
CXA1816-0000-000N0UN240F
3500 K
80
---
N4
1710
1895
35H
CXA1816-0000-000N00N435H
35F
CXA1816-0000-000N00N435F
p2
1830
2028
CXA1816-0000-000N00p235H
CXA1816-0000-000N00p235F
93
95
K4
1290
1437
35H
CXA1816-0000-000N0YK435H
35F
CXA1816-0000-000N0YK435F
m2
1380
1537
CXA1816-0000-000N0Ym235H
CXA1816-0000-000N0Ym235F
m4
1485
1645
CXA1816-0000-000N0Ym435H
CXA1816-0000-000N0Ym435F
3000 K
80
---
N2
1590
1762
30H
CXA1816-0000-000N00N230H
30F
CXA1816-0000-000N00N230F
N4
1710
1895
CXA1816-0000-000N00N430H
CXA1816-0000-000N00N430F
93
95
K2
1200
1337
30H
CXA1816-0000-000N0YK230H
30F
CXA1816-0000-000N0YK230F
K4
1290
1437
CXA1816-0000-000N0YK430H
CXA1816-0000-000N0YK430F
m2
1380
1537
CXA1816-0000-000N0Ym230H
CXA1816-0000-000N0Ym230F
2700 K
80
---
m4
1485
1645
27H
CXA1816-0000-000N00m427H
27F
CXA1816-0000-000N00m427F
N2
1590
1762
CXA1816-0000-000N00N227H
CXA1816-0000-000N00N227F
N4
1710
1895
CXA1816-0000-000N00N427H
CXA1816-0000-000N00N427F
93
95
J4
1120
1248
27H
CXA1816-0000-000N0YJ427H
27F
CXA1816-0000-000N0YJ427F
K2
1200
1337
CXA1816-0000-000N0YK227H
CXA1816-0000-000N0YK227F
K4
1290
1437
CXA1816-0000-000N0YK427H
CXA1816-0000-000N0YK427F
fluX characteristics, easyWhite order codes and bins (i
f = 450 ma, tJ = 85 °c) -
continued


Podobny numer części - CXA1816-0000-000N00P250H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
CXA1816-0000-000N00P20E1 CREE-CXA1816-0000-000N00P20E1 Datasheet
2Mb / 17P
   XLamp LED
CXA1816-0000-000N00P20E5 CREE-CXA1816-0000-000N00P20E5 Datasheet
2Mb / 17P
   XLamp LED
CXA1816-0000-000N00P227F CREE-CXA1816-0000-000N00P227F Datasheet
2Mb / 17P
   XLamp LED
CXA1816-0000-000N00P227G CREE-CXA1816-0000-000N00P227G Datasheet
2Mb / 17P
   XLamp LED
CXA1816-0000-000N00P227H CREE-CXA1816-0000-000N00P227H Datasheet
2Mb / 17P
   XLamp LED
More results

Podobny opis - CXA1816-0000-000N00P250H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com