Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SA150(C)A Arkusz danych(PDF) 5 Page - Formosa MS

Numer części SA150(C)A
Szczegółowy opis  500W Axial Leaded Transient Voltage Suppressors-5.0V-220V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FORMOSA [Formosa MS]
Strona internetowa  http://www.formosams.com
Logo FORMOSA - Formosa MS

SA150(C)A Arkusz danych(HTML) 5 Page - Formosa MS

  SA150(C)A Datasheet HTML 1Page - Formosa MS SA150(C)A Datasheet HTML 2Page - Formosa MS SA150(C)A Datasheet HTML 3Page - Formosa MS SA150(C)A Datasheet HTML 4Page - Formosa MS SA150(C)A Datasheet HTML 5Page - Formosa MS SA150(C)A Datasheet HTML 6Page - Formosa MS SA150(C)A Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Page 5
Rating and characteristic curves (SA SERIES)
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
0.1u
1.0u
10u
100u
1.0m
10m
100
10
1.0
0.1
0
25
50
75
100
125
150 175
200
100
75
50
25
0
FIG.1 - PEALK PULSE POWER RATING CURVE
FIG.2 - PULSE DERATING CURVE
PULSE WIDTH, td ( sec)
AMBIENT TEMPERATURE, T (°C)
A
td
tr=10us
half value I
/2
PPM
10/1000 us waveform
peak value I
PPM
pulse width (td) is defined
as the point where the peak
current decays to 50%
0
1.0
2.0
3.0
4.0
150
100
50
0
FIG.3 - PULSE WAVEFORM
TIME, t (ms)
FIG.4 - TYPICAL JUNCTION CAPACITANCE
FIG.5 - STEADY STATE POWER DERATING CURVE
LEAD TEMPERATURE, T (°C)
L
FIG.6 - MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60HZ
BREAKDOWN VOLTAGE, V
(V)
BR
pulse width (td) is defined
as the point where the peak
current decays to 50%
Document ID
Issued Date
Revised Date
Revision
Page.
0
10
20
30
40
50
60
70
80
1
10
100
0
0.5
1
1.5
2
2.5
3
3.5
0
25
50
75
100
125
150
175
200
L = 0.375” (9.5mm)
Lead Lengths
1
10
100
1000
10000
1.0
10.0
100.0
1000.0
Tj=25°C
f=1.0MHz
Vsig=50mVp-p
Uni-directional VR=0V
Bi-directional VR=0V
Uni-directional
@ VRWM
Bi-directional
@ VRWM
DS-222807
2008/02/10
2010/03/10
B
7
深圳FMS
Kinter
131
6803
0058


Podobny numer części - SA150(C)A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Frontier Electronics.
SA150(C)A FRONTIER-SA150(C)A Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
SA150(C)A-LFR FRONTIER-SA150(C)A-LFR Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
More results

Podobny opis - SA150(C)A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
First Components Intern...
3.0SMCJ5.0 FCI-3.0SMCJ5.0 Datasheet
939Kb / 5P
   5.0V to 220V SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
SUNMATE electronic Co.,...
3KE180A SUNMATE-3KE180A Datasheet
427Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS
5KP190A SUNMATE-5KP190A Datasheet
800Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
10KP240CA SUNMATE-10KP240CA Datasheet
1Mb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
logo
DONGGUAN YOU FENG WEI E...
10KP17A YFWDIODE-10KP17A Datasheet
622Kb / 5P
   10000W Axial Leaded Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
P4KE6.8A SUNMATE-P4KE6.8A_V01 Datasheet
1Mb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
5KP5.0CA SUNMATE-5KP5.0CA Datasheet
336Kb / 4P
   5000Watts Axial Leaded Transient Voltage Suppressors
1N6302A SUNMATE-1N6302A Datasheet
745Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
30KPA28A SUNMATE-30KPA28A Datasheet
524Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
BZW50-5.0 SUNMATE-BZW50-5.0 Datasheet
507Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com