Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA1304-0000-000C0U9440F Arkusz danych(PDF) 8 Page - Cree, Inc

Numer części CXA1304-0000-000C0U9440F
Szczegółowy opis  CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CREE [Cree, Inc]
Strona internetowa  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1304-0000-000C0U9440F Arkusz danych(HTML) 8 Page - Cree, Inc

Back Button CXA1304-0000-000C0U9440F Datasheet HTML 4Page - Cree, Inc CXA1304-0000-000C0U9440F Datasheet HTML 5Page - Cree, Inc CXA1304-0000-000C0U9440F Datasheet HTML 6Page - Cree, Inc CXA1304-0000-000C0U9440F Datasheet HTML 7Page - Cree, Inc CXA1304-0000-000C0U9440F Datasheet HTML 8Page - Cree, Inc CXA1304-0000-000C0U9440F Datasheet HTML 9Page - Cree, Inc CXA1304-0000-000C0U9440F Datasheet HTML 10Page - Cree, Inc CXA1304-0000-000C0U9440F Datasheet HTML 11Page - Cree, Inc CXA1304-0000-000C0U9440F Datasheet HTML 12Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
8
XLamp CXa1304 LED
Notes
Creemaintainsatoleranceof±7%onfluxandpowermeasurements,±0.005onchromaticity(CCx,CCy)measurementsanda
toleranceof±2onCRImeasurements.
*
Fluxvalues@25°Carecalculatedandforreferenceonly.
fluX characteristics, easyWhite order codes and bins - 37 V (i
f = 100 ma,
t
J = 85 °c)
The following tables provide order codes for XLamp CXA1304 LeDs. For a complete description of the order code
nomenclature, please reference Bin and order Code Formats (page 21).
cct
range
cri
base order codes
min. luminous flux
@ 100 ma
2-step order code
4-step order code
min
typ
group
flux
(lm) @
85 °c
flux
(lm) @
25 °c*
chromaticity
region
chromaticity
region
6500 K
70
75
B4
410
457
65F
CXA1304-0000-000N00B465F
C2
440
490
CXA1304-0000-000N00C265F
C4
475
527
CXA1304-0000-000N00C465F
80
---
B2
380
423
65F
CXA1304-0000-000N0HB265F
B4
410
457
CXA1304-0000-000N0HB465F
C2
440
490
CXA1304-0000-000N0HC265F
5700 K
70
75
B4
410
457
57F
CXA1304-0000-000N00B457F
C2
440
490
CXA1304-0000-000N00C257F
C4
475
527
CXA1304-0000-000N00C457F
80
---
B2
380
423
57F
CXA1304-0000-000N0HB257F
B4
410
457
CXA1304-0000-000N0HB457F
C2
440
490
CXA1304-0000-000N0HC257F
5000 K
70
75
B4
410
457
50H
CXA1304-0000-000N00B450H
50F
CXA1304-0000-000N00B450F
C2
440
490
CXA1304-0000-000N00C250H
CXA1304-0000-000N00C250F
C4
475
527
CXA1304-0000-000N00C450H
CXA1304-0000-000N00C450F
80
---
B2
380
423
50H
CXA1304-0000-000N0HB250H
50F
CXA1304-0000-000N0HB250F
B4
410
457
CXA1304-0000-000N0HB450H
CXA1304-0000-000N0HB450F
C2
440
490
CXA1304-0000-000N0HC250H
CXA1304-0000-000N0HC250F
90
95
A2
330
366
50H
CXA1304-0000-000N0UA250H
50F
CXA1304-0000-000N0UA250F
A4
355
396
CXA1304-0000-000N0UA450H
CXA1304-0000-000N0UA450F


Podobny numer części - CXA1304-0000-000C0U9440F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
CXA1304-0000-000C0U9440F CREE-CXA1304-0000-000C0U9440F Datasheet
3Mb / 30P
   XLamp LED
More results

Podobny opis - CXA1304-0000-000C0U9440F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P250H CREE-CXA1816-0000-000N00P250H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com