Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA1820-0000-000N0HP40E3 Arkusz danych(PDF) 5 Page - Cree, Inc

Numer części CXA1820-0000-000N0HP40E3
Szczegółowy opis  LED array expands Cree?셲 family of high?멹lux, multi-die arrays
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CREE [Cree, Inc]
Strona internetowa  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1820-0000-000N0HP40E3 Arkusz danych(HTML) 5 Page - Cree, Inc

  CXA1820-0000-000N0HP40E3 Datasheet HTML 1Page - Cree, Inc CXA1820-0000-000N0HP40E3 Datasheet HTML 2Page - Cree, Inc CXA1820-0000-000N0HP40E3 Datasheet HTML 3Page - Cree, Inc CXA1820-0000-000N0HP40E3 Datasheet HTML 4Page - Cree, Inc CXA1820-0000-000N0HP40E3 Datasheet HTML 5Page - Cree, Inc CXA1820-0000-000N0HP40E3 Datasheet HTML 6Page - Cree, Inc CXA1820-0000-000N0HP40E3 Datasheet HTML 7Page - Cree, Inc CXA1820-0000-000N0HP40E3 Datasheet HTML 8Page - Cree, Inc CXA1820-0000-000N0HP40E3 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
5
XLamp CXa1820 LED
Notes
Creemaintainsatoleranceof±7%onfluxandpowermeasurements,±0.005onchromaticity(CCx,CCy)measurementsanda
toleranceof±2onCRImeasurements.
*
Fluxvalues@25°Carecalculatedandforreferenceonly.
fluX characteristics, ansi White order codes and bins (i
f = 550 ma, tJ = 85 °c)
The following tables provide order codes for XLamp CXA1820 LeDs. For a complete description of the order code
nomenclature, please reference Bin and order Code Formats (page 12).
cct
range
cri
base order codes
min. luminous flux
@ 550 ma
chromaticity regions
order code
min
typ
group
flux (lm)
@ 85 °c
flux (lm)
@ 25 °c*
5000 K
70
75
Q4
2260
2560
3A0, 3B0, 3C0, 3D0
CXA1820-0000-000N00Q40e3
R2
2420
2741
CXA1820-0000-000N00R20e3
R4
2600
2916
CXA1820-0000-000N00R40e3
80
---
p4
1965
2226
3A0, 3B0, 3C0, 3D0
CXA1820-0000-000N0Hp40e3
Q2
2100
2379
CXA1820-0000-000N0HQ20e3
Q4
2260
2560
CXA1820-0000-000N0HQ40e3
R2
2420
2741
CXA1820-0000-000N0HR20e3
90
95
N4
1710
1937
3A0, 3B0, 3C0, 3D0
CXA1820-0000-000N0UN40e3
p2
1830
2073
CXA1820-0000-000N0Up20e3
p4
1965
2226
CXA1820-0000-000N0Up40e3
4000 K
70
75
Q2
2100
2379
5A0, 5B0, 5C0, 5D0
CXA1820-0000-000N00Q20e5
Q4
2260
2560
CXA1820-0000-000N00Q40e5
R2
2420
2741
CXA1820-0000-000N00R20e5
80
---
p4
1965
2226
5A0, 5B0, 5C0, 5D0
CXA1820-0000-000N0Hp40e5
Q2
2100
2379
CXA1820-0000-000N0HQ20e5
Q4
2260
2560
CXA1820-0000-000N0HQ40e5
90
95
N2
1590
1801
5A0, 5B0, 5C0, 5D0
CXA1820-0000-000N0UN20e5
N4
1710
1937
CXA1820-0000-000N0UN40e5
p2
1830
2073
CXA1820-0000-000N0Up20e5


Podobny numer części - CXA1820-0000-000N0HP40E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA1821 SONY-CXA1821 Datasheet
220Kb / 13P
   RF Amplifier for CD Players
CXA1821M SONY-CXA1821M Datasheet
220Kb / 13P
   RF Amplifier for CD Players
CXA1826Q SONY-CXA1826Q Datasheet
430Kb / 19P
   6-BIT 140 MSPS FLASH A/D CONVERTER
CXA1829N SONY-CXA1829N Datasheet
264Kb / 15P
   8ch. Read/Write Amplifier for Thin Film Heads of Hard Disk Drive
More results

Podobny opis - CXA1820-0000-000N0HP40E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P250H CREE-CXA1816-0000-000N00P250H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
logo
Ohmite Mfg. Co.
RES-30 OHMITE-RES-30 Datasheet
229Kb / 3P
   Ohmite Manufacturing?셲 family of High Energy
logo
Cree, Inc
CGD15HB62LP CREE-CGD15HB62LP Datasheet
439Kb / 8P
   Optimized for Cree?셲 High Performance
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com