Zakładka z wyszukiwarką danych komponentów |
|
CXA2540-0000-000N0UT427F Arkusz danych(PDF) 1 Page - Cree, Inc |
|
CXA2540-0000-000N0UT427F Arkusz danych(HTML) 1 Page - Cree, Inc |
1 / 19 page Product family data sheet Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and easyWhite® are registered trademarks of Cree, Inc. Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 cree ® Xlamp® cXa2540 led Product descriPtion The XLamp CXA2540 LeD array expands Cree’s family of high‑flux, multi-die integrated arrays, offering high performance in an easy-to-use platform. With XLamp lighting-class reliability, the CXA2540’s uniform emitting surface enables both directional and non-directional lighting applications and luminaire and lamp designs. Available in 2-step and 4-step color consistency, and featuring a 19-mm optical source, the CXA2540 brings new levels of flux and efficacy to this form factor. features • Available in ANSI white bins as well as 4-step and 2-step easyWhite® bins at 2700 K, 3000 K, 3500 K, 4000 K and 5000 K CCT • Available in ANSI white bins as well as 4-step easyWhite bins at 5700 K and 6500 K CCT • Available in 70-, 80-, 90- and 93-minimum CRI options • Forward voltage: 37 v • 85 °C binning and characterization • maximum drive current: 2100 mA • 115° viewing angle, uniform chromaticity profile • Top-side solder connections • Thermocouple attach point • NEMA SSL‑3 2011 standard flux bins • mechanical and optical footprint consistent with CXA2520 and CXA2530 • RoHS- and ReACh-compliant • UL-recognized component (e349212) table of contents Characteristics .............................. 2 operating Limits............................ 2 Flux Characteristics, easyWhite order Codes and Bins .................... 3 Flux Characteristics, ANSI White order Codes and Bins .................... 6 Relative Spectral power Distribution . 9 electrical Characteristics................. 9 Relative Luminous Flux..................10 Typical Spatial Distribution.............11 performance Groups - Brightness....11 performance Groups - Chromaticity.12 Cree easyWhite Bins plotted on the 1931 CIe Color Space ...................14 Cree ANSI White Bins plotted on the 1931 CIe Color Space ..............15 Bin and order Code Formats ..........16 mechanical Dimensions..................16 Thermal Design............................17 Notes..........................................18 packaging....................................19 |
Podobny numer części - CXA2540-0000-000N0UT427F |
|
Podobny opis - CXA2540-0000-000N0UT427F |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |