Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA2530-0000-000N00U240H Arkusz danych(PDF) 3 Page - Cree, Inc

Numer części CXA2530-0000-000N00U240H
Szczegółowy opis  Retail Track Light Reference Design
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CREE [Cree, Inc]
Strona internetowa  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2530-0000-000N00U240H Arkusz danych(HTML) 3 Page - Cree, Inc

  CXA2530-0000-000N00U240H Datasheet HTML 1Page - Cree, Inc CXA2530-0000-000N00U240H Datasheet HTML 2Page - Cree, Inc CXA2530-0000-000N00U240H Datasheet HTML 3Page - Cree, Inc CXA2530-0000-000N00U240H Datasheet HTML 4Page - Cree, Inc CXA2530-0000-000N00U240H Datasheet HTML 5Page - Cree, Inc CXA2530-0000-000N00U240H Datasheet HTML 6Page - Cree, Inc CXA2530-0000-000N00U240H Datasheet HTML 7Page - Cree, Inc CXA2530-0000-000N00U240H Datasheet HTML 8Page - Cree, Inc CXA2530-0000-000N00U240H Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
XLAMP CXA2530/CXA2540 RETAIL TRACK LIGHT REFERENCE DESIGN
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
and EasyWhite™ is a trademark of Cree, Inc. For product specifications, please see the data sheets available at www.cree.com. For warranty information, please contact Cree Sales
at sales@cree.com.
importance
Characteristics
units
Critical
Luminous flux
lumens (lm)
Light intensity - center beam candle power (CBCP)
candelas (cd)
Beam angle - full width half maximum (FWHM)
degrees (°)
Luminaire efficacy
lm/w
electrical power
watts (w)
Important
Lifetime
hours
operating temperatures
°C
Correlated color temperature (CCT)
K
Color rendering index (CrI)
100-point scale
Power factor
Table 2: Ranked design criteria for a track light
Table 3 and Table 4 summarize the eNerGY STAr® requirements for directional commercial and residential luminaires.3
Luminaire Type
Luminaire Efficacy (Initial)
EnERgy sTAR REquiREmEnTs
Luminaire minimum Light
Output (Initial)
Luminaire Zonal Lumen
Density Requirement
Accent Lights
• includes line voltage track heads
• includes directional ceiling fan
light kits
35 lm/w
Luminaire shall deliver a minimum
of 200 lumens per head.
Luminaire shall deliver a minimum
of 80% of total initial lumens within
the 0-40° zone (axially symmetric
about the center of the beam).
Table 3: ENERGY STAR luminous efficacy, output and zonal lumen density requirements
Characteristic
Requirements
Light source life requirements: all
luminaires
The LeD package(s) / LeD module(s) / LeD array(s), including those incorporated into LeD light engines or
GU24 based integrated LeD lamps, shall meet the following L70 lumen maintenance life values (refer to Lumen
maintenance requirements in the next section):
• 25,000 hours for residential grade indoor luminaires
• 35,000 hours for residential grade outdoor luminaires
• 35,000 hours for commercial grade luminaires
Lumen maintenance life projection claims in excess of the above requirements shall be substantiated with a
Tm-21 lumen maintenance life projection report.
3
ENERGY STAR Program Requirements, Product Specification for Luminaires (Light Fixtures), Eligibility Criteria, Version 1.2,
www.energystar.gov/ia/partners/product_specs/program_reqs/Final_Luminaires_V1_2.pdf?7b7d-2473


Podobny numer części - CXA2530-0000-000N00U240H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
CXA2530-0000-000N00U240H CREE-CXA2530-0000-000N00U240H Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA2530 LED
More results

Podobny opis - CXA2530-0000-000N00U240H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
CLD-AP70 CREE-CLD-AP70 Datasheet
948Kb / 11P
   Cree/NXP Task Light Reference Design
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
   Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
   REFERENCE DESIGN
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
   Tiny Reference Design
01/02/08
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50 Datasheet
2Mb / 24P
   Complete Reference Design
logo
Zoran Corporation
SUPRAHD-680 ZORAN-SUPRAHD-680 Datasheet
95Kb / 2P
   DTV Reference Design
logo
Broadcom Corporation.
BCM953128R BOARDCOM-BCM953128R Datasheet
150Kb / 2P
   UNMANAGED REFERENCE DESIGN
06/10/10
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
   Reference Design Kit
logo
Silicon Laboratories
WL-TRANSCVR-RD SILABS-WL-TRANSCVR-RD Datasheet
137Kb / 4P
   Reference Design Documentation
logo
Zoran Corporation
SUPRAHD-660 ZORAN-SUPRAHD-660 Datasheet
79Kb / 2P
   DTV Reference Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com