Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CBC3112 Arkusz danych(PDF) 2 Page - Cymbet Corporation

Numer części CBC3112
Szczegółowy opis  EnerChip CC Backup Power for Epson RX-8564 Real-Time Clock
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYMBET [Cymbet Corporation]
Strona internetowa  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC3112 Arkusz danych(HTML) 2 Page - Cymbet Corporation

  CBC3112 Datasheet HTML 1Page - Cymbet Corporation CBC3112 Datasheet HTML 2Page - Cymbet Corporation CBC3112 Datasheet HTML 3Page - Cymbet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AN-1042: EnerChip™ CC Backup Power for Epson RX-8564 RTC
©2011 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
Doc AN-72-1042 Rev B
Page 2 of 3
Circuit Description and Operation
Under normal operation, the RTC derives its power from the main system supply, which might be a large coin
cell, prismatic cell, cylindrical batteries, or indirectly from wall power through a voltage regulator. Because the
EnerChip has very low self-discharge, it needs to be charged only after it has been used in the performance
of its duty as a backup power source or on a very infrequent basis to keep it fully charged when not being
used. To maintain a charge of 90% or greater on the EnerChip when it has not been used as a backup power
source for prolonged periods, the EnerChip needs no more than one hour of charging time per month. Such
a low charging duty cycle would present a negligible parasitic load to the main power source, as the EnerChip
charges quickly and its charging current decays to just a few tens of nanoamperes when fully charged. The
EnerChip CC controls the EnerChip charging function internally.
When main power is interrupted - as during line power outages or when the main battery is removed for
recharging or replacement, the backup power source provides enough energy to maintain operation of the
real-time clock. In applications where the RTC is connected to a CPU or MCU, it might be necessary to connect
the CBC31xx RESET/ line to the gate of an n-channel FET placed between the CPU/MCU ground pin and system
ground. This configuration ensures that no parasitic ESD I/O structures in the CPU/MCU are biased with the
interface bus lines, and thus draining the EnerChip.
The EnerChip CC is a surface mount device that contains a rechargeable battery with integrated battery
management that performs the charge control, discharge control, threshold voltage detection, and supply
supervisory functions all in one low profile package. It operates over the range of 2.5V to 5.5V and the
switchover threshold voltage is adjustable. A block diagram of the EnerChip CC is shown in Figure 2.
Figure 2. Block diagram of the EnerChip CC Thin Film Battery with Integrated Battery Management
EnerChip CC includes the following functional elements:
Internal charge control circuit that converts a wide range of input voltages to a tightly
regulated battery charging voltage;
Battery cutoff circuit that disconnects the load from the embedded EnerChip when the
discharge voltage reaches a preset limit;
Output pin (RESET/) that can be used to drive an interrupt line on an MCU to indicate that the
system is operating in battery-backed mode;
A voltage detection circuit allowing a user-selectable threshold trip voltage;
A control line that enables and disables the internal charge pump that can be controlled
externally to reduce power consumption when the internal EnerChip does not need to
be charged.


Podobny numer części - CBC3112

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cymbet Corporation
CBC3112 CYMBET-CBC3112 Datasheet
212Kb / 1P
   Ambiq AM1803 RTC Power Backup with EnerChip Battery
CBC3112 CYMBET-CBC3112 Datasheet
1Mb / 16P
   EnerChip CC with Integrated Power Management
CBC3112 CYMBET-CBC3112 Datasheet
202Kb / 1P
   Microchip MDP79410 RTC Power Backup with EnerChip Battery
CBC3112 CYMBET-CBC3112 Datasheet
205Kb / 1P
   Epson RX-8564 RTC Power Backup with EnerChip Battery
CBC3112-D7C CYMBET-CBC3112-D7C Datasheet
1Mb / 15P
   EnerChip CC with Integrated Power Management
More results

Podobny opis - CBC3112

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cymbet Corporation
RX-8564 CYMBET-RX-8564 Datasheet
205Kb / 1P
   Epson RX-8564 RTC Power Backup with EnerChip Battery
AN-1047 CYMBET-AN-1047 Datasheet
293Kb / 3P
   EnerChip CC Real-Time Clock Backup for K60 Microcontroller
AN-1043 CYMBET-AN-1043 Datasheet
277Kb / 3P
   EnerChip CC as Backup Power for a DS1390 Real-Time Clock
AN-1048 CYMBET-AN-1048 Datasheet
283Kb / 3P
   EnerChip CC as Backup Power for a DS1340 Real-Time Clock
CBC-EVAL-06 CYMBET-CBC-EVAL-06 Datasheet
1Mb / 11P
   EnerChip??CC Real-Time Clock Evaluation Kit
AN-1006 CYMBET-AN-1006 Datasheet
540Kb / 3P
   Backing Up Epson Toyocom Real-Time Clock Chips
logo
Intersil Corporation
ISL12008 INTERSIL-ISL12008 Datasheet
293Kb / 19P
   I2C Real Time Clock with Battery Backup
logo
Cymbet Corporation
AN-1045 CYMBET-AN-1045 Datasheet
214Kb / 3P
   EnerChip CC Backup Power for Micro Crystal RV-2123 RTC
AN-1046 CYMBET-AN-1046 Datasheet
312Kb / 3P
   EnerChip CC as Backup Power for a Microchip MCP79410 RTC
DS-72-31 CYMBET-DS-72-31 Datasheet
1Mb / 14P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com