Zakładka z wyszukiwarką danych komponentów |
|
X-647676-Y Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers |
|
X-647676-Y Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers |
3 / 4 page te.com/products/EP Economy Power Connector System TE Connectivity .100 EP 2.5 CRIMP RECEPTACLE CONTACTS Phos Bronze, Pre-Tin 26-22 AWG 8000/reel 2110989-1 .100 EP 2.5 PLUG HOUSINGS Position size 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 Housing X-2110992-Y -2 -3 -4 -5 -6 -7 -8 -9 1- -0 1- -1 1- -2 1- -3 1- -4 1- -5 1- -6 1- -7 1- -8 1- -9 2- -0 .100 EP 2.5 VERTICAL SHROUDED HEADERS Position size 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 With Boss X-2132230-Y -2 -3 -4 -5 -6 -7 -8 -9 1- -0 1- -1 1- -2 1- -3 1- -4 1- -5 1- -6 1- -7 1- -8 1- -9 2- -0 Without Boss X-2132415-Y -2 -3 -4 -5 -6 -7 -8 -9 1- -0 1- -1 1- -2 1- -3 1- -4 1- -5 1- -6 1- -7 1- -8 1- -9 2- -0 Economy Power 2.5 mm (EP 2.5) .156 ECONOMY POWER CRIMP, RECEPTACLE CONTACTS, BREAKAWAY TPA DEVICE Material/Finish Wire Size Strip Form Loose Piece TPA TPA Type Economy Power Phos Bronze,Pre-Tin 18-22 AWG 1123721-1 1318912-1 NA NA Brass,Pre-Tin 18-22 AWG 1123721-2 1318912-2 NA NA Economy Power II Phos Bronze,Pre-Tin 18-22 AWG 1744144-1 1744395-1 1-2132782-2 12 Pos Breakaway 16-20 AWG 1744201-1 1744396-1 .312 ECONOMY POWER STRAIGHT POST HEADERS Position size 2 3 4 5 6 7 8 9 10 11 12 Bulk Pack X-1123724-Y 1- -2 1- -3 1- -4 1- -5 1- -6 -- -- -- -- -- -- Tube Loaded X-1318301-Y 1- -2 1- -3 1- -4 1- -5 -- -- -- -- -- -- -- Economy Power (EP) and EP II .156 ECONOMY POWER STRAIGHT LOW-PROFILE HEADERS Position size 2 3 4 5 6 7 8 9 10 11 12 Bulk Pack X-1123723-Y 1- -2 1- -3 1- -4 1- -5 1- -6 1- -7 1- -8 1- -9 1- -0 1- -1 1-647689-2 Tube Loaded X-1318300-Y 1- -2 1- -3 1- -4 1- -5 1- -6 1- -7 1- -8 1- -9 1- -0 1- -1 -- Bulk with Pegs X-1744057-Y -2 -3 -4 -5 -6 -7 -8 -9 1- -0 1- -1 1- -2 Bulk, High Temperature X-1744055-Y -2 -3 -4 -5 -6 -7 -8 -9 1- -0 1- -1 -- Vertical Shrouded X-1877285-Y -2 -3 -4 -5 -6 -7 -8 -9 1- -0 1- -1 1- -2 Note : Additional colors available upon request. Note : Additional colors available upon request. .156 ECONOMY POWER LOW-PROFILE PLUG HOUSINGS Position size 2 3 4 5 6 7 8 9 10 11 12 Economy Power X-1123722-Y 1- -2 1- -3 1- -4 1- -5 1- -6 1- -7 1- -8 1- -9 1- -0 1- -1 1-647690-2 Economy Power II X-2132781-Y 2132813-2 -3 -4 -5 -6 -7 -8 -9 1- -0 1- -1 1- -2 .156 ECONOMY POWER RIGHT-ANGLE LOW-PROFILE POST HEADERS Position size 2 3 4 5 6 7 8 9 10 11 12 Bulk Pack X-647676-Y -2 -3 -4 -5 -6 -7 -8 -9 1- -0 1- -1 1- -2 Bulk, High Temperature X-1744056-Y -2 -3 -4 -5 -6 -7 -8 -9 1- -0 1- -1 1- -2 Note : Additional colors available upon request. .200 ECONOMY POWER POST HEADERS Position size 2 3 4 5 6 7 8 9 10 11 12 Straight X-1744037-Y -2 -3 -4 -5 -6 -7 -8 -9 1- -0 1- -1 1- -2 Right angle X-1744048-Y -2 -3 -4 -5 -6 -7 -8 -9 1- -0 1- -1 1- -2 Note : Additional colors available upon request. .200 ECONOMY POWER PLUG HOUSINGS Position size 2 3 4 5 6 7 8 9 10 11 12 Economy Power X-1744036-Y -2 -3 -4 -5 -6 -7 -8 -9 1- -0 1- -1 1- -2 Note : Additional colors available upon request. Part Number Ordering : Example for X-2110992-Y Housing* -2 thru -9 Substitute dash number listed for “Y”, therefore a -2 signifies PN 2110922-2 1- -0 thru 2- -0 Substitute first number for “X” and second number listed for “Y”, therefore a 1- -2 signifies PN 1-2110922-2 * Follow same numbering scheme throughout for other part numbers listed |
Podobny numer części - X-647676-Y |
|
Podobny opis - X-647676-Y |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |