Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-0708-560E Arkusz danych(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HCPL-0708-560E
Szczegółowy opis  High Speed CMOS Optocoupler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0708-560E Arkusz danych(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-0708-560E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-0708-560E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-0708-560E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-0708-560E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-0708-560E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0708-560E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0708-560E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0708-560E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-0708-560E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image

IEC/EN/DIN EN 60747-5-2 Insulation Related Characteristics (Option 060)
Description
Symbol
HCPL-0708 Option 060
Units
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage ≤150 V rms
I-IV
for rated mains voltage ≤300 V rms
I-III
for rated mains voltage ≤450 V rms
Climatic Classification
55/85/21
Pollution Degree (DIN VDE 0110/1.89)
2
Maximum Working Insulation Voltage
VIORM
560
V peak
Input to Output Test Voltage, Method b†
VPR
1050
V peak
VIORM x 1.875 = VPR, 100% Production
Test with tm = 1 sec, Partial Discharge < 5 pC
Input to Output Test Voltage, Method a†
VPR
840
V peak
VIORM x 1.5 = VPR, Type and Sample Test,
tm = 60 sec, Partial Discharge < 5 pC
Highest Allowable Overvoltage†
VIOTM
4000
V peak
(Transient Overvoltage, tini = 10 sec)
Safety Limiting Values
(Maximum values allowed in the event of a failure,
also see Thermal Derating curve, Figure 11.)
Case Temperature
TS
150
°C
Input Current
IS,INPUT
150
mA
Output Power
PS,OUTPUT
600
mW
Insulation Resistance at TS, V10 = 500 V
RIO
≥109
†Refer to the front of the optocoupler section of the Isolation and Control Component Designer’s Catalog, under Product Safety Regulations sec-
tion IEC/EN/DIN EN 60747-5-2, for a detailed description.
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Figure
Ambient Operating Temperature
TA
–40
+100
°C
Supply Voltages
VDD
4.5
5.5
V
Input Current (ON)
IF
10
16
mA
1, 2
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Figure
Storage Temperature
TS
–55
125
°C
Ambient Operating Temperature[1]
TA
–40
+100
°C
Supply Voltages
VDD
0
6
Volts
Output Voltage
VO
–0.5
VDD2 +0.5
Volts
Average Output Current
IO
2
mA
Average Forward Input Current
IF
20
mA
Lead Solder Temperature
260°C for 10 sec., 1.6 mm below seating plane
Solder Reflow Temperature Profile
See Solder Reflow Temperature Profile Section


Podobny numer części - HCPL-0708-560E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-0708 HP-HCPL-0708 Datasheet
264Kb / 10P
   High Speed CMOS Optocoupler
HCPL-0708060 HP-HCPL-0708060 Datasheet
264Kb / 10P
   High Speed CMOS Optocoupler
HCPL-0708500 HP-HCPL-0708500 Datasheet
264Kb / 10P
   High Speed CMOS Optocoupler
More results

Podobny opis - HCPL-0708-560E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sensitron
SHD-4134-XXX SENSITRON-SHD-4134-XXX Datasheet
85Kb / 4P
   High Speed CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0738-500E AVAGO-HCPL-0738-500E Datasheet
217Kb / 8P
   High Speed CMOS Optocoupler
HCPL-0738-000E AVAGO-HCPL-0738-000E Datasheet
167Kb / 8P
   High Speed CMOS Optocoupler
HCPL-0738 AVAGO-HCPL-0738 Datasheet
192Kb / 2P
   High Speed CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL0708 HP-HCPL0708 Datasheet
264Kb / 10P
   High Speed CMOS Optocoupler
HCPL0738 HP-HCPL0738 Datasheet
207Kb / 8P
   High Speed CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-772L AVAGO-ACPL-772L Datasheet
313Kb / 11P
   3.3V/5V High Speed CMOS Optocoupler
ACPL-072L-560E AVAGO-ACPL-072L-560E Datasheet
313Kb / 11P
   3.3V/5V High Speed CMOS Optocoupler
logo
Siemens Semiconductor G...
SFH6315 SIEMENS-SFH6315 Datasheet
69Kb / 4P
   HIGH SPEED OPTOCOUPLER
SFH6315T SIEMENS-SFH6315T Datasheet
48Kb / 4P
   HIGH SPEED OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com