Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-3101 Arkusz danych(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HCPL-3101
Szczegółowy opis  Power MOSFET/IGBT Gate Drive Optocouplers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-3101 Arkusz danych(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-3101 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-3101 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-3101 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-3101 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-3101 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-3101 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-3101 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-3101 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-3101 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Absolute Maximum Ratings
Parameter
Symbol
Device
Min.
Max.
Unit
Conditions
Fig.
Note
Storage Temperature
T
S
-55
125
°C
Operating Temperature
T
A
HCPL-3100
-40
100
°C
HCPL-3101
-40
85
Input
Continuous
I
F
HCPL-3100
25
mA
11
1
HCPL-3101
20
mA
11
1
Reverse
V
R
HCPL-3100
6
V
T
A = 25°C
Voltage
HCPL-3101
5
Supply Voltage V
CC
35
V
Output 1
Continuous
I
O1
0.1
A
1
Current
Peak Current
0.6
A
Pulse Width < 0.15
µs,
1
Duty cycle = 1%
Voltage
V
O1
35
V
Output 2
Continuous
I
O2
0.1
A
1
Current
Peak Current
0.6
A
Pulse Width < 0.15
µs,
1
Duty cycle = 1%
Output Power Dissipation
P
O
500
mW
12
1
Total Power Dissipation
P
T
550
mW
12
1
Lead Solder Temperature
270
°C for 10 s, 1.0 mm below seating plane
Current
Insulation and Safety Related Specifications
Parameter
Symbol
Value
Units
Conditions
Min. External Air Gap
L(IO1)
6.0
mm
Shortest distance measured through air, between two
(External Clearance)
conductive leads, input to output
Min. External Tracking
L(IO2)
6.0
mm
Shortest distance path measured along outside surface
Path (External
of optocoupler body between input and output leads
Creepage)
Min. Internal Plastic
0.15
mm
Through insulation distance conductor to conductor
Gap (Internal
inside the optocoupler cavity
Clearance)
Demonstrated ESD
Performance
Human Body Model: MIL-STD-
883 Method 3015.7: Class 2
Machine Model: EIAJ IC-121-
1988 (1988.3.28 Version 2),
Test Method 20, Condition
C: 1200 V
Regulatory Information
The HCPL-3100/3101 has been
approved by the following
organization:
UL
Recognized under UL 1577,
Component Recognition
Program, File E55361.


Podobny numer części - HCPL-3101

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-3101 HP-HCPL-3101 Datasheet
233Kb / 10P
   Power MOSFET/IGBT Gate Drive Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3101 AVAGO-HCPL-3101 Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers Uninterruptable power supply
HCPL-3101 AVAGO-HCPL-3101 Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
HCPL-3101 AVAGO-HCPL-3101 Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
More results

Podobny opis - HCPL-3101

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3100-500E AVAGO-HCPL-3100-500E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-3100 HP-HCPL-3100 Datasheet
233Kb / 10P
   Power MOSFET/IGBT Gate Drive Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3100-300E AVAGO-HCPL-3100-300E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
HCPL-3100 AVAGO-HCPL-3100 Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers Uninterruptable power supply
logo
Toshiba Semiconductor
TLP5214 TOSHIBA-TLP5214 Datasheet
910Kb / 20P
   Isolated IGBT/Power MOSFET gate drive
logo
ISOCOM COMPONENTS
IS314P ISOCOM-IS314P Datasheet
3Mb / 17P
   IGBT/MOSFET Gate Drive
ICPL3120 ISOCOM-ICPL3120 Datasheet
1Mb / 14P
   IGBT/MOSFET Gate Drive
IS314W ISOCOM-IS314W Datasheet
991Kb / 17P
   IGBT/MOSFET Gate Drive
IS341W ISOCOM-IS341W Datasheet
1Mb / 17P
   IGBT/MOSFET Gate Drive
IS480P ISOCOM-IS480P Datasheet
1Mb / 15P
   Isolated IGBT/MOSFET Gate Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com