Zakładka z wyszukiwarką danych komponentów |
|
3-1437285-1 Arkusz danych(PDF) 5 Page - Tyco Electronics |
|
3-1437285-1 Arkusz danych(HTML) 5 Page - Tyco Electronics |
5 / 41 page Product Specification 108-78140 Rev. A8 5 of 41 7. MEASUREMENT METHOD AND PERFORMANCE No. ITEM MEASUREMENT METHOD PERFORMANCE 7.1 External Appearance Visual and touch feeling inspection. There shall be no detrimental crack,rust,play, scratch,deformation and etc. 7.2 Feeling on Mating /Unmating Feeling is verified by mating and unmating the contact,housing and connector There should be no detrimental binding. 7.3 Insertion Force Pin contact or cap housing connector is fastened first,then receptacle contact or plug housing and plug connector are mated at a constant mating speed of approx. 100mm/min. or less toward the axis. Contact 4.9N(0.5kgf) or less Housing 58.8N(6kgf) or less Connector 98N(10kgf) or less 7.4 Withdrawal Force Pin contact or cap housing connector is fastened first,then mated receptacle contact or plug housing and the connector is pulled at a constant speed of approx. 100mm/min. or less toward the axis. (Plug housing should be installed without locking.) Contact 4.9N(0.5kgf) or less Housing 58.8N(6kgf) or less Connector 98N(10kgf) or less |
Podobny numer części - 3-1437285-1 |
|
Podobny opis - 3-1437285-1 |